| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE3C1239-24 Datasheet
# Example questions:
➢ How does the specified shielding effectiveness impact signal integrity?
➢ What is the maximum frequency this cable assembly is rated for?
➢ What is the minimum bend radius for this cable, and why is it important to adhere to this specification?
# PE3C1239-24 RF Cable Assembly
## Features
· Connectors: SMA Female to SMA Female
· Cable Type: PE-P142LL
· Velocity of Propagation: 83%
· Shielding Effectiveness: > 95 dB
· VSWR: < 1.35:1 to 18 GHz
· Minimum Bend Radius: 1 inch
· Operating Temperature: -55 to +125°C
· Compliance: RoHS, REACH
· Custom lengths available, same day shipment.
## Electrical Specifications
· Frequency Range: DC to 18 GHz
· Return Loss: 16.54 dB
· Capacitance: 25 pF/ft [82.02 pF/m]
· Insertion Loss (Max at frequency points):
- 1 GHz: 0.62 dB
- 2 GHz: 0.7 dB
- 4.5 GHz: 0.82 dB
- 9 GHz: 1 dB
- 18 GHz: 1.22 dB
## Mechanical Specifications
· Length: 24 inches [609.6 mm]
· Diameter: 0.37 inches [9.4 mm]
· Impedance: 50 Ohms
· Inner Conductor: Solid Copper, Silver Plated
· Dielectric: PTFE
· Shielding: 3 Layers (Silver Plated Copper Tape, Aluminum Polyester, Silver Plated Copper Wire)
· Jacket: FEP, Green, 0.195 in [4.95 mm] diameter
## Connector Details
· Type: SMA Female
· Impedance: 50 Ohms
· Contact Material: Beryllium Copper, Gold Plated (50µ In minimum)
· Outer Conductor: Passivated Stainless Steel (SAE-AMS-2700)
· Body Material: Passivated Stainless Steel (SAE-AMS-2700)
## Environmental & Compliance
· Operating Temperature: -55 to +125°C
· RoHS Compliant: Yes
· REACH Compliant: Yes (12/17/2015)
## Ordering Information
· Part Number Format: PE3C1239 - xx uu (xx = length in inches/cm, uu = unit of measure)
· Example: PE3C1239-12 = 12 inch cable, PE3C1239-100cm = 100 cm cable
# PE3C1239-24 RF Cable Assembly
## Features
· Connectors: SMA Female to SMA Female
· Cable Type: PE-P142LL
· Velocity of Propagation: 83%
· Shielding Effectiveness: > 95 dB
· VSWR: < 1.35:1 to 18 GHz
· Minimum Bend Radius: 1 inch
· Operating Temperature: -55 to +125°C
· Compliance: RoHS, REACH
· Custom lengths available, same day shipment.
## Electrical Specifications
· Frequency Range: DC to 18 GHz
· Return Loss: 16.54 dB
· Capacitance: 25 pF/ft [82.02 pF/m]
· Insertion Loss (Max at frequency points):
- 1 GHz: 0.62 dB
- 2 GHz: 0.7 dB
- 4.5 GHz: 0.82 dB
- 9 GHz: 1 dB
- 18 GHz: 1.22 dB
## Mechanical Specifications
· Length: 24 inches [609.6 mm]
· Diameter: 0.37 inches [9.4 mm]
· Impedance: 50 Ohms
· Inner Conductor: Solid Copper, Silver Plated
· Dielectric: PTFE
· Shielding: 3 Layers (Silver Plated Copper Tape, Aluminum Polyester, Silver Plated Copper Wire)
· Jacket: FEP, Green, 0.195 in [4.95 mm] diameter
## Connector Details
· Type: SMA Female
· Impedance: 50 Ohms
· Contact Material: Beryllium Copper, Gold Plated (50µ In minimum)
· Outer Conductor: Passivated Stainless Steel (SAE-AMS-2700)
· Body Material: Passivated Stainless Steel (SAE-AMS-2700)
## Environmental & Compliance
· Operating Temperature: -55 to +125°C
· RoHS Compliant: Yes
· REACH Compliant: Yes (12/17/2015)
## Ordering Information
· Part Number Format: PE3C1239 - xx uu (xx = length in inches/cm, uu = unit of measure)
· Example: PE3C1239-12 = 12 inch cable, PE3C1239-100cm = 100 cm cable
| Part No. | PE3C1239-24 |
| Manufacturer | PASTERNACK |
| Size | 411 Kbytes |
| Pages | 4 pages |
| Description | SMA Female to SMA Female Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |