| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PEWCP1066 Datasheet
# Example questions:
➢ What type of flange is used for both the input and output connections of this waveguide coupler?
➢ What is the typical weight of the pewcp1066 in both pounds and grams?
➢ What is the frequency range over which the pewcp1066 waveguide coupler operates?
# PEWCP1066 Waveguide Coupler
## Overview
️· Model: PEWCP1066
️· Type: WR-112 Crossguide Waveguide Coupler
️· Frequency Range: 7.05 GHz to 10 GHz
️· Nominal Coupling Level: 50 dB
## Electrical Specifications
️· Directivity: ≥ 10 dB
️· Insertion Loss: ≤ 0.1 dB
️· Main Line VSWR: ≤ 1.05:1
## Mechanical Specifications
️· Size: 4 in x 4 in [101.6 mm x 101.6 mm]
️· Weight: 1.82 lbs [825.54 g]
️· Flange Type: Square Cover
️· Flange Designation: UG-51/U
️· Material: Copper Alloy
## Compliance
️· RoHS Compliant
️· REACH Compliant (as of 12/17/2015)
## Performance Data
️· Typical performance graphs for VSWR, Coupling Value, and Directivity are available.
## Applications
️· Test Benches
️· Radar
️· Satellite
️· Microwave Radio
️· Attenuation Measurements
️· Power Measurements
️· Source Leveling
# PEWCP1066 Waveguide Coupler
## Overview
️· Model: PEWCP1066
️· Type: WR-112 Crossguide Waveguide Coupler
️· Frequency Range: 7.05 GHz to 10 GHz
️· Nominal Coupling Level: 50 dB
## Electrical Specifications
️· Directivity: ≥ 10 dB
️· Insertion Loss: ≤ 0.1 dB
️· Main Line VSWR: ≤ 1.05:1
## Mechanical Specifications
️· Size: 4 in x 4 in [101.6 mm x 101.6 mm]
️· Weight: 1.82 lbs [825.54 g]
️· Flange Type: Square Cover
️· Flange Designation: UG-51/U
️· Material: Copper Alloy
## Compliance
️· RoHS Compliant
️· REACH Compliant (as of 12/17/2015)
## Performance Data
️· Typical performance graphs for VSWR, Coupling Value, and Directivity are available.
## Applications
️· Test Benches
️· Radar
️· Satellite
️· Microwave Radio
️· Attenuation Measurements
️· Power Measurements
️· Source Leveling
| Part No. | PEWCP1066 |
| Manufacturer | PASTERNACK |
| Size | 410 Kbytes |
| Pages | 5 pages |
| Description | WR-112 50 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz |