Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE44313 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE44313 Datasheet

  • # Example questions: ➢ What is the maximum operating frequency supported by this f male connector?
    ➢ What is the recommended mating torque for securely connecting this connector?
    ➢ What material is used for the connector's contact, and what is its plating?

  • Part No.PE44313
    ManufacturerPASTERNACK
    Size354 Kbytes
    Pages3 pages
    Description75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
    Datasheet Summary with AI

    # PE44313 F Male Connector
    ## Configuration
    · Connector Type: F Male
    · Impedance: 75 Ohms
    · Attachment: Crimp/Solder
    · Cable Type: RG6-CATV
    · Body Geometry: Straight
    · Hex Size: 7/16 inch

    ## Features & Performance
    · Max Frequency: 1,000 MHz
    · VSWR: 1.3:1

    ## Electrical Specifications
    · Frequency Range: DC to 1,000 MHz
    · Operating Voltage: 500 V rms

    ## Mechanical Specifications
    · Length: 1.145 in [29.08 mm]
    · Width/Diameter: 0.433 in [11.00 mm]

    · Weight: 0.027 lbs [12.25 g]
    · Mating Torque: 12 to 15 in-lbs [1.36 to 1.70 Nm]

    ## Material Specifications
    · Contact: Brass with Gold Plating (100 µin minimum)
    · Insulation: PTFE
    · Body: Brass with Nickel Plating (100 µin minimum)
    · Coupling Nut: Brass with Nickel Plating (100 µin minimum)

    ## Environmental Specifications
    · Operating Temperature: -40 to +85 °C

    # PE44313 F Male Connector
    ## Configuration
    · Connector Type: F Male
    · Impedance: 75 Ohms
    · Attachment: Crimp/Solder
    · Cable Type: RG6-CATV
    · Body Geometry: Straight
    · Hex Size: 7/16 inch

    ## Features & Performance
    · Max Frequency: 1,000 MHz
    · VSWR: 1.3:1

    ## Electrical Specifications
    · Frequency Range: DC to 1,000 MHz
    · Operating Voltage: 500 V rms

    ## Mechanical Specifications
    · Length: 1.145 in [29.08 mm]
    · Width/Diameter: 0.433 in [11.00 mm]
    · Weight: 0.027 lbs [12.25 g]
    · Mating Torque: 12 to 15 in-lbs [1.36 to 1.70 Nm]

    ## Material Specifications
    · Contact: Brass with Gold Plating (100 µin minimum)
    · Insulation: PTFE
    · Body: Brass with Nickel Plating (100 µin minimum)
    · Coupling Nut: Brass with Nickel Plating (100 µin minimum)

    ## Environmental Specifications
    · Operating Temperature: -40 to +85 °C

    Part No.PE44313
    ManufacturerPASTERNACK
    Size354 Kbytes
    Pages3 pages
    Description75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com