| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 78L05L-S08-B Datasheet
# Example questions:
➢ For the utc78l18, what is the recommended input voltage range for normal operation, and what is the dropout voltage?
➢ What is the maximum steady state usable output current dependent on, and list three factors?
➢ What is the typical operating quiescent current range for the utc78l12 when the output current is 0ma and the junction temperature is 25°c?
# 78LXX LINEAR INTEGRATED CIRCUIT
## 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
️· Description: Monolithic fixed voltage regulator IC, suitable for applications requiring up to 100mA supply current.
️· Features:
- Output current up to 100mA
- Fixed output voltages: 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V
- Thermal overload shutdown protection
- Short circuit current limiting
️· Packages: TO-92, SOP-8, SOT-89, SOT-25, TO-92NL
## ORDERING INFORMATION
️· Available in various packages (see above).
️· Lead-free and halogen-free options available.
️· Pin Assignment:
- O: Output
- G: GND
- I: Input
- N: No Connection
## MARKING INFORMATION
️· Voltage codes for each package:
- 05: 5.0V
- 06: 6.0V
- 08: 8.0V
- 09: 9.0V
- 10: 10V
- 12: 12V
- 15: 15V
- 18: 18V
## ABSOLUTE MAXIMUM RATINGS
️· Input Voltage (VOUT=5-9V): 30V
️· Input Voltage (VOUT=10-18V): 35V
️· Output Current: 100mA
️· Power Dissipation: (Varies by package - see datasheet for specific values: 240mW - 625mW)
️· Junction Temperature: +150°C
️· Operating Temperature: -40°C to +125°C
️· Storage Temperature: -55°C to +150°C
## ELECTRICAL CHARACTERISTICS (Example - varies by voltage)
️· Output Voltage (VOUT): (Varies by model - typically 4.75V to 5.25V for 5V regulator)
️· Load Regulation: (Varies by model, typically 15-90mV)
️· Line Regulation: (Varies by model, typically 8-300mV)
️· Quiescent Current (IQ): 2.0-6.5mA (Varies by model)
️· Dropout Voltage (VD): 1.7V
️· Ripple Rejection (RR): 45-60dB
## APPLICATION CIRCUIT
️· Standard 3-terminal regulator configuration with input, output, and ground.
️· 0.33μF input capacitor (C1) and 0.1μF output capacitor (C0) recommended for stability.
## TYPICAL CHARACTERISTICS
️· Graphs illustrate characteristics such as output voltage vs input voltage, dropout voltage, and power dissipation vs ambient temperature.
# 78LXX LINEAR INTEGRATED CIRCUIT
## 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
️· Description: Monolithic fixed voltage regulator IC, suitable for applications requiring up to 100mA supply current.
️· Features:
- Output current up to 100mA
- Fixed output voltages: 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V
- Thermal overload shutdown protection
- Short circuit current limiting
️· Packages: TO-92, SOP-8, SOT-89, SOT-25, TO-92NL
## ORDERING INFORMATION
️· Available in various packages (see above).
️· Lead-free and halogen-free options available.
️· Pin Assignment:
- O: Output
- G: GND
- I: Input
- N: No Connection
## MARKING INFORMATION
️· Voltage codes for each package:
- 05: 5.0V
- 06: 6.0V
- 08: 8.0V
- 09: 9.0V
- 10: 10V
- 12: 12V
- 15: 15V
- 18: 18V
## ABSOLUTE MAXIMUM RATINGS
️· Input Voltage (VOUT=5-9V): 30V
️· Input Voltage (VOUT=10-18V): 35V
️· Output Current: 100mA
️· Power Dissipation: (Varies by package - see datasheet for specific values: 240mW - 625mW)
️· Junction Temperature: +150°C
️· Operating Temperature: -40°C to +125°C
️· Storage Temperature: -55°C to +150°C
## ELECTRICAL CHARACTERISTICS (Example - varies by voltage)
️· Output Voltage (VOUT): (Varies by model - typically 4.75V to 5.25V for 5V regulator)
️· Load Regulation: (Varies by model, typically 15-90mV)
️· Line Regulation: (Varies by model, typically 8-300mV)
️· Quiescent Current (IQ): 2.0-6.5mA (Varies by model)
️· Dropout Voltage (VD): 1.7V
️· Ripple Rejection (RR): 45-60dB
## APPLICATION CIRCUIT
️· Standard 3-terminal regulator configuration with input, output, and ground.
️· 0.33μF input capacitor (C1) and 0.1μF output capacitor (C0) recommended for stability.
## TYPICAL CHARACTERISTICS
️· Graphs illustrate characteristics such as output voltage vs input voltage, dropout voltage, and power dissipation vs ambient temperature.
| Part No. | 78L05L-S08-B |
| Manufacturer | UTC |
| Size | 214 Kbytes |
| Pages | 8 pages |
| Description | 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |