| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LR9101G-18-AE3-R Datasheet
# Example questions:
➢ What is the maximum output current (iout) the lr9101 can deliver?
➢ What is the ripple rejection (rr) of the lr9101, and under what test conditions is it specified?
➢ What is the typical supply current (iss) of the lr9101 when the output is not loaded (iout = 0a)?
# LR9101 CMOS IC
## Overview
Low Noise 300mA LDO Regulator for portable communication, electrical appliances, and battery-powered equipment.
## Features
️· Supply Current: 50µA (Typ.)
️· Standby Mode: 0.1µA (Typ.)
️· Ripple Rejection: 70dB @ 1kHz, VOUT=2.5V
️· Line Regulation: 0.02%/V (Typ.)
️· Recommended Capacitors: CIN=COUT=1µF or more (Ceramic)
## Ordering Information
️· Package Options: SOT-23-3, SOT-23, SOT-23-5, SOT-343, SOT-353
️· Lead Finish: Lead Free (L) or Halogen Free (G)
️· Packing: Tape Reel
️· Example: LR9101L-xx-AE2-R (Lead Free, SOT-23-3, Tape Reel)
## Marking Information
️· Voltage Code (xx):
- 10: 1.0V
- 12: 1.2V
- 15: 1.5V
- 18: 1.8V
- 25: 2.5V
- 27: 2.7V
- 28: 2.8V
- 29: 2.9V
- 30: 3.0V
- 33: 3.3V
## Pin Configuration
️· VIN: Input Pin
️· GND: Ground Pin
️· VOUT: Output Pin
️· CE: Chip Enable (Active High)
️· NC: No Connection (SOT-23-5 package only)
## Absolute Maximum Ratings
️· Input Voltage (VIN): 6V
️· Output Current (IOUT): 400mA
️· Power Dissipation: 250mW - 300mW (depending on package)
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -55°C to +125°C
## Electrical Characteristics
️· Output Voltage Accuracy: ±20mV (VOUT > 2.0V)
️· Load Regulation: 20-40mV (1mA ≤ IOUT ≤ 150mA)
️· Dropout Voltage: 0.15V - 0.60V (depending on VOUT and IOUT)
# LR9101 CMOS IC
## Overview
Low Noise 300mA LDO Regulator for portable communication, electrical appliances, and battery-powered equipment.
## Features
️· Supply Current: 50µA (Typ.)
️· Standby Mode: 0.1µA (Typ.)
️· Ripple Rejection: 70dB @ 1kHz, VOUT=2.5V
️· Line Regulation: 0.02%/V (Typ.)
️· Recommended Capacitors: CIN=COUT=1µF or more (Ceramic)
## Ordering Information
️· Package Options: SOT-23-3, SOT-23, SOT-23-5, SOT-343, SOT-353
️· Lead Finish: Lead Free (L) or Halogen Free (G)
️· Packing: Tape Reel
️· Example: LR9101L-xx-AE2-R (Lead Free, SOT-23-3, Tape Reel)
## Marking Information
️· Voltage Code (xx):
- 10: 1.0V
- 12: 1.2V
- 15: 1.5V
- 18: 1.8V
- 25: 2.5V
- 27: 2.7V
- 28: 2.8V
- 29: 2.9V
- 30: 3.0V
- 33: 3.3V
## Pin Configuration
️· VIN: Input Pin
️· GND: Ground Pin
️· VOUT: Output Pin
️· CE: Chip Enable (Active High)
️· NC: No Connection (SOT-23-5 package only)
## Absolute Maximum Ratings
️· Input Voltage (VIN): 6V
️· Output Current (IOUT): 400mA
️· Power Dissipation: 250mW - 300mW (depending on package)
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -55°C to +125°C
## Electrical Characteristics
️· Output Voltage Accuracy: ±20mV (VOUT > 2.0V)
️· Load Regulation: 20-40mV (1mA ≤ IOUT ≤ 150mA)
️· Dropout Voltage: 0.15V - 0.60V (depending on VOUT and IOUT)
| Part No. | LR9101G-18-AE3-R |
| Manufacturer | UTC |
| Size | 216 Kbytes |
| Pages | 5 pages |
| Description | LOW NOISE 300mA LDO REGULATOR |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |