Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP5000 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TP5000 Datasheet

  • # Example questions: ➢ What industry standards and certifications does the timeprovider 5000 comply with, as listed in the document?
    ➢ What is the maximum number of ptp clients supported per ioc card at a 128 messages per second rate?
    ➢ What gnss input options are available for the timeprovider 5000, and how many antenna types are supported?

  • Part No.TP5000
    ManufacturerMICROSEMI
    Size273 Kbytes
    Pages3 pages
    DescriptionRedundant hardware: inputs, outputs,clock, power
    Datasheet Summary with AI

    1. Overview & Purpose

    ️· What it is: The Microsemi TimeProvider 1000 is a network timing server designed for precise synchronization of network devices and systems. It's a carrier-class solution.
    ️· Typical Use Case: Synchronization of remote base stations (NodeBs/BTSs) in a wireless backhaul infrastructure, but applicable to other networks needing high precision timing. The introductory text explicitly mentions this "typical wireless backhaul application."

    2. Core Timing Capabilities & Features

    ️· Precision: Extremely high precision in time and frequency synchronization.
    ️· Multiple Timing Sources: Accepts multiple timing inputs:
    - GPS (with antenna options, including GPS/Beidou)
    - E1/T1 (serial interfaces)
    - 1PPS and TOD (Pulse Per Second/Time of Day)
    ️· Output Options: Provides multiple outputs for distributing timing signals:
    - Gigabit Ethernet (PTP, NTP, SyncE) - 2 per I/O Module
    - E1/T1 (serial interfaces)
    - 10MHz frequency output
    - 1 PPS (Pulse Per Second)
    ️· Protocols Supported:
    - IEEE 1588 (PTP) – Primary protocol for precision timing. Supports L3 unicast, L3 multicast and L2 multicast.
    - NTP – Network Time Protocol (optional, can act as a Stratum 1 server)
    - IPv4, DHCP, SNMP, SYSLOG, RADIUS, SSH, TELNET
    ️· Client Capacity: High client capacity, a crucial feature for large networks.
    - PTP: Up to 1000 clients per I/O card (at 128 messages per second)
    - NTP: Up to 20,000 transactions per second (with NTP server option)
    ️· PDV Measurement: Provides PDV (Phase Displacement) measurements for synchronization quality monitoring.
    ️· Redundancy: Dual redundant power inputs for increased reliability.
    ️· Time Pictra Integration: Compatible with Microsemi's TimePictra timing analysis software (purchased separately).

    3. Hardware Specifications

    ️· Physical Dimensions: 44mm H x 483mm W x 535mm D (approximately 1.75” x 19” x 17”)
    ️· Weight: 4.4 kg (9.6 lbs)
    ️· Power Requirements: -38.4 VDC to -75 VDC, 43W typical.
    ️· Operating Temperature: -5°C to +45°C
    ️· Hardware Modules: I/O Module, IMC Module, IOC (Quartz), IOC (Rubidium)

    4. Performance Specifications (Key Metrics)

    ️· Frequency Accuracy (Tracking to GPS): PRS/PRC quality
    ️· Holdover Accuracy: Significantly better with the Rubidium IOC (G.812 Type II) compared to the Quartz IOC (G.812 Type I)
    ️· Time Accuracy: <100ns when locked to GPS (PRTC Compliant)
    ️· Time Stamp Precision: <10ns RMS typical
    ️· Time Pictra Integration: Compatible with Microsemi's TimePictra timing analysis software (purchased separately).

    5. Software & Licensing Options (Purchasable)

    ️· 500 VLAN license
    ️· L2/L3 Multicast PTP and 2-step clock license
    ️· NTP server with 20,000 TPS license
    ️· NTP server with 120,000 TPS license
    ️· TimeProvider Expansion10 16 port license (adds availability of ports 9-16 to standard 8 ports)
    ️· SNMP v2c, v3 license

    6. Certifications & Standards Compliance

    ️· CE Certified
    ️· EMC Compliance
    ️· Environmental Standards Compliance (ETSI, NEBS)
    ️· Safety Certifications (UL/cUL, IEC)
    ️· RoHS Compliant
    ️· ITU G.811, G.812, G.823, G.8261, G.8272, G.703, G.704, ETSI 300/Class 3.1

    1. Overview & Purpose

    ️· What it is: The Microsemi TimeProvider 1000 is a network timing server designed for precise synchronization of network devices and systems. It's a carrier-class solution.
    ️· Typical Use Case: Synchronization of remote base stations (NodeBs/BTSs) in a wireless backhaul infrastructure, but applicable to other networks needing high precision timing. The introductory text explicitly mentions this "typical wireless backhaul application."

    2. Core Timing Capabilities & Features

    ️· Precision: Extremely high precision in time and frequency synchronization.
    ️· Multiple Timing Sources: Accepts multiple timing inputs:
    - GPS (with antenna options, including GPS/Beidou)
    - E1/T1 (serial interfaces)
    - 1PPS and TOD (Pulse Per Second/Time of Day)
    ️· Output Options: Provides multiple outputs for distributing timing signals:
    - Gigabit Ethernet (PTP, NTP, SyncE) - 2 per I/O Module
    - E1/T1 (serial interfaces)
    - 10MHz frequency output
    - 1 PPS (Pulse Per Second)
    ️· Protocols Supported:
    - IEEE 1588 (PTP) – Primary protocol for precision timing. Supports L3 unicast, L3 multicast and L2 multicast.
    - NTP – Network Time Protocol (optional, can act as a Stratum 1 server)
    - IPv4, DHCP, SNMP, SYSLOG, RADIUS, SSH, TELNET
    ️· Client Capacity: High client capacity, a crucial feature for large networks.
    - PTP: Up to 1000 clients per I/O card (at 128 messages per second)
    - NTP: Up to 20,000 transactions per second (with NTP server option)
    ️· PDV Measurement: Provides PDV (Phase Displacement) measurements for synchronization quality monitoring.
    ️· Redundancy: Dual redundant power inputs for increased reliability.
    ️· Time Pictra Integration: Compatible with Microsemi's TimePictra timing analysis software (purchased separately).

    3. Hardware Specifications

    ️· Physical Dimensions: 44mm H x 483mm W x 535mm D (approximately 1.75” x 19” x 17”)
    ️· Weight: 4.4 kg (9.6 lbs)
    ️· Power Requirements: -38.4 VDC to -75 VDC, 43W typical.
    ️· Operating Temperature: -5°C to +45°C
    ️· Hardware Modules: I/O Module, IMC Module, IOC (Quartz), IOC (Rubidium)

    4. Performance Specifications (Key Metrics)

    ️· Frequency Accuracy (Tracking to GPS): PRS/PRC quality
    ️· Holdover Accuracy: Significantly better with the Rubidium IOC (G.812 Type II) compared to the Quartz IOC (G.812 Type I)
    ️· Time Accuracy: <100ns when locked to GPS (PRTC Compliant)
    ️· Time Stamp Precision: <10ns RMS typical
    ️· Time Pictra Integration: Compatible with Microsemi's TimePictra timing analysis software (purchased separately).

    5. Software & Licensing Options (Purchasable)

    ️· 500 VLAN license
    ️· L2/L3 Multicast PTP and 2-step clock license
    ️· NTP server with 20,000 TPS license
    ️· NTP server with 120,000 TPS license
    ️· TimeProvider Expansion10 16 port license (adds availability of ports 9-16 to standard 8 ports)
    ️· SNMP v2c, v3 license

    6. Certifications & Standards Compliance

    ️· CE Certified
    ️· EMC Compliance
    ️· Environmental Standards Compliance (ETSI, NEBS)
    ️· Safety Certifications (UL/cUL, IEC)
    ️· RoHS Compliant
    ️· ITU G.811, G.812, G.823, G.8261, G.8272, G.703, G.704, ETSI 300/Class 3.1

    Part No.TP5000
    ManufacturerMICROSEMI
    Size273 Kbytes
    Pages3 pages
    DescriptionRedundant hardware: inputs, outputs,clock, power