Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AH3507 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AH3507 Datasheet

  • # Example questions: ➢ What is the typical operating temperature range for the ah3507 sensor?
    ➢ The datasheet mentions both rohs and reach compliance. what do these standards address?
    ➢ What package types are available for the ah3507 sensor, and what are the pin assignments for each?

  • Part No.AH3507
    ManufacturerAHNJ
    Size692 Kbytes
    Pages8 pages
    DescriptionLinear Hall Sensor
    Datasheet Summary with AI

    Okay, here's a summary of the provided text. I'm separating it into a concise summary and then more detailed points.

    Concise Summary:

    The document is a datasheet for the Nanjing AH Linear Hall Sensor AH3507. It details the sensor's electrical characteristics, operating conditions, electrostatic grade, electromagnetic characteristics, package outline options, and marking information. The sensor operates within a voltage range of 4.5V to 6V, has a broad temperature range, and is designed for reliable operation.

    Detailed Points (Broken Down by Section):

    ️· General Information: The datasheet provides technical specifications for the AH3507 Linear Hall Sensor manufactured by Nanjing AH.
    ️· Features:
    - Operating Voltage: 4.5V to 6V
    - Operating Temperature: -40°C to 125°C
    - Output Type: Rail-to-Rail voltage output
    - Rated Output Current: 6mA
    - Compliance: Meets EU RoHS and REACH regulations.
    ️· Operation:
    - The sensor's output voltage changes proportionally to changes in magnetic field.
    - The sensor’s linear operational range is between -75 and +75 mT.
    ️· Electrical Characteristics (Key Parameters):
    - Supply Voltage (VCC): 4.0 – 6.0 V

    - Stationary Voltage (V0): 2.35 – 2.65 V
    - Supply Current (ICC): Max 8mA
    - Sensitivity (S): 22-28 mV/mT
    - Linearity: Defined by a linear area of +/- 75 mT.
    ️· Package Options: Available in SOT23-3L (Type M), SOT89-3L (Type S), and TO-92UA/TO-92S (Type UA) packages.
    ️· Marking: The device marking includes the part number (XX or AHXX) and a product lot number (XXXX).
    ️· Electrostatic Discharge (ESD) Protection: The device is designed to withstand electrostatic discharge up to +/- 6kV.
    ️· Notes: Includes specifics on voltage levels and linear operation.

    Concise Summary:

    The document is a datasheet for the Nanjing AH Linear Hall Sensor AH3507. It details the sensor's electrical characteristics, operating conditions, electrostatic grade, electromagnetic characteristics, package outline options, and marking information. The sensor operates within a voltage range of 4.5V to 6V, has a broad temperature range, and is designed for reliable operation.

    Detailed Points (Broken Down by Section):

    ️· General Information: The datasheet provides technical specifications for the AH3507 Linear Hall Sensor manufactured by Nanjing AH.
    ️· Features:
    - Operating Voltage: 4.5V to 6V
    - Operating Temperature: -40°C to 125°C
    - Output Type: Rail-to-Rail voltage output
    - Rated Output Current: 6mA
    - Compliance: Meets EU RoHS and REACH regulations.
    ️· Operation:
    - The sensor's output voltage changes proportionally to changes in magnetic field.
    - The sensor’s linear operational range is between -75 and +75 mT.
    ️· Electrical Characteristics (Key Parameters):
    - Supply Voltage (VCC): 4.0 – 6.0 V
    - Stationary Voltage (V0): 2.35 – 2.65 V
    - Supply Current (ICC): Max 8mA
    - Sensitivity (S): 22-28 mV/mT
    - Linearity: Defined by a linear area of +/- 75 mT.
    ️· Package Options: Available in SOT23-3L (Type M), SOT89-3L (Type S), and TO-92UA/TO-92S (Type UA) packages.
    ️· Marking: The device marking includes the part number (XX or AHXX) and a product lot number (XXXX).
    ️· Electrostatic Discharge (ESD) Protection: The device is designed to withstand electrostatic discharge up to +/- 6kV.
    ️· Notes: Includes specifics on voltage levels and linear operation.

    Part No.AH3507
    ManufacturerAHNJ
    Size692 Kbytes
    Pages8 pages
    DescriptionLinear Hall Sensor
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com