Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA2001AC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA2001AC Datasheet

  • # Example questions: ➢ What type of capacitor is recommended for both the input and output filtering, and why?
    ➢ What are the key features of the uvlo (under voltage lockout) function in the ma2001a, and what voltage range triggers it?
    ➢ What are the dimensions of the package for the tsot23-6l, specifically referencing the 'd' and 'e' parameters?

  • Part No.MA2001AC
    ManufacturerMPOWER
    Size234 Kbytes
    Pages7 pages
    Description1.4A Boost for White LED Driver
    Datasheet Summary with AI

    Okay, here's a breakdown and summary of the provided document, separated into sections for clarity.

    1. Device Overview: MA2001A

    ️· Type: Switching Power IC (likely a boost or buck-boost converter based on the description).
    ️· Application: Designed for LED driver applications, providing a regulated output current.
    ️· Key Features:
    - Adjustable output current.
    - Under Voltage Lockout (UVLO) to prevent mis-operation at low input voltages.
    - Over Voltage Protection (OVP) for open circuit protection.

    2. Circuit Operation & Design Considerations

    ️· Output Current Setting: Uses an external resistor (RSET) to determine the LED output current. The document provides equations for calculating the required resistance based on desired current levels.
    ️· Input Capacitor: Critical for reducing surge current and minimizing switching noise. Ceramic capacitors (X5R or X7R) are recommended due to their low ESR (Equivalent Series Resistance).
    ️· Output Capacitor: Ensures output voltage regulation and stability. Low ESR ceramic capacitors are also recommended.
    ️· UVLO: Shuts down the IC if the input voltage drops below 2.25V, protecting the circuit.
    ️· OVP: Monitors the output voltage. If the voltage exceeds 29V, the driver is disabled to prevent damage.

    3. Package Information (Two Options Provided)


    ️· TSOT23-6L: A smaller, surface-mount package. Detailed dimensions are provided in millimeters and inches.
    ️· SOT23-6L: Another commonly used surface-mount package, also with detailed dimensions provided in both units.

    4. Important Equations & Values (Highlights)

    ️· LED Current Setting:
    - I<sub>LED</sub> = k * R<sub>SET</sub> (where 'k' is a constant, and R<sub>SET</sub> is the external resistor)
    - Example: 20mA with R<sub>SET</sub> = 10Ω; 350mA with R<sub>SET</sub> = 0.570Ω
    ️· Input Capacitor Recommendation: 2.2uF ceramic (X5R/X7R).
    ️· Output Capacitor Recommendation: 1uF ceramic (X5R/X7R).
    ️· OVP Threshold: 29V.
    ️· UVLO Threshold: 2.25V.

    5. Document Purpose

    ️· The document serves as a datasheet or application note providing essential information for engineers using the MA2001A IC. It includes circuit design considerations, operating principles, and package details.

    In essence, this document describes a compact LED driver IC with robust protection features and provides clear guidelines for designing circuits around it.

    1. Device Overview: MA2001A

    ️· Type: Switching Power IC (likely a boost or buck-boost converter based on the description).
    ️· Application: Designed for LED driver applications, providing a regulated output current.
    ️· Key Features:
    - Adjustable output current.
    - Under Voltage Lockout (UVLO) to prevent mis-operation at low input voltages.
    - Over Voltage Protection (OVP) for open circuit protection.

    2. Circuit Operation & Design Considerations

    ️· Output Current Setting: Uses an external resistor (RSET) to determine the LED output current. The document provides equations for calculating the required resistance based on desired current levels.
    ️· Input Capacitor: Critical for reducing surge current and minimizing switching noise. Ceramic capacitors (X5R or X7R) are recommended due to their low ESR (Equivalent Series Resistance).
    ️· Output Capacitor: Ensures output voltage regulation and stability. Low ESR ceramic capacitors are also recommended.
    ️· UVLO: Shuts down the IC if the input voltage drops below 2.25V, protecting the circuit.
    ️· OVP: Monitors the output voltage. If the voltage exceeds 29V, the driver is disabled to prevent damage.

    3. Package Information (Two Options Provided)

    ️· TSOT23-6L: A smaller, surface-mount package. Detailed dimensions are provided in millimeters and inches.
    ️· SOT23-6L: Another commonly used surface-mount package, also with detailed dimensions provided in both units.

    4. Important Equations & Values (Highlights)

    ️· LED Current Setting:
    - I<sub>LED</sub> = k * R<sub>SET</sub> (where 'k' is a constant, and R<sub>SET</sub> is the external resistor)
    - Example: 20mA with R<sub>SET</sub> = 10Ω; 350mA with R<sub>SET</sub> = 0.570Ω
    ️· Input Capacitor Recommendation: 2.2uF ceramic (X5R/X7R).
    ️· Output Capacitor Recommendation: 1uF ceramic (X5R/X7R).
    ️· OVP Threshold: 29V.
    ️· UVLO Threshold: 2.25V.

    5. Document Purpose

    ️· The document serves as a datasheet or application note providing essential information for engineers using the MA2001A IC. It includes circuit design considerations, operating principles, and package details.

    In essence, this document describes a compact LED driver IC with robust protection features and provides clear guidelines for designing circuits around it.

    Part No.MA2001AC
    ManufacturerMPOWER
    Size234 Kbytes
    Pages7 pages
    Description1.4A Boost for White LED Driver
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com