| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about D449-R1LD-G2 Datasheet
# Example questions:
➢ What ul file number is associated with the d4 switch, and what does this number relate to?
➢ What are the available options for actuator length as indicated in the document (list at least three)?
➢ What materials are the case and cover of the d4 switch made from?
1. General Overview
️· Product: Cherry MX D4 Series Switch
️· Datasheet Revision: Page 1 of 2, Last saved by 2015-02-26 (Specifications Subject to Change)
2. Electrical Specifications (Contact Ratings)
| Contact | EN61058 (Rating) | UL1054 (Rating) |
|---|---|---|
| 1 | 0.1 (0.5) A, 250 VAC; 0.5 A, 30 VDC; 1 (1) A, 250 VAC | 0.1 A, 125/250 VAC; 0.5 A, 30 VDC; 1 A, 125 VAC |
| 2 | 3 (1) A, 250 VAC | 3 A, 125/250 VAC; 1/10 HP, 250 VAC |
| 3 | 6 (2) A, 250 VAC | 5 A, 125/250 VAC; ¼ HP, 250 VAC |
| 4 | 10 (3) A, 250 VAC | 10 A, 125/250 VAC; 6 A, 30 VDC; ½ HP, 125/250 VAC |
| 5 | 16 (4) A, 250 VAC | 15 A, 125/250 VAC; ½ HP, 125-250 VAC |
| 8 | 21 (8) A, 250 VAC | 21 A, 250 VAC; 1 HP, 125 VAC; 2 HP, 250 VAC |
| Terminal | Description |
|---|---|
| A1 | Welding |
| B8 | Short Solder |
| C1 | 2.8 x 0.8 (0.110 x 0.032) QC, bifurcated straight (not for D45 or D48) |
| C3 | 2.8 x 0.8 (0.110 x 0.032) QC, bifurcated dog leg (not for D45 or D48) |
| P4 | 1.2 x 0.5 (0.047 x 0.020) PCB, underside (not available for D48) |
| P5 | 1.2 x 0.5 (0.047 x 0.020) PCB, rear (not available for D48) |
| PA | 1.2 x 0.5 (0.047 x 0.020) PCB, housing side (not available for D48) |
| PB | 1.2 x 0.5 (0.047 x 0.020) PCB, cover side (not available for D48) |
| Q1 | 4.8 x 0.8 (0.187 x 0.032) QC, straight (not available for D48) |
| Q3 | 4.8 x 0.8 (0.187 x 0.032) QC, dog leg (not available for D48) |
| R1 | 4.8 x 0.5 (0.187 x 0.020) QC, straight |
| R3 | 4.8 x 0.5 (0.187 x 0.020) QC, dog leg |
| S1 | Solder with temp stop |
| V1 | 6.3 x 0.8 (0.250 x 0.032) QC, straight |
| V3 | 6.3 x 0.8 (0.250 x 0.032) QC, dog leg |
| W9 | Screw |
| Y5 | 6.3 x 0.8 (0.250 x 0.032) QC, 5 mm grid |
| Z5 | 6.3 x 0.8 (0.250 x 0.032) QC, 7 mm grid |
| Actuator | Description | Actuation Length |
|---|---|---|
| AA | Button | N/A |
| JA | SS lever, standard ratio | 21.2 (0.835) |
| JD | SS lever, standard ratio | 35.6 (1.4) |
| JL | SS lever, standard ratio | 69.9 (2.75) |
| KA | SS lever, high ratio | 25.7 (1.01) |
| KL | SS lever, high ratio | 74.4 (2.93) |
| LA | Lever, standard ratio | 21.2 (0.835) |
| LD | Lever, standard ratio | 35.6 (1.4) |
| LL | Lever, standard ratio | 69.9 (2.75) |
| MA | 25.7 (1.01) | |
| ML | 74.4 (2.93) | |
| RA | 20.6 (0.811) | |
| RD | 34.1 (1.34) | |
| SA | 20.6 (0.811) | |
| TA | 25.1 (0.988) | |
| TD | 38.6 (1.52) | |
| UA | 25.1 (0.988) |
1. General Overview
️· Product: Cherry MX D4 Series Switch
️· Datasheet Revision: Page 1 of 2, Last saved by 2015-02-26 (Specifications Subject to Change)
2. Electrical Specifications (Contact Ratings)
| Contact | EN61058 (Rating) | UL1054 (Rating) |
|---|---|---|
| 1 | 0.1 (0.5) A, 250 VAC; 0.5 A, 30 VDC; 1 (1) A, 250 VAC | 0.1 A, 125/250 VAC; 0.5 A, 30 VDC; 1 A, 125 VAC |
| 2 | 3 (1) A, 250 VAC | 3 A, 125/250 VAC; 1/10 HP, 250 VAC |
| 3 | 6 (2) A, 250 VAC | 5 A, 125/250 VAC; ¼ HP, 250 VAC |
| 4 | 10 (3) A, 250 VAC | 10 A, 125/250 VAC; 6 A, 30 VDC; ½ HP, 125/250 VAC |
| 5 | 16 (4) A, 250 VAC | 15 A, 125/250 VAC; ½ HP, 125-250 VAC |
| 8 | 21 (8) A, 250 VAC | 21 A, 250 VAC; 1 HP, 125 VAC; 2 HP, 250 VAC |
| Terminal | Description |
|---|---|
| A1 | Welding |
| B8 | Short Solder |
| C1 | 2.8 x 0.8 (0.110 x 0.032) QC, bifurcated straight (not for D45 or D48) |
| C3 | 2.8 x 0.8 (0.110 x 0.032) QC, bifurcated dog leg (not for D45 or D48) |
| P4 | 1.2 x 0.5 (0.047 x 0.020) PCB, underside (not available for D48) |
| P5 | 1.2 x 0.5 (0.047 x 0.020) PCB, rear (not available for D48) |
| PA | 1.2 x 0.5 (0.047 x 0.020) PCB, housing side (not available for D48) |
| PB | 1.2 x 0.5 (0.047 x 0.020) PCB, cover side (not available for D48) |
| Q1 | 4.8 x 0.8 (0.187 x 0.032) QC, straight (not available for D48) |
| Q3 | 4.8 x 0.8 (0.187 x 0.032) QC, dog leg (not available for D48) |
| R1 | 4.8 x 0.5 (0.187 x 0.020) QC, straight |
| R3 | 4.8 x 0.5 (0.187 x 0.020) QC, dog leg |
| S1 | Solder with temp stop |
| V1 | 6.3 x 0.8 (0.250 x 0.032) QC, straight |
| V3 | 6.3 x 0.8 (0.250 x 0.032) QC, dog leg |
| W9 | Screw |
| Y5 | 6.3 x 0.8 (0.250 x 0.032) QC, 5 mm grid |
| Z5 | 6.3 x 0.8 (0.250 x 0.032) QC, 7 mm grid |
| Actuator | Description | Actuation Length |
|---|---|---|
| AA | Button | N/A |
| JA | SS lever, standard ratio | 21.2 (0.835) |
| JD | SS lever, standard ratio | 35.6 (1.4) |
| JL | SS lever, standard ratio | 69.9 (2.75) |
| KA | SS lever, high ratio | 25.7 (1.01) |
| KL | SS lever, high ratio | 74.4 (2.93) |
| LA | Lever, standard ratio | 21.2 (0.835) |
| LD | Lever, standard ratio | 35.6 (1.4) |
| LL | Lever, standard ratio | 69.9 (2.75) |
| MA | 25.7 (1.01) | |
| ML | 74.4 (2.93) | |
| RA | 20.6 (0.811) | |
| RD | 34.1 (1.34) | |
| SA | 20.6 (0.811) | |
| TA | 25.1 (0.988) | |
| TD | 38.6 (1.52) | |
| UA | 25.1 (0.988) |
| Part No. | D449-R1LD-G2 |
| Manufacturer | ZFSWITCHES |
| Size | 306 Kbytes |
| Pages | 2 pages |
| Description | Single and Double Pole |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |