Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WQAC291AA0JT01PB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WQAC291AA0JT01PB Datasheet

  • # Example questions: ➢ What is the typical quantity of components per reel as specified in the document?
    ➢ What is the duration and temperature for the 'biased humidity' test?
    ➢ What is the specified force and duration for the 'terminal strength' test (smd) as detailed in the reliability performance section?

  • Part No.WQAC291AA0JT01PB
    ManufacturerWALSIN
    Size260 Kbytes
    Pages6 pages
    DescriptionSMD Air Wound Coil Inductors
    Datasheet Summary with AI

    # WQAC291 Series SMD Air Wound Coil Inductors

    ## Features
    · Acrylic jacket for flat top for pick and place
    · Excellent Q and SRF characteristics for RF applications (subGHz band)
    · Narrow tolerance options available
    · AEC-Q200 Qualified

    ## Applications
    · Communication systems: GSM/3G/LTE, Wi-Fi, GPS
    · Tuners: Cable, Terrestrial, Bluetooth, Wireless Audio
    · M2M: Zigbee, Proprietary wireless
    · EMI solutions in high-frequency circuits
    · Automotive

    ## Dimensions (Unit: mm)
    · WQAC291A: 3.05 (Max) x 3.18 (Max) x 0.58 ±0.38 mm
    · WQAC291B: 3.05 (Max) x 3.18 (Max) x 0.58 ±0.38 mm

    ## Ordering Information
    · WQAC291A/B - Series Code
    · Z0: Standard Extension
    · Tolerance: G(±2%), J(±5%), K(±10%)
    · Turns: T01 (1 Turn), T02 (2 Turns), T03 (3 Turns), T04 (4 Turns), T05 (5 Turns), T06 (6 Turns), T07 (7 Turns), T08 (8 Turns), T09 (9 Turns), T10 (10 Turns)
    · Packing: P (7” Reeled)

    ## Electrical Characteristics (Example - WQAC291AZ0□T01PB)
    · L (nH): 2.5 - 43.0 (depending on series and turns)
    · Q Min: 100 - 145
    · Typical Q @ Frequency (MHz): 150
    · SRF Typical (GHz): 2.1 - 12.5
    · RDC Maximum (mΩ): 1.1 - 6.8
    · Rated Current (A): 4.0

    ## Reliability Performance
    · High Temperature Exposure: 1000 hrs @ rated temp
    · Temperature Cycling: 1000 cycles (-40°C to +125°C)
    · Biased Humidity: 1000 hrs 85°C/85%RH
    · Operational Life: 1000 hrs @ 105°C
    · Mechanical Shock: 100g’s, 6ms
    · Vibration: 5g’s for 20 minutes
    · Solderability: J-STD-002
    · Flammability: UL-94 V-0 or V-1

    ## Packaging
    · Quantity per reel: 500 pcs.
    · Carrier tape & reel specifications provided in datasheet.
    · Moisture Sensitivity Level (MSL): 1 (Unlimited floor life < 30°C / 85% RH)

    # WQAC291 Series SMD Air Wound Coil Inductors

    ## Features
    · Acrylic jacket for flat top for pick and place
    · Excellent Q and SRF characteristics for RF applications (subGHz band)
    · Narrow tolerance options available
    · AEC-Q200 Qualified

    ## Applications
    · Communication systems: GSM/3G/LTE, Wi-Fi, GPS
    · Tuners: Cable, Terrestrial, Bluetooth, Wireless Audio
    · M2M: Zigbee, Proprietary wireless
    · EMI solutions in high-frequency circuits
    · Automotive

    ## Dimensions (Unit: mm)
    · WQAC291A: 3.05 (Max) x 3.18 (Max) x 0.58 ±0.38 mm
    · WQAC291B: 3.05 (Max) x 3.18 (Max) x 0.58 ±0.38 mm

    ## Ordering Information
    · WQAC291A/B - Series Code
    · Z0: Standard Extension
    · Tolerance: G(±2%), J(±5%), K(±10%)
    · Turns: T01 (1 Turn), T02 (2 Turns), T03 (3 Turns), T04 (4 Turns), T05 (5 Turns), T06 (6 Turns), T07 (7 Turns), T08 (8 Turns), T09 (9 Turns), T10 (10 Turns)
    · Packing: P (7” Reeled)

    ## Electrical Characteristics (Example - WQAC291AZ0□T01PB)
    · L (nH): 2.5 - 43.0 (depending on series and turns)
    · Q Min: 100 - 145
    · Typical Q @ Frequency (MHz): 150
    · SRF Typical (GHz): 2.1 - 12.5
    · RDC Maximum (mΩ): 1.1 - 6.8
    · Rated Current (A): 4.0

    ## Reliability Performance
    · High Temperature Exposure: 1000 hrs @ rated temp
    · Temperature Cycling: 1000 cycles (-40°C to +125°C)
    · Biased Humidity: 1000 hrs 85°C/85%RH
    · Operational Life: 1000 hrs @ 105°C
    · Mechanical Shock: 100g’s, 6ms
    · Vibration: 5g’s for 20 minutes
    · Solderability: J-STD-002
    · Flammability: UL-94 V-0 or V-1

    ## Packaging
    · Quantity per reel: 500 pcs.
    · Carrier tape & reel specifications provided in datasheet.
    · Moisture Sensitivity Level (MSL): 1 (Unlimited floor life < 30°C / 85% RH)

    Part No.WQAC291AA0JT01PB
    ManufacturerWALSIN
    Size260 Kbytes
    Pages6 pages
    DescriptionSMD Air Wound Coil Inductors
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com