| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about WLQC2929 Datasheet
# Example questions:
➢ What is the typical q factor of the wlqc2929h0□r33lb component at 50 mhz?
➢ What is the specified maximum dc resistance (dcr) for the wlqc2929h0□r50lb component?
➢ What temperature is used for the high temperature test and for how long is the component exposed?
# WLQC2929 Series SMD Square Air Wound Coil Inductors
## Features
· Excellent Q and SRF characteristics for RF applications.
· Wide range of inductance and tolerance options.
· RoHS compliant.
## Applications
· Communication systems: GSM/3G/LTE, Wi-Fi, GPS.
· Tuners: Cable/Terrestrial/BS, Bluetooth, Wireless Audio, Remote control.
· M2M: ZigBee, Proprietary wireless.
· EMI solutions in high-frequency circuits.
## Dimensions (Unit: mm)
| Series | M1 | M2 | M3 | M4 | M5 | M6 |
|---|---|---|---|---|---|---|
| WLQC2929H0□R33LB | 10.29±0.381 | 7.49±0.254 | 7.24±0.254 | 9.53 | 8.26 | 2.29 |
| WLQC2929H0□R36LB | 11.30±0.381 | 7.49±0.254 | 7.24±0.254 | 10.541 | 8.26 | 2.29 |
| WLQC2929H0□R39LB | 12.32±0.381 | 7.49±0.254 | 7.24±0.254 | 11.56 | 8.26 | 2.29 |
| WLQC2929H0□R43LB | 13.21±0.381 | 7.49±0.254 | 7.24±0.254 | 12.45 | 8.26 | 2.29 |
| WLQC2929H0□R50LB | 14.00±0.381 | 7.49±0.254 | 7.24±0.254 | 13.21 | 8.26 | 2.29 |
| Series | Tolerance | L (nH) | Q (Typ) | Test Freq (MHz) | DCR (mΩ) Max | SRF (GHz) Min | Rated Current (A) Max |
|---|---|---|---|---|---|---|---|
| WLQC2929H0□R33LB | G, J | 330 | 180 | 50 | 12.5 | 0.660 | 4.7 |
| WLQC2929H0□R36LB | G, J | 360 | 180 | 50 | 13.5 | 0.620 | 4.5 |
| WLQC2929H0□R39LB | G, J | 390 | 180 | 50 | 14.5 | 0.590 | 4.4 |
| WLQC2929H0□R43LB | G, J | 430 | 180 | 50 | 15.5 | 0.550 | 4.2 |
| WLQC2929H0□R50LB | G, J | 500 | 180 | 50 | 16.5 | 0.500 | 4.3 |
# WLQC2929 Series SMD Square Air Wound Coil Inductors
## Features
· Excellent Q and SRF characteristics for RF applications.
· Wide range of inductance and tolerance options.
· RoHS compliant.
## Applications
· Communication systems: GSM/3G/LTE, Wi-Fi, GPS.
· Tuners: Cable/Terrestrial/BS, Bluetooth, Wireless Audio, Remote control.
· M2M: ZigBee, Proprietary wireless.
· EMI solutions in high-frequency circuits.
## Dimensions (Unit: mm)
| Series | M1 | M2 | M3 | M4 | M5 | M6 |
|---|---|---|---|---|---|---|
| WLQC2929H0□R33LB | 10.29±0.381 | 7.49±0.254 | 7.24±0.254 | 9.53 | 8.26 | 2.29 |
| WLQC2929H0□R36LB | 11.30±0.381 | 7.49±0.254 | 7.24±0.254 | 10.541 | 8.26 | 2.29 |
| WLQC2929H0□R39LB | 12.32±0.381 | 7.49±0.254 | 7.24±0.254 | 11.56 | 8.26 | 2.29 |
| WLQC2929H0□R43LB | 13.21±0.381 | 7.49±0.254 | 7.24±0.254 | 12.45 | 8.26 | 2.29 |
| WLQC2929H0□R50LB | 14.00±0.381 | 7.49±0.254 | 7.24±0.254 | 13.21 | 8.26 | 2.29 |
| Series | Tolerance | L (nH) | Q (Typ) | Test Freq (MHz) | DCR (mΩ) Max | SRF (GHz) Min | Rated Current (A) Max |
|---|---|---|---|---|---|---|---|
| WLQC2929H0□R33LB | G, J | 330 | 180 | 50 | 12.5 | 0.660 | 4.7 |
| WLQC2929H0□R36LB | G, J | 360 | 180 | 50 | 13.5 | 0.620 | 4.5 |
| WLQC2929H0□R39LB | G, J | 390 | 180 | 50 | 14.5 | 0.590 | 4.4 |
| WLQC2929H0□R43LB | G, J | 430 | 180 | 50 | 15.5 | 0.550 | 4.2 |
| WLQC2929H0□R50LB | G, J | 500 | 180 | 50 | 16.5 | 0.500 | 4.3 |
| Part No. | WLQC2929 |
| Manufacturer | WALSIN |
| Size | 254 Kbytes |
| Pages | 7 pages |
| Description | SMD Square Air Wound Coil Inductors |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |