| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SF63G Datasheet
# Example questions:
➢ What is the maximum average forward rectified current for the sf61g rectifier diode when the lead length is 0.375 inches (9.5mm) and the ambient temperature is 55°c?
➢ What is the typical junction capacitance for the sf62g, sf63g, sf64g and sf65g rectifiers?
➢ What is the maximum reverse recovery time for all listed rectifier types (sf61g through sf68g) as per the provided datasheet?
# SF61G THRU SF68G Super Fast Rectifiers
## Features
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
## Mechanical Data
· Case: Molded plastic
· Epoxy: UL 94V-O rated flame retardant
· Lead: Axial leads, solderable per MIL-STD-202
· Polarity: Color band denotes cathode end
· High temperature soldering: 260°C/10 seconds
· Mounting position: Any
· Weight: 1.2 grams
## Electrical Characteristics (Typical Values)
| Parameter | Symbol | SF61G | SF62G | SF63G | SF64G | SF65G | SF66G | SF67G | SF68G | Units |
|--------------------------------|--------|-------|-------|-------|-------|-------|-------|-------|-------|-------|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 50 | 50 | 100 | 150 | 200 | 300 | 400 | 500 | V |
| Maximum RMS Voltage | VRMS | 35 | 35 | 70 | 105 | 140 | 210 | 280 | 350 | V |
| Maximum DC Blocking Voltage | VDC | 50 | 50 | 100 | 150 | 200 | 300 | 400 | 500 | V |
| Maximum Average Forward Current | I(AV) | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | A |
| Peak Forward Surge Current | IFSM | 150 | 150 | 150 | 150 | 150 | 150 | 150 | 150 | A |
| Maximum Instantaneous Forward Voltage (@ 6.0A) | VF | 0.975 | 0.975 | - | - | 1.3 | - | 1.7 | - | V |
| Maximum DC Reverse Current (@ 25°C) | IR | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | µA |
## Thermal Characteristics
· Operating Temperature Range: -65 to +150 °C
· Storage Temperature Range: -65 to +150 °C
· Typical Thermal Resistance (RθJA): 40 °C/W
· Typical Thermal Resistance (RθJL): 5.0 °C/W
## Notes
· Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
· Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
· Mount on Cu-Pad Size 16mm x 16mm on PCB.
# SF61G THRU SF68G Super Fast Rectifiers
## Features
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
## Mechanical Data
· Case: Molded plastic
· Epoxy: UL 94V-O rated flame retardant
· Lead: Axial leads, solderable per MIL-STD-202
· Polarity: Color band denotes cathode end
· High temperature soldering: 260°C/10 seconds
· Mounting position: Any
· Weight: 1.2 grams
## Electrical Characteristics (Typical Values)
| Parameter | Symbol | SF61G | SF62G | SF63G | SF64G | SF65G | SF66G | SF67G | SF68G | Units |
|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 50 | 50 | 100 | 150 | 200 | 300 | 400 | 500 | V |
| Maximum RMS Voltage | VRMS | 35 | 35 | 70 | 105 | 140 | 210 | 280 | 350 | V |
| Maximum DC Blocking Voltage | VDC | 50 | 50 | 100 | 150 | 200 | 300 | 400 | 500 | V |
| Maximum Average Forward Current | I(AV) | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | 6.0 | A |
| Peak Forward Surge Current | IFSM | 150 | 150 | 150 | 150 | 150 | 150 | 150 | 150 | A |
| Maximum Instantaneous Forward Voltage (@ 6.0A) | VF | 0.975 | 0.975 | - | - | 1.3 | - | 1.7 | - | V |
| Maximum DC Reverse Current (@ 25°C) | IR | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | µA |
| Part No. | SF63G |
| Manufacturer | TSC |
| Size | 67 Kbytes |
| Pages | 2 pages |
| Description | 6.0 AMPS. Glass Passivated Super Fast Rectifiers |