| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CL100 Datasheet
# Example questions:
➢ How does the power dissipation change for this transistor if the ambient temperature increases above 25ºc?
➢ What is the maximum collector current that the cl100 and ck100 transistors can continuously handle?
➢ What are the pin configurations for the to-39 metal can package, specifically identifying which pin is the emitter?
# CL100 and CK100 NPN Silicon Planar Transistors
## Product Description
️· Medium power transistors suitable for amplifier applications.
️· Complementary pair: CK100.
️· Metal Can Package (TO-39)
## Absolute Maximum Ratings
️· Collector-Emitter Voltage (V CER): 50 V
️· Collector-Base Voltage (V CBO): 60 V
️· Emitter-Base Voltage (V EBO): 5 V
️· Collector Current (I CM): 1 A
️· Power Dissipation (P D): 800 mW (at 25°C)
️· Total Device Dissipation: 3 W (at 25°C)
️· Operating/Storage Junction Temperature: -55°C to +175°C
## Electrical Characteristics
️· Collector-Emitter Breakdown Voltage: 50 V
️· Collector-Base Breakdown Voltage: 60 V
️· Emitter-Base Breakdown Voltage: 5 V
️· DC Current Gain (hFE): 40-300 (Classification A), 100-300 (Classification B)
️· Base-Emitter On Voltage: 0.9 V
️· Collector-Emitter Saturation Voltage: 0.6 V
## Pin Configuration (TO-39)
️· 1: Emitter
️· 2: Base
️· 3: Collector
## Dimensions (mm)
️· A: 8.50 - 9.39
️· B: 7.74 - 8.50
️· C: 6.09 - 6.60
️· D: 0.40 - 0.53
️· E: 0.88
️· F: 2.41 - 2.66
️· G: 4.82 - 5.33
️· H: 0.71 - 0.86
️· J: 0.73 - 1.02
️· K1: 2.70
️· L: 42-48 degrees
## Packing Details
️· 500 pcs per polybag (540 gm)
️· 20,000 pcs per inner carton (3" x 7.5" x 7.5")
️· 32,000 pcs per outer carton (17" x 15" x 13.5") (40 kgs)
## Disclaimer
️· Product information is provided for guidance only.
️· CDIL is not liable for inaccuracies or misuse.
️· Products are not designed for life-saving applications.
️· Specifications are subject to change without notice.
# CL100 and CK100 NPN Silicon Planar Transistors
## Product Description
️· Medium power transistors suitable for amplifier applications.
️· Complementary pair: CK100.
️· Metal Can Package (TO-39)
## Absolute Maximum Ratings
️· Collector-Emitter Voltage (V CER): 50 V
️· Collector-Base Voltage (V CBO): 60 V
️· Emitter-Base Voltage (V EBO): 5 V
️· Collector Current (I CM): 1 A
️· Power Dissipation (P D): 800 mW (at 25°C)
️· Total Device Dissipation: 3 W (at 25°C)
️· Operating/Storage Junction Temperature: -55°C to +175°C
## Electrical Characteristics
️· Collector-Emitter Breakdown Voltage: 50 V
️· Collector-Base Breakdown Voltage: 60 V
️· Emitter-Base Breakdown Voltage: 5 V
️· DC Current Gain (hFE): 40-300 (Classification A), 100-300 (Classification B)
️· Base-Emitter On Voltage: 0.9 V
️· Collector-Emitter Saturation Voltage: 0.6 V
## Pin Configuration (TO-39)
️· 1: Emitter
️· 2: Base
️· 3: Collector
## Dimensions (mm)
️· A: 8.50 - 9.39
️· B: 7.74 - 8.50
️· C: 6.09 - 6.60
️· D: 0.40 - 0.53
️· E: 0.88
️· F: 2.41 - 2.66
️· G: 4.82 - 5.33
️· H: 0.71 - 0.86
️· J: 0.73 - 1.02
️· K1: 2.70
️· L: 42-48 degrees
## Packing Details
️· 500 pcs per polybag (540 gm)
️· 20,000 pcs per inner carton (3" x 7.5" x 7.5")
️· 32,000 pcs per outer carton (17" x 15" x 13.5") (40 kgs)
## Disclaimer
️· Product information is provided for guidance only.
️· CDIL is not liable for inaccuracies or misuse.
️· Products are not designed for life-saving applications.
️· Specifications are subject to change without notice.
| Part No. | CL100 |
| Manufacturer | CDIL |
| Size | 47 Kbytes |
| Pages | 3 pages |
| Description | NPN SILICON PLANAR TRANSISTORS |