| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STFU15NM65N Datasheet
# Example questions:
➢ What is the maximum continuous drain current this mosfet can handle at a case temperature of 25°c?
➢ What is the typical drain-source on-resistance when the gate-source voltage is 10v and the drain current is 6a?
➢ How does the thermal resistance, junction-to-case, affect the device’s ability to dissipate heat?
# STFU15NM65N N-Channel Mosfet Transistor
## Features
· Drain Current: I D = 12A @ T C = 25℃
· Drain-Source Voltage: V DSS = 650V (Min)
· Fast Switching Speed
· 100% Avalanche Tested
· Minimum Lot-to-Lot Variations
· Applications: Switching applications
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | 650 | V |
| VGS | Gate-Source Voltage | ±25 | V |
| ID | Drain Current-continuous@ TC=25℃ | 12 | A |
| IDM | Pulse Drain Current | 48 | A |
| Ptot | Total Dissipation@TC=25℃ | 30 | W |
| Tj | Max. Operating Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature Range | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 4.17 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYPE | MAX | UNIT |
|---|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS=0; ID=1mA | 650 | V | ||
| VGS(th) | Gate Threshold Voltage | VDS=VGS; ID=250µA | 2 | 4 | V | |
| RDS(on) | Drain-Source On-Resistance | VGS=10V; ID=6A | 380 | mΩ | ||
| IGSS | Gate-Body Leakage Current | VGS= ±25V;VDS=0 | ±100 | nA | ||
| IDSS | Zero Gate Voltage Drain Current | VDS=Max rating | 1 | µA | ||
| IDSS | Zero Gate Voltage Drain Current | VDS=Max rating;TC=125℃ | 100 | µA | ||
| VSD | Diode Forward On-Voltage | IS=12A;VGS=0 | 1.6 | V |
# STFU15NM65N N-Channel Mosfet Transistor
## Features
· Drain Current: I D = 12A @ T C = 25℃
· Drain-Source Voltage: V DSS = 650V (Min)
· Fast Switching Speed
· 100% Avalanche Tested
· Minimum Lot-to-Lot Variations
· Applications: Switching applications
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | 650 | V |
| VGS | Gate-Source Voltage | ±25 | V |
| ID | Drain Current-continuous@ TC=25℃ | 12 | A |
| IDM | Pulse Drain Current | 48 | A |
| Ptot | Total Dissipation@TC=25℃ | 30 | W |
| Tj | Max. Operating Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature Range | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 4.17 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYPE | MAX | UNIT |
|---|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS=0; ID=1mA | 650 | V | ||
| VGS(th) | Gate Threshold Voltage | VDS=VGS; ID=250µA | 2 | 4 | V | |
| RDS(on) | Drain-Source On-Resistance | VGS=10V; ID=6A | 380 | mΩ | ||
| IGSS | Gate-Body Leakage Current | VGS= ±25V;VDS=0 | ±100 | nA | ||
| IDSS | Zero Gate Voltage Drain Current | VDS=Max rating | 1 | µA | ||
| IDSS | Zero Gate Voltage Drain Current | VDS=Max rating;TC=125℃ | 100 | µA | ||
| VSD | Diode Forward On-Voltage | IS=12A;VGS=0 | 1.6 | V |
| Part No. | STFU15NM65N |
| Manufacturer | ISC |
| Size | 294 Kbytes |
| Pages | 2 pages |
| Description | isc N-Channel Mosfet Transistor |