| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about VN-20-H-T6-PQ4-VA5-RO2 Datasheet
# Example questions:
➢ Which materials are used in the construction of the muffler?
➢ What is the specified corrosion resistance class for this vacuum generator?
➢ What is the maximum operating pressure for achieving the maximum vacuum?
# Vacuum Generator VN-20-H-T6-PQ4-VA5-RO2 (Part Number: 526145)
## General Specifications
· Part Number: 526145
· Type Code: VN
· Design: T-shape
· Symbol: 00991489
· Weight: 189 g
· Mounting: Through-hole, with accessories
· RoHS-compliant
## Performance Characteristics
· Operating Pressure: 1 bar to 8 bar
· Nominal Operating Pressure: 6 bar
· Max. Vacuum: 92%
· Operating Pressure (Max. Suction Rate): 2 bar
· Operating Pressure (Max. Vacuum): 3.5 bar
· Max. Suction Rate: 98 l/min
· Air Supply Time: 0.2 s
## Connections & Materials
· Pneumatic Connection 1: QS-10
· Pneumatic Connection 3: Pneumatic muffler open
· Vacuum Connection: G1/4
· Connecting Thread Material: Wrought aluminum alloy
· Seals Material: NBR
· Female Nozzle Material: POM
· Housing Material: POM-reinforced
· Muffler Material: Die-cast aluminum, POM, PU foam
· Jet Nozzle Material: Wrought aluminum alloy
· Pneumatic Fitting Material: Brass, Nickel-plated
## Environmental & Operating Conditions
· Operating Medium: Compressed air (ISO 8573-1:2010 [7:4:4])
· Temperature (Medium): 0 °C to 60 °C
· Temperature (Ambient): 0 °C to 60 °C
· Noise Level: 63 dB(A)
· Corrosion Resistance Class (CRC): 1 - Low corrosion stress
## Important Notes
· Operation with oil lubrication is not possible.
· Free of copper and PTFE.
· Contains paint-wetting impairment substances.
· Max. Tightening Torque: 0.8 Nm
# Vacuum Generator VN-20-H-T6-PQ4-VA5-RO2 (Part Number: 526145)
## General Specifications
· Part Number: 526145
· Type Code: VN
· Design: T-shape
· Symbol: 00991489
· Weight: 189 g
· Mounting: Through-hole, with accessories
· RoHS-compliant
## Performance Characteristics
· Operating Pressure: 1 bar to 8 bar
· Nominal Operating Pressure: 6 bar
· Max. Vacuum: 92%
· Operating Pressure (Max. Suction Rate): 2 bar
· Operating Pressure (Max. Vacuum): 3.5 bar
· Max. Suction Rate: 98 l/min
· Air Supply Time: 0.2 s
## Connections & Materials
· Pneumatic Connection 1: QS-10
· Pneumatic Connection 3: Pneumatic muffler open
· Vacuum Connection: G1/4
· Connecting Thread Material: Wrought aluminum alloy
· Seals Material: NBR
· Female Nozzle Material: POM
· Housing Material: POM-reinforced
· Muffler Material: Die-cast aluminum, POM, PU foam
· Jet Nozzle Material: Wrought aluminum alloy
· Pneumatic Fitting Material: Brass, Nickel-plated
## Environmental & Operating Conditions
· Operating Medium: Compressed air (ISO 8573-1:2010 [7:4:4])
· Temperature (Medium): 0 °C to 60 °C
· Temperature (Ambient): 0 °C to 60 °C
· Noise Level: 63 dB(A)
· Corrosion Resistance Class (CRC): 1 - Low corrosion stress
## Important Notes
· Operation with oil lubrication is not possible.
· Free of copper and PTFE.
· Contains paint-wetting impairment substances.
· Max. Tightening Torque: 0.8 Nm
| Part No. | VN-20-H-T6-PQ4-VA5-RO2 |
| Manufacturer | FESTO |
| Size | 89 Kbytes |
| Pages | 2 pages |
| Description | Vacuum generator |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |