Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FNS-JC-B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FNS-JC-B Datasheet

  • # Example questions: ➢ If a user requires a current output of 4-20ma dc, what is the input resistance of the device?
    ➢ What are the specifications for the lcd display option /e and what does it display?
    ➢ What are the available options for the power input (ac or dc) and list three dc voltage options?

  • Part No.FNS-JC-B
    ManufacturerMSYSTEM
    Size109 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners M-UNIT
    Datasheet Summary with AI

    1. Product Overview

    ️· Product: FNS Signal Conditioner
    ️· Manufacturer: M-System
    ️· Model Designation: FNS-[1][2]-[3][4]
    - `[1]` - Input Type
    - `[2]` - Output Type
    - `[3]` - Power Input
    - `[4]` - Options

    2. Ordering Information & Customization

    ️· Base Model: FNS-[1][2]-[3][4] - Specify a code from the available options for each bracketed position.
    ️· Special Ranges: Custom input and output ranges are available (requires specific specification).
    ️· Option Code /Q: For non-standard options beyond the listed choices.

    3. Input Types (Code [1])

    ️· Current Inputs: (Examples: 4-20mA, 2-10mA, 0-20mA, 0-1mA, etc.) These offer various input resistance options (e.g., 250Ω, 50Ω, 62.5Ω, 1000Ω, etc.)
    ️· Voltage Inputs: Not explicitly listed, but likely available via custom specification.
    ️· `GW`: -1 – +1 mA DC
    ️· `FW`: -10 – +10 mA DC

    4. Output Types (Code [2])

    ️· Current Outputs: (Examples: 4-20mA)
    ️· Voltage Outputs: (Examples: 0-5V, 1-5V, -10 to +10V)
    ️· Relay Outputs: Not explicitly listed, but possible via custom spec.
    ️· `A1`: 4 – 20 mA DC (Input resistance 50 Ω)

    5. Power Input (Code [3])

    ️· AC Power:
    - B: 100V AC
    - C: 110V AC
    - D: 115V AC
    - F: 120V AC
    - G: 200V AC
    - H: 220V AC
    - J: 240V AC
    ️· DC Power:
    - S: 12V DC
    - R: 24V DC
    - V: 48V DC
    - P: 110V DC

    6. Options (Code [4])

    ️· Blank: No option selected.
    ️· /E: LCD Meter (displays values as 0.0-100.0%)
    ️· /Q: For any other custom option not listed (e.g., coating, terminal material).
    - /C01: Silicone Coating
    - /C02: Polyurethane Coating
    - /C03: Rubber Coating
    - /S01: Stainless Steel Terminal Screws

    7. Specifications & Performance

    ️· Input Voltage Range: -300 to +300 V DC
    ️· Minimum Span: 3 mV
    ️· Overrange Output: 0-105% of span
    ️· Accuracy: ±0.1% of input
    ️· Display Accuracy: ±(0.1% of FS + 1 digit)
    ️· Temperature Coefficient: ±0.015%/°C
    ️· Response Time: ≤ 0.5 seconds
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
    ️· Dielectric Strength: 2000 V AC @ 1 minute
    ️· Operating Temperature: -5 to +60°C (23 to 140°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Housing: Flame-resistant resin (black)
    ️· Terminal Screw: Chromated steel (standard) or stainless steel

    8. Physical Characteristics

    ️· DIN rail mounting
    ️· External dimensions available in the documentation (diagrams shown)
    ️· Terminal assignment diagrams provided

    1. Product Overview

    ️· Product: FNS Signal Conditioner
    ️· Manufacturer: M-System
    ️· Model Designation: FNS-[1][2]-[3][4]
    - `[1]` - Input Type
    - `[2]` - Output Type
    - `[3]` - Power Input
    - `[4]` - Options

    2. Ordering Information & Customization

    ️· Base Model: FNS-[1][2]-[3][4] - Specify a code from the available options for each bracketed position.
    ️· Special Ranges: Custom input and output ranges are available (requires specific specification).
    ️· Option Code /Q: For non-standard options beyond the listed choices.

    3. Input Types (Code [1])

    ️· Current Inputs: (Examples: 4-20mA, 2-10mA, 0-20mA, 0-1mA, etc.) These offer various input resistance options (e.g., 250Ω, 50Ω, 62.5Ω, 1000Ω, etc.)
    ️· Voltage Inputs: Not explicitly listed, but likely available via custom specification.
    ️· `GW`: -1 – +1 mA DC
    ️· `FW`: -10 – +10 mA DC

    4. Output Types (Code [2])

    ️· Current Outputs: (Examples: 4-20mA)
    ️· Voltage Outputs: (Examples: 0-5V, 1-5V, -10 to +10V)
    ️· Relay Outputs: Not explicitly listed, but possible via custom spec.
    ️· `A1`: 4 – 20 mA DC (Input resistance 50 Ω)

    5. Power Input (Code [3])

    ️· AC Power:
    - B: 100V AC
    - C: 110V AC
    - D: 115V AC
    - F: 120V AC
    - G: 200V AC
    - H: 220V AC
    - J: 240V AC
    ️· DC Power:
    - S: 12V DC
    - R: 24V DC
    - V: 48V DC
    - P: 110V DC

    6. Options (Code [4])

    ️· Blank: No option selected.
    ️· /E: LCD Meter (displays values as 0.0-100.0%)
    ️· /Q: For any other custom option not listed (e.g., coating, terminal material).
    - /C01: Silicone Coating
    - /C02: Polyurethane Coating
    - /C03: Rubber Coating
    - /S01: Stainless Steel Terminal Screws

    7. Specifications & Performance

    ️· Input Voltage Range: -300 to +300 V DC
    ️· Minimum Span: 3 mV
    ️· Overrange Output: 0-105% of span
    ️· Accuracy: ±0.1% of input
    ️· Display Accuracy: ±(0.1% of FS + 1 digit)
    ️· Temperature Coefficient: ±0.015%/°C
    ️· Response Time: ≤ 0.5 seconds
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
    ️· Dielectric Strength: 2000 V AC @ 1 minute
    ️· Operating Temperature: -5 to +60°C (23 to 140°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Housing: Flame-resistant resin (black)
    ️· Terminal Screw: Chromated steel (standard) or stainless steel

    8. Physical Characteristics

    ️· DIN rail mounting
    ️· External dimensions available in the documentation (diagrams shown)
    ️· Terminal assignment diagrams provided

    Part No.FNS-JC-B
    ManufacturerMSYSTEM
    Size109 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners M-UNIT
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com