| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FVF-05-R Datasheet
# Example questions:
➢ What is the maximum input voltage the fvf signal conditioner can handle, and what is the dielectric strength rating for a unit powered by 110v dc?
➢ What are the available options for coating and terminal screw material, and where can you find detailed specifications for these options?
➢ If you need a signal conditioner with an input range of 3-5ma dc, what would the complete model number be, assuming you also require a 24v dc power supply?
1. Overview & Model Number
️· Product: FVF Signal Conditioner
️· Model Number Format: `FVF-[1][2]-[3][4]` Each bracket represents a code to select specific options.
2. Ordering Information & Code Breakdown
️· [1] INPUT:
- Current Options: A, B, C, D, E, F, G, H, GW, FW, Z (These relate to input current range and resistance, detailed below).
- Voltage Options: 3, 4, 5 (These relate to input voltage range and resistance, detailed below).
️· [2] OUTPUT:
- Current Options: A, B, C, D, E, F, G, H, GW, FW, Z (These relate to output current range, detailed below).
- Voltage Options: 3, 4, 5 (These relate to output voltage range, detailed below).
️· [3] POWER:
- K: 170-264 V AC
- L: 170-264 V AC
- R: 24 V DC
- P: 110 V DC
️· [4] OPTIONS:
- Blank: No options
- /Q: Specifies additional options. Common choices include:
■ /C01: Silicone Coating
■ /C02: Polyurethane Coating
■ /C03: Rubber Coating
■ /S01: Stainless Steel Terminal Screw Material
3. Input and Output Specifications (Details for Codes)
️· INPUT (Codes A-G and 3-5):
- The 'Input' section determines the range and input resistance for signals entering the unit. Examples:
■ A: 4-20mA DC input, 250 ohm resistance
■ 3: 0-1V DC input, 1 MΩ resistance
- 'Z' allows for specifying a custom input range.
️· OUTPUT (Codes A-G and 3-5):
- The 'Output' section determines the signal range and current/voltage available for output.
- 'Z' allows for specifying a custom output range.
4. Power Supply Options:
️· K: 170-264 V AC
️· L: 170-264 V AC
️· R: 24 V DC
️· P: 110 V DC
5. General Specifications
️· Construction: Plug-in
️· Terminals: M3.5 screw terminals (0.8 Nm torque)
️· Housing: Flame-resistant resin
️· Isolation: Input to Output to Power
️· Ranges: Overrange output of +/- 120% of span.
️· Adjustments: Zero and Span adjustments on the front panel.
️· Temperature: Operating: -5 to +55°C (23 to 131°F)
️· Humidity: 30-90% RH (non-condensing)
️· Weight: 180g
️· Accuracy: ±0.1%
️· Response Time: 180 microseconds.
️· Dielectric Strength: 1000V AC, 2000V AC, 1500V AC (depending on the power input code)
6. Important Notes:
️· Shielded Cables: Use shielded twisted-pair cables to minimize noise interference.
️· External Power: The unit requires external power as per the chosen code (K, L, R, or P).
1. Overview & Model Number
️· Product: FVF Signal Conditioner
️· Model Number Format: `FVF-[1][2]-[3][4]` Each bracket represents a code to select specific options.
2. Ordering Information & Code Breakdown
️· [1] INPUT:
- Current Options: A, B, C, D, E, F, G, H, GW, FW, Z (These relate to input current range and resistance, detailed below).
- Voltage Options: 3, 4, 5 (These relate to input voltage range and resistance, detailed below).
️· [2] OUTPUT:
- Current Options: A, B, C, D, E, F, G, H, GW, FW, Z (These relate to output current range, detailed below).
- Voltage Options: 3, 4, 5 (These relate to output voltage range, detailed below).
️· [3] POWER:
- K: 170-264 V AC
- L: 170-264 V AC
- R: 24 V DC
- P: 110 V DC
️· [4] OPTIONS:
- Blank: No options
- /Q: Specifies additional options. Common choices include:
■ /C01: Silicone Coating
■ /C02: Polyurethane Coating
■ /C03: Rubber Coating
■ /S01: Stainless Steel Terminal Screw Material
3. Input and Output Specifications (Details for Codes)
️· INPUT (Codes A-G and 3-5):
- The 'Input' section determines the range and input resistance for signals entering the unit. Examples:
■ A: 4-20mA DC input, 250 ohm resistance
■ 3: 0-1V DC input, 1 MΩ resistance
- 'Z' allows for specifying a custom input range.
️· OUTPUT (Codes A-G and 3-5):
- The 'Output' section determines the signal range and current/voltage available for output.
- 'Z' allows for specifying a custom output range.
4. Power Supply Options:
️· K: 170-264 V AC
️· L: 170-264 V AC
️· R: 24 V DC
️· P: 110 V DC
5. General Specifications
️· Construction: Plug-in
️· Terminals: M3.5 screw terminals (0.8 Nm torque)
️· Housing: Flame-resistant resin
️· Isolation: Input to Output to Power
️· Ranges: Overrange output of +/- 120% of span.
️· Adjustments: Zero and Span adjustments on the front panel.
️· Temperature: Operating: -5 to +55°C (23 to 131°F)
️· Humidity: 30-90% RH (non-condensing)
️· Weight: 180g
️· Accuracy: ±0.1%
️· Response Time: 180 microseconds.
️· Dielectric Strength: 1000V AC, 2000V AC, 1500V AC (depending on the power input code)
6. Important Notes:
️· Shielded Cables: Use shielded twisted-pair cables to minimize noise interference.
️· External Power: The unit requires external power as per the chosen code (K, L, R, or P).
| Part No. | FVF-05-R |
| Manufacturer | MSYSTEM |
| Size | 108 Kbytes |
| Pages | 4 pages |
| Description | Space-saving Plug-in Signal Conditioners F-UNIT |