| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KSF-34-J/CE Datasheet
# Example questions:
➢ What is the maximum input voltage the ksf module can handle when configured for voltage input?
➢ If you need a current output of 4-20ma, what input resistance value is specified in the documentation?
➢ What is the specified operating temperature range for the ksf module?
1. General Product Information
️· Product: KSF Series Signal Converter
️· Manufacturer: M-System
️· Website: https://www.m-system.co.jp/
️· Ordering Information: KSF-[1][2]-[3]/CE
- "[1]" Input specification (Current or Voltage)
- "[2]" Input Range
- "[3]" Output Specification
- "/CE" Indicates CE compliance.
️· Special Ranges: Custom input/output ranges can be ordered.
2. Input Specifications ([1] Codes)
️· Current Inputs:
- A: 4-20 mA (Input Resistance: 250 Ω)
- B: 2-10 mA (Input Resistance: 500 Ω)
- C: 1-5 mA (Input Resistance: 1000 Ω)
- D: 0-20 mA (Input Resistance: 50 Ω)
- E: 0-16 mA (Input Resistance: 62.5 Ω)
- F: 0-10 mA (Input Resistance: 100 Ω)
- G: 0-1 mA (Input Resistance: 1000 Ω)
- H: 10-50 mA (Input Resistance: 100 Ω)
- GW: -1 to +1 mA (Input Resistance: 1000 Ω)
- FW: -10 to +10 mA (Input Resistance: 100 Ω)
- Z: Specify current (See Input Specifications in document)
️· Voltage Inputs:
- 3: 0-1 V (Input Resistance: 1 MΩ)
- 4: 0-10 V (Input Resistance: 1 MΩ)
- 5: 0-5 V (Input Resistance: 1 MΩ)
- 6: 1-5 V (Input Resistance: 1 MΩ)
- 4W: -10 to +10 V (Input Resistance: 1 MΩ)
3. Output Specifications ([3] Codes)
*The document does not give the values for the output codes. They are missing from this text.*
4. Key Features & Technical Information
️· Input Resistance: The document specifies input resistances for current and voltage inputs, crucial for impedance matching.
️· Response Time: ≤ 500 μs (0-90%)
️· Accuracy: ±0.1%
️· Temperature Coefficient: ±0.02 %/°C
️· Line Voltage Effect: ±0.1%
️· Insulation Resistance: ≥ 100 MΩ
️· Dielectric Strength: 1000 V AC @ 1 minute (input to output to power)
2300 V AC @ 1 minute (input or output or power to ground)
️· Noise: The device doesn't eliminate input noise; shielded twisted-pair cables are recommended.
️· Mounting: Surface or DIN rail mountable.
️· Weight: 400 g
5. Standards & Compliance
️· CE compliance
️· EMC Directive
️· RoHS Directive
Missing Information
️· The document does not contain the values for the output specifications.
1. General Product Information
️· Product: KSF Series Signal Converter
️· Manufacturer: M-System
️· Website: https://www.m-system.co.jp/
️· Ordering Information: KSF-[1][2]-[3]/CE
- "[1]" Input specification (Current or Voltage)
- "[2]" Input Range
- "[3]" Output Specification
- "/CE" Indicates CE compliance.
️· Special Ranges: Custom input/output ranges can be ordered.
2. Input Specifications ([1] Codes)
️· Current Inputs:
- A: 4-20 mA (Input Resistance: 250 Ω)
- B: 2-10 mA (Input Resistance: 500 Ω)
- C: 1-5 mA (Input Resistance: 1000 Ω)
- D: 0-20 mA (Input Resistance: 50 Ω)
- E: 0-16 mA (Input Resistance: 62.5 Ω)
- F: 0-10 mA (Input Resistance: 100 Ω)
- G: 0-1 mA (Input Resistance: 1000 Ω)
- H: 10-50 mA (Input Resistance: 100 Ω)
- GW: -1 to +1 mA (Input Resistance: 1000 Ω)
- FW: -10 to +10 mA (Input Resistance: 100 Ω)
- Z: Specify current (See Input Specifications in document)
️· Voltage Inputs:
- 3: 0-1 V (Input Resistance: 1 MΩ)
- 4: 0-10 V (Input Resistance: 1 MΩ)
- 5: 0-5 V (Input Resistance: 1 MΩ)
- 6: 1-5 V (Input Resistance: 1 MΩ)
- 4W: -10 to +10 V (Input Resistance: 1 MΩ)
3. Output Specifications ([3] Codes)
*The document does not give the values for the output codes. They are missing from this text.*
4. Key Features & Technical Information
️· Input Resistance: The document specifies input resistances for current and voltage inputs, crucial for impedance matching.
️· Response Time: ≤ 500 μs (0-90%)
️· Accuracy: ±0.1%
️· Temperature Coefficient: ±0.02 %/°C
️· Line Voltage Effect: ±0.1%
️· Insulation Resistance: ≥ 100 MΩ
️· Dielectric Strength: 1000 V AC @ 1 minute (input to output to power)
2300 V AC @ 1 minute (input or output or power to ground)
️· Noise: The device doesn't eliminate input noise; shielded twisted-pair cables are recommended.
️· Mounting: Surface or DIN rail mountable.
️· Weight: 400 g
5. Standards & Compliance
️· CE compliance
️· EMC Directive
️· RoHS Directive
Missing Information
️· The document does not contain the values for the output specifications.
| Part No. | KSF-34-J/CE |
| Manufacturer | MSYSTEM |
| Size | 108 Kbytes |
| Pages | 3 pages |
| Description | Plug-in Signal Conditioners K-UNIT |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |