Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSF-34-F/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KSF-34-F/Q Datasheet

  • # Example questions: ➢ What are the available input types for the ksf module, and what input resistance is associated with a 4-20ma dc input?
    ➢ Describe the ordering information format for the ksf module, and what does the '/q' option code signify?
    ➢ What is the maximum permissible span offset for dc voltage inputs, and what is the typical operating temperature range for the ksf module?

  • Part No.KSF-34-F/Q
    ManufacturerMSYSTEM
    Size107 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT
    Datasheet Summary with AI

    1. Product Overview:

    ️· Product: KSF Signal Conditioner
    ️· Function: Converts a range of current or voltage signals into a standard output (current or voltage).
    ️· Ordering Information: `KSF-[1][2]-[3][4]`
    - `[1]` Input Type (Current or Voltage)
    - `[2]` Input Range
    - `[3]` Output Type (Current or Voltage)
    - `[4]` Options (e.g., /Q for option code, /C01/S01)

    2. Input Options ([1]):

    ️· Current Inputs:
    - A: 4 – 20 mA DC (Input resistance 250 Ω)
    - B: 2 – 10 mA DC (Input resistance 500 Ω)
    - C: 1 – 5 mA DC (Input resistance 500 Ω)
    - D: 0 – 20 mA DC (Input resistance 50 Ω)
    - E: 0 – 16 mA DC (Input resistance 62.5 Ω)
    - F: 0 – 10 mA DC (Input resistance 100 Ω)
    - G: 0 – 1 mA DC (Input resistance 1000 Ω)
    - H: 10 – 50 mA DC (Input resistance 100 Ω)
    - GW: -1 – +1 mA DC (Input resistance 1000 Ω)
    - FW: -10 – +10 mA DC (Input resistance 100 Ω)
    - Z: Specify current (See Input Specifications)
    ️· Voltage Inputs:
    - 3: 0 – 1 V DC (Input resistance 1 MΩ min.)
    - 4: 0 – 10 V DC (Input resistance 1 MΩ min.)
    - 5: 0 – 5 V DC (Input resistance 1 MΩ min.)

    3. Output Options ([3]):

    *(Not explicitly listed in the document. Assuming standard current or voltage outputs based on the 'Ordering Information' section)*

    4. Option Codes ([4]):

    ️· `/Q`: Indicates a special option, further specification needed.
    ️· `/C01`: Option code - detail unspecified in document
    ️· `/S01`: Option code - detail unspecified in document

    5. General Specifications:

    ️· Construction: Plug-in
    ️· Connections: M3.5 screw terminals
    ️· Housing Material: Flame-resistant resin (black)
    ️· Isolation: Input to output to power
    ️· Overrange Output: Approximately -10% to +120% of span
    ️· Adjustment: Zero adjustment (-5% to +5%) and span adjustment (95% to 105%) on front panel.

    6. Performance:

    ️· Accuracy: ±0.1%
    ️· Temperature Coefficient: ±0.02%/°C (±0.01%/°F)
    ️· Response Time: ≤ 500 μsec (0 – 90%)
    ️· Line Voltage Effect: ±0.1% over voltage range
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
    ️· Dielectric Strength: 1000 V AC @1 minute (input to output to power) / 2000 V AC @1 minute (input or output to ground)

    7. Installation and Environment:

    ️· Mounting: Surface or DIN rail
    ️· Weight: 400 g (0.88 lb)
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)

    8. Important Notes:

    ️· Input Resistance: Different input types have varying input resistance values (see list above).
    ️· Noise: The signal conditioner doesn't eliminate noise. Use shielded twisted-pair cables.
    ️· Customization: The `/Z` input code allows for specifying custom input ranges.

    1. Product Overview:

    ️· Product: KSF Signal Conditioner
    ️· Function: Converts a range of current or voltage signals into a standard output (current or voltage).
    ️· Ordering Information: `KSF-[1][2]-[3][4]`
    - `[1]` Input Type (Current or Voltage)
    - `[2]` Input Range
    - `[3]` Output Type (Current or Voltage)
    - `[4]` Options (e.g., /Q for option code, /C01/S01)

    2. Input Options ([1]):

    ️· Current Inputs:
    - A: 4 – 20 mA DC (Input resistance 250 Ω)
    - B: 2 – 10 mA DC (Input resistance 500 Ω)
    - C: 1 – 5 mA DC (Input resistance 500 Ω)
    - D: 0 – 20 mA DC (Input resistance 50 Ω)
    - E: 0 – 16 mA DC (Input resistance 62.5 Ω)
    - F: 0 – 10 mA DC (Input resistance 100 Ω)
    - G: 0 – 1 mA DC (Input resistance 1000 Ω)
    - H: 10 – 50 mA DC (Input resistance 100 Ω)
    - GW: -1 – +1 mA DC (Input resistance 1000 Ω)
    - FW: -10 – +10 mA DC (Input resistance 100 Ω)
    - Z: Specify current (See Input Specifications)
    ️· Voltage Inputs:
    - 3: 0 – 1 V DC (Input resistance 1 MΩ min.)
    - 4: 0 – 10 V DC (Input resistance 1 MΩ min.)
    - 5: 0 – 5 V DC (Input resistance 1 MΩ min.)

    3. Output Options ([3]):

    *(Not explicitly listed in the document. Assuming standard current or voltage outputs based on the 'Ordering Information' section)*

    4. Option Codes ([4]):

    ️· `/Q`: Indicates a special option, further specification needed.
    ️· `/C01`: Option code - detail unspecified in document
    ️· `/S01`: Option code - detail unspecified in document

    5. General Specifications:

    ️· Construction: Plug-in
    ️· Connections: M3.5 screw terminals
    ️· Housing Material: Flame-resistant resin (black)
    ️· Isolation: Input to output to power
    ️· Overrange Output: Approximately -10% to +120% of span
    ️· Adjustment: Zero adjustment (-5% to +5%) and span adjustment (95% to 105%) on front panel.

    6. Performance:

    ️· Accuracy: ±0.1%
    ️· Temperature Coefficient: ±0.02%/°C (±0.01%/°F)
    ️· Response Time: ≤ 500 μsec (0 – 90%)
    ️· Line Voltage Effect: ±0.1% over voltage range
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC
    ️· Dielectric Strength: 1000 V AC @1 minute (input to output to power) / 2000 V AC @1 minute (input or output to ground)

    7. Installation and Environment:

    ️· Mounting: Surface or DIN rail
    ️· Weight: 400 g (0.88 lb)
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)

    8. Important Notes:

    ️· Input Resistance: Different input types have varying input resistance values (see list above).
    ️· Noise: The signal conditioner doesn't eliminate noise. Use shielded twisted-pair cables.
    ️· Customization: The `/Z` input code allows for specifying custom input ranges.

    Part No.KSF-34-F/Q
    ManufacturerMSYSTEM
    Size107 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT