# HM5266 Apple Earphone Line Dedicated IC
## Overview
This IC is designed for Apple digital product earphone lines, supporting traditional earphone functionality, remote control (music/video playback, volume adjustment), and microphone features.
## Features
️· Supports button decoding for volume adjustment and music/video playback control.
️· Small size.
## Application
️· Used in Apple digital product earphone lines.
## Ordering Information
| Col1 |
封装型号 |
封装形式 |
|
HM5266 |
SOT23-6 |
## Pinout and Description
| Pin Number |
Pin Name |
Description |
| 1 |
VOL+ |
Volume+ |
| 2 |
GND |
Ground |
| 3 |
COL |
Current |
| 4 |
VDD |
Positive Power Supply |
| 5 |
VOUT |
Output |
| 6 |
VOL- |
Volume- |
## Electrical Characteristics (TA=25℃)
| Parameter |
Symbol |
Test Conditions |
Minimum |
Typical |
Maximum |
Unit |
| Supply Voltage |
VCC |
-- |
1.5 |
-- |
5 |
V |
| Working Current |
ICC |
VDD=3V |
-- |
60 |
80 |
uA |
| Standby Current |
Istandby |
VDD=3V |
-- |
3 |
5 |
uA |
| Oscillator Frequency |
Fosc |
VDD=3V |
-- |
2 |
-- |
MHz |
| Input High Level |
VIH1 |
VDD=3V |
1.5 |
-- |
-- |
V |
| Input High Level |
VIH2 |
VDD=1.5V |
1.0 |
-- |
-- |
V |
| Input Low Level |
VIL1 |
VDD=3V |
-- |
-- |
0.4 |
V |
| Input Low Level |
VIL2 |
VDD=1.5V |
-- |
-- |
0.4 |
V |
| Output High Level |
VOH1 |
VDD=3V, Isource=5mA |
2.5 |
-- |
-- |
V |
| Output High Level |
VOH2 |
VDD=1.5V, Isource=5mA |
1.2 |
-- |
-- |
V |
| Output Low Level |
VOL1 |
VDD=3V, Isink=5mA |
-- |
-- |
0.3 |
V |
| Output Low Level |
VOL2 |
VDD=1.5V, Isink=5mA |
-- |
-- |
0.3 |
V |
| Oscillator Duty Cycle |
Dclk |
-- |
45 |
50 |
55 |
% |
## Functional Description ️· Four frequencies are used:
- Head: 3.69uS=271kHz
- Key Release: 10.3uS=97kHz
- +: 7.69uS=165kHz
- -: 6.06uS=130kHz
️· Built-in 2MHz oscillator.
️· Transmission sequence:
- Handshake: After power-on (voltage > 1.8V), transmit a waveform: 0.9mS "Head" + 5.5mS "+".
- Press "+": Send 1mS "Head" + 2mS "+".
- Press "-": Send 1mS "Head" + 2mS "-".
- Release key: Send 1mS "Head" + 2mS "Key Release".
️· MIC signal is disabled during transmission.
️· PA1=L for handshake transmission, PA1=L for button waiting, PA1=H for frequency transmission.
️· Working current: <70uA during waveform transmission, 3uA during standby, <6uA during operation.
️· Can be packaged in DFN2*2 with a thickness of 0.5mm.
️· Vol+ and Vol- have internal pull-up resistors of 100kΩ.
## PCB and BOM ️· PCB diagram (visual representation).
️· BOM Table:
| Item |
Component |
Model |
Quantity |
Location |
| 1 |
PCB |
HM5266 |
1 |
|
| 2 |
Resistor |
10K 5% 0402 |
1 |
R1 |
| 3 |
IC |
HM5266 |
1 |
IC |
| 4 |
Microphone |
4013 |
1 |
MIC |
| 5 |
Pot |
Diameter 3mm |
3 |
K1\2\3 |
## Packaging Information