Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SVF-34-C/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SVF-34-C/Q Datasheet

  • # Example questions: ➢ Describe the different mounting options available for this signal conditioner.
    ➢ What are the acceptable input voltage ranges for the dc voltage input, and what is the minimum span required?
    ➢ What is the maximum load resistance for the dc current output, and what is the output drive voltage?

  • Part No.SVF-34-C/Q
    ManufacturerMSYSTEM
    Size105 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners M-UNIT
    Datasheet Summary with AI

    1. General Overview

    ️· Product: SVF Signal Conditioner. It appears to be a modular signal conditioner for converting various analog signals (current or voltage) to a standard output signal.
    ️· Construction: Plug-in module. This likely means it's designed to be used in a carrier or backplane system.
    ️· Connections: Uses M3.5 screw terminals for connections.
    ️· Isolation: Provides input-to-output and input-to-power isolation, improving noise immunity and safety.
    ️· Adjustment: Includes zero and span adjustments for calibration.
    ️· Noise Mitigation: Note in the schematic suggests using shielded twisted-pair cabling to reduce noise interference.

    2. Input Options

    The SVF offers a wide variety of input signal types and ranges:

    ️· DC Current Inputs: Ranges from 0-20mA, 2-10mA, 1-5mA, and even a specialized -1 to +1mA range. Various input resistances are offered (e.g., 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω)
    ️· DC Voltage Inputs: Offers a 0-1V range.
    ️· Specialized Inputs: Includes a -10 to +10mA range (designated 'FW').

    3. Output Options

    The documentation doesn't specify the output signal type. It just refers to "Output Driver" in the schematic. However, the user has options to change the Output via software (not stated in these documents).

    4. Installation and Specifications

    ️· Power Requirements: Not explicitly stated, but likely provided by the carrier system.
    ️· Operating Temperature: -5 to +60°C (23 to 140°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Mounting: Surface or DIN rail
    ️· Accuracy: ±0.1%
    ️· Temperature Coefficient: ±0.015%/°C (±0.008%/°F)
    ️· Response Time: ≤ 500 μs (microseconds)
    ️· Line Voltage Effect: ±0.1%
    ️· Insulation Resistance: ≥ 100 MΩ
    ️· Dielectric Strength: 1000 V AC for 1 minute (input to output to power), 2000 V AC for 1 minute (input or output to ground).
    ️· Weight: 400g

    5. Ordering Information

    The ordering part number is SVF, and a series of options are available for input types (Current or Voltage) and resistance levels.

    Summary Table

    Feature Specification
    Product Type Signal Conditioner
    Input Types DC Current (various ranges), DC Voltage (0-1V)
    Input Resistance Options Varies depending on input type, examples: 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω
    Accuracy ±0.1%
    Temp. Coefficient ±0.015%/°C
    Response Time ≤ 500 μs
    Operating Temp. -5 to +60°C
    Humidity 30-90% RH (non-condensing)
    Isolation Input-to-Output, Input-to-Power
    Mounting Surface, DIN Rail
    Weight 400g
    Ordering Code SVF + input configuration



    Potential Use Cases

    ️· Industrial Automation: Converting sensor signals (current loops, voltage signals) from PLCs, process controllers, or other industrial equipment to a standardized format.
    ️· Data Acquisition: Conditioning signals from various sensors for data logging and analysis.
    ️· Process Control: Integrating signals from field devices into a control system.
    ️· Instrumentation: Conditioning signals for measurement and display.

    1. General Overview

    ️· Product: SVF Signal Conditioner. It appears to be a modular signal conditioner for converting various analog signals (current or voltage) to a standard output signal.
    ️· Construction: Plug-in module. This likely means it's designed to be used in a carrier or backplane system.
    ️· Connections: Uses M3.5 screw terminals for connections.
    ️· Isolation: Provides input-to-output and input-to-power isolation, improving noise immunity and safety.
    ️· Adjustment: Includes zero and span adjustments for calibration.
    ️· Noise Mitigation: Note in the schematic suggests using shielded twisted-pair cabling to reduce noise interference.

    2. Input Options

    The SVF offers a wide variety of input signal types and ranges:

    ️· DC Current Inputs: Ranges from 0-20mA, 2-10mA, 1-5mA, and even a specialized -1 to +1mA range. Various input resistances are offered (e.g., 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω)
    ️· DC Voltage Inputs: Offers a 0-1V range.
    ️· Specialized Inputs: Includes a -10 to +10mA range (designated 'FW').

    3. Output Options

    The documentation doesn't specify the output signal type. It just refers to "Output Driver" in the schematic. However, the user has options to change the Output via software (not stated in these documents).

    4. Installation and Specifications

    ️· Power Requirements: Not explicitly stated, but likely provided by the carrier system.
    ️· Operating Temperature: -5 to +60°C (23 to 140°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Mounting: Surface or DIN rail
    ️· Accuracy: ±0.1%
    ️· Temperature Coefficient: ±0.015%/°C (±0.008%/°F)
    ️· Response Time: ≤ 500 μs (microseconds)
    ️· Line Voltage Effect: ±0.1%
    ️· Insulation Resistance: ≥ 100 MΩ
    ️· Dielectric Strength: 1000 V AC for 1 minute (input to output to power), 2000 V AC for 1 minute (input or output to ground).
    ️· Weight: 400g

    5. Ordering Information

    The ordering part number is SVF, and a series of options are available for input types (Current or Voltage) and resistance levels.

    Summary Table

    Feature Specification
    Product Type Signal Conditioner
    Input Types DC Current (various ranges), DC Voltage (0-1V)
    Input Resistance Options Varies depending on input type, examples: 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω
    Accuracy ±0.1%
    Temp. Coefficient ±0.015%/°C
    Response Time ≤ 500 μs
    Operating Temp. -5 to +60°C
    Humidity 30-90% RH (non-condensing)
    Isolation Input-to-Output, Input-to-Power
    Mounting Surface, DIN Rail
    Weight 400g
    Ordering Code SVF + input configuration



    Potential Use Cases

    ️· Industrial Automation: Converting sensor signals (current loops, voltage signals) from PLCs, process controllers, or other industrial equipment to a standardized format.
    ️· Data Acquisition: Conditioning signals from various sensors for data logging and analysis.
    ️· Process Control: Integrating signals from field devices into a control system.
    ️· Instrumentation: Conditioning signals for measurement and display.

    Part No.SVF-34-C/Q
    ManufacturerMSYSTEM
    Size105 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners M-UNIT