| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PI6C2501A Datasheet
# Example questions:
➢ What are the minimum and maximum input high current (iho) values when vout = 4.2v?
➢ What is the maximum frequency (fkl c) for the clock control signal?
➢ What is the maximum delay time (td(lh)) from input to output?
Okay, this is a very long datasheet for the PI6C2501A Phase-Locked Loop (PLL) Clock Driver made by Pericom Semiconductor. Here's a summary of the key takeaways, broken down into sections:
1. Device Overview:
️· Function: The PI6C2501A is a clock driver designed for PLL applications. It provides buffered clock signals for various digital systems.
️· Key Features: It's likely designed for low jitter, fast switching speeds, and reliable performance in PLL circuits.
2. Electrical Characteristics:
️· Supply Voltage: The device operates with a supply voltage (VCC) that varies throughout the document. Specific values are provided in different sections related to specific tests.
️· Input/Output Levels: It details pull-up and pull-down currents for inputs and outputs, which are important for signal integrity.
️· Static Characteristics: This includes parameters like supply current.
️· AC Characteristics: These specify performance parameters like propagation delay, rise/fall times, and operating frequency. A key frequency is given as 0.8-431 MHz.
3. Switching Characteristics:
️· The datasheet includes timing diagrams and parameters detailing the switching speeds of the driver. Important parameters include tPLH (propagation delay from input to output) and rise/fall times. Specific values are given for different test conditions.
️· The section details timings for input signals and their corresponding outputs under specified load capacitance.
4. Package Information:
️· The device comes in a plastic 8-pin SOIC package.
️· Mechanical dimensions are detailed (although those are not text-parsable in this format).
5. Ordering Information
️· Different ordering codes are provided along with the package type, letting users specify exactly what part they need.
Key Parameters & Considerations:
️· Frequency Range: A critical operating frequency range of 0.8 MHz to 431 MHz.
️· Low Jitter: The design emphasizes low jitter, which is crucial for PLL applications where timing precision is essential.
️· Load Capacitance: Performance is highly dependent on the load capacitance (CL), and the datasheet provides parameters for a 30pF load.
️· Operating Temperature Range: The specified test conditions typically include a temperature range (e.g., 0 to 70°C).
In Essence:
This datasheet is a comprehensive guide for engineers designing with the PI6C2501A. It provides the necessary electrical, mechanical, and timing information to properly integrate the device into a PLL circuit. The detail emphasizes it's a precision part, likely used in applications where timing accuracy and stability are paramount.
1. Device Overview:
️· Function: The PI6C2501A is a clock driver designed for PLL applications. It provides buffered clock signals for various digital systems.
️· Key Features: It's likely designed for low jitter, fast switching speeds, and reliable performance in PLL circuits.
2. Electrical Characteristics:
️· Supply Voltage: The device operates with a supply voltage (VCC) that varies throughout the document. Specific values are provided in different sections related to specific tests.
️· Input/Output Levels: It details pull-up and pull-down currents for inputs and outputs, which are important for signal integrity.
️· Static Characteristics: This includes parameters like supply current.
️· AC Characteristics: These specify performance parameters like propagation delay, rise/fall times, and operating frequency. A key frequency is given as 0.8-431 MHz.
3. Switching Characteristics:
️· The datasheet includes timing diagrams and parameters detailing the switching speeds of the driver. Important parameters include tPLH (propagation delay from input to output) and rise/fall times. Specific values are given for different test conditions.
️· The section details timings for input signals and their corresponding outputs under specified load capacitance.
4. Package Information:
️· The device comes in a plastic 8-pin SOIC package.
️· Mechanical dimensions are detailed (although those are not text-parsable in this format).
5. Ordering Information
️· Different ordering codes are provided along with the package type, letting users specify exactly what part they need.
Key Parameters & Considerations:
️· Frequency Range: A critical operating frequency range of 0.8 MHz to 431 MHz.
️· Low Jitter: The design emphasizes low jitter, which is crucial for PLL applications where timing precision is essential.
️· Load Capacitance: Performance is highly dependent on the load capacitance (CL), and the datasheet provides parameters for a 30pF load.
️· Operating Temperature Range: The specified test conditions typically include a temperature range (e.g., 0 to 70°C).
In Essence:
This datasheet is a comprehensive guide for engineers designing with the PI6C2501A. It provides the necessary electrical, mechanical, and timing information to properly integrate the device into a PLL circuit. The detail emphasizes it's a precision part, likely used in applications where timing accuracy and stability are paramount.
| Part No. | PI6C2501A |
| Manufacturer | PERICOM |
| Size | 50 Kbytes |
| Pages | 4 pages |
| Description | Phase-Locked Loop Clock Driver |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |