Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WJM-10Z-S/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WJM-10Z-S/Q Datasheet

  • # Example questions: ➢ What type of signal (voltage or current) is output 1?
    ➢ What are the available output current options for output 1, and what is the voltage input required for the device?
    ➢ If a user needs to connect multiple wjm modules side-by-side, is any additional spacing required between them?

  • Part No.WJM-10Z-S/Q
    ManufacturerMSYSTEM
    Size101 Kbytes
    Pages3 pages
    DescriptionDual Output Plug-in Signal Conditioners W-UNIT
    Datasheet Summary with AI

    1. General Description & Purpose:

    ️· What it is: A configurable I/O module. This means it can be used for various input and output functions, and its behavior can be adjusted based on the specific application.
    ️· Function: Likely a component in a Programmable Logic Controller (PLC) or similar industrial control system. It allows interfacing between the control system and the real-world processes it manages (sensors, actuators, etc.).

    2. Configuration Options (Key to Flexibility):

    ️· Configurability: The module's functionality is likely programmed via software or DIP switches, enabling a wide range of I/O types.
    ️· Specific I/O Types:
    - Inputs: The datasheet doesn't explicitly list input *types*, but given the outputs, likely supports digital inputs (on/off signals), and potentially analog inputs (voltage or current signals).
    - Outputs: The datasheet highlights different outputs.
    ■ Voltage Outputs Voltage output signal can be selected, the exact range is not specified.
    ■ Current Outputs: Supports current output, the exact range is not specified.

    3. Electrical Specifications:

    ️· Power Supply: The voltage requirement for the module is not explicitly stated, but it is most likely DC.
    ️· Output Signals: The details about output signal are vague but can be selected, the exact specifications are not provided.
    ️· Input/Output Ranges The exact input and output ranges are not specified, and require further documentation.

    4. Mechanical Details & Mounting:

    ️· Dimensions: The datasheet includes a schematic diagram depicting its physical layout and dimensions (approx. 107mm x 50mm x 3.3mm - roughly 4.21" x 1.97" x 0.13").
    ️· Mounting: Designed for DIN rail mounting, a standard in industrial automation. "No extra space needed between units" suggests a compact design for dense panel installations.
    ️· Terminal Connections: Provides clear labeling for terminal connections (e.g. V+, V-, I+, I-).

    5. Important Notes & Considerations (based on the provided information):

    ️· Further Documentation: The datasheet is limited. More detailed specifications on input/output ranges, configuration methods (software, DIP switches), and specific signal types would be crucial for proper integration.
    ️· Compatibility: Ensure the module's electrical characteristics (voltage, current) are compatible with the PLC or control system it will be used with.
    ️· Safety: Implement appropriate safety measures when integrating this module into an industrial control system.



    To fully understand how to use this module, you would need the following additional information:

    ️· Configuration Guide: How to configure the module for specific input/output types.
    ️· Electrical Characteristics Table: Detailed specifications for input voltage ranges, output current/voltage limits, and signal types.
    ️· Software/Programming Information: How to interface with the module via software.

    1. General Description & Purpose:

    ️· What it is: A configurable I/O module. This means it can be used for various input and output functions, and its behavior can be adjusted based on the specific application.
    ️· Function: Likely a component in a Programmable Logic Controller (PLC) or similar industrial control system. It allows interfacing between the control system and the real-world processes it manages (sensors, actuators, etc.).

    2. Configuration Options (Key to Flexibility):

    ️· Configurability: The module's functionality is likely programmed via software or DIP switches, enabling a wide range of I/O types.
    ️· Specific I/O Types:
    - Inputs: The datasheet doesn't explicitly list input *types*, but given the outputs, likely supports digital inputs (on/off signals), and potentially analog inputs (voltage or current signals).
    - Outputs: The datasheet highlights different outputs.
    ■ Voltage Outputs Voltage output signal can be selected, the exact range is not specified.
    ■ Current Outputs: Supports current output, the exact range is not specified.

    3. Electrical Specifications:

    ️· Power Supply: The voltage requirement for the module is not explicitly stated, but it is most likely DC.
    ️· Output Signals: The details about output signal are vague but can be selected, the exact specifications are not provided.
    ️· Input/Output Ranges The exact input and output ranges are not specified, and require further documentation.

    4. Mechanical Details & Mounting:

    ️· Dimensions: The datasheet includes a schematic diagram depicting its physical layout and dimensions (approx. 107mm x 50mm x 3.3mm - roughly 4.21" x 1.97" x 0.13").
    ️· Mounting: Designed for DIN rail mounting, a standard in industrial automation. "No extra space needed between units" suggests a compact design for dense panel installations.
    ️· Terminal Connections: Provides clear labeling for terminal connections (e.g. V+, V-, I+, I-).

    5. Important Notes & Considerations (based on the provided information):

    ️· Further Documentation: The datasheet is limited. More detailed specifications on input/output ranges, configuration methods (software, DIP switches), and specific signal types would be crucial for proper integration.
    ️· Compatibility: Ensure the module's electrical characteristics (voltage, current) are compatible with the PLC or control system it will be used with.
    ️· Safety: Implement appropriate safety measures when integrating this module into an industrial control system.



    To fully understand how to use this module, you would need the following additional information:

    ️· Configuration Guide: How to configure the module for specific input/output types.
    ️· Electrical Characteristics Table: Detailed specifications for input voltage ranges, output current/voltage limits, and signal types.
    ️· Software/Programming Information: How to interface with the module via software.

    Part No.WJM-10Z-S/Q
    ManufacturerMSYSTEM
    Size101 Kbytes
    Pages3 pages
    DescriptionDual Output Plug-in Signal Conditioners W-UNIT