Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALNR-142-S/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ALNR-142-S/Q Datasheet

  • # Example questions: ➢ What are the input connections for the angle sensor (color and function)?
    ➢ What is crucial to implement when dealing with an inductive load connected to the alnr unit's relay?
    ➢ What are the available power options for the alnr unit, and what does the asterisk (*) symbol indicate regarding relay status?

  • Part No.ALNR-142-S/Q
    ManufacturerMSYSTEM
    Size126 Kbytes
    Pages4 pages
    DescriptionLimit Alarms (rotary switch adj.) AL-UNIT
    Datasheet Summary with AI

    1. Device Overview & Functionality

    ️· What it is: The ALNR is a control/monitoring device, likely used in industrial automation or similar applications. The diagrams heavily imply it's related to relay control, especially for inductive loads.
    ️· Core Function: It appears designed to monitor a process, likely involving inductive loads (like motors, solenoids, etc.). The "Varistor or Spark Quenching Circuit" section strongly suggests it's intended to protect circuits from voltage spikes/surges commonly generated by inductive loads when they are switched on or off.
    ️· Dual Power: It supports both AC and DC power sources.
    ️· Relay Control: It's designed to control relays (Ry), which then switch power to a load (likely an inductive one).

    2. Technical Specifications & Features

    ️· Input: Receives input from an "Angle Sensor." This could be a sensor measuring position, rotation, or some other angle-related parameter.
    ️· Comparators: It uses comparators to compare the sensor input to pre-set thresholds. The comparison results trigger actions, likely the state of the relay.
    ️· D/A Converter (Digital-to-Analog): A digital-to-analog converter is used, likely to translate comparator outputs into voltage levels that control the relay. This suggests digital processing is involved.
    ️· Low Drift Amplifier: The presence of a "Low Drift Amplifier" indicates a focus on signal accuracy and stability.
    ️· Spark Quenching: Circuit to mitigate sparks caused by inductive load switching.
    ️· Power Input: Accepts both AC and DC power.
    ️· Terminal Assignments: Provides detailed terminal numbering and designations (1-11) and a diagram showing their placement.
    ️· Mounting: Can be mounted adjacent to other ALNR units without needing extra space.

    3. Schematic & Connection Diagram

    ️· Relay Protection: Shows the core functionality: the ALNR monitors an angle sensor, compares the signal to thresholds, and controls a relay (Ry) which drives an inductive load. A "varistor or spark quenching circuit" is included to protect against voltage spikes caused by switching the load.
    ️· Inputs/Outputs: Visually depicts the flow of information and power, showing connections for the angle sensor, power inputs (U+ and V-), and the output to the relay.
    ️· Terminal Descriptions: Provides a list of terminals with descriptions, which helps with wiring and understanding the device's function.

    4. Operational Notes & Relay Status

    ️· Power-Off Relay Status: It explicitly notes the relay status (on or off) when the device is de-energized. This is important for safety and process initialization.

    Key Takeaways and Potential Applications

    ️· Motor Control: A likely application is controlling motors (especially in applications where precise positioning is needed), as the angle sensor could be an encoder.
    ️· Solenoid Valves: Controlling solenoid valves in pneumatic or hydraulic systems where precise timing is critical.
    ️· Industrial Automation: It’s a component that could fit into a wider industrial automation system for position, speed, or other parameter control.
    ️· Protection: It is primarily concerned with protecting circuits from inductive load switching spikes.

    1. Device Overview & Functionality

    ️· What it is: The ALNR is a control/monitoring device, likely used in industrial automation or similar applications. The diagrams heavily imply it's related to relay control, especially for inductive loads.
    ️· Core Function: It appears designed to monitor a process, likely involving inductive loads (like motors, solenoids, etc.). The "Varistor or Spark Quenching Circuit" section strongly suggests it's intended to protect circuits from voltage spikes/surges commonly generated by inductive loads when they are switched on or off.
    ️· Dual Power: It supports both AC and DC power sources.
    ️· Relay Control: It's designed to control relays (Ry), which then switch power to a load (likely an inductive one).

    2. Technical Specifications & Features

    ️· Input: Receives input from an "Angle Sensor." This could be a sensor measuring position, rotation, or some other angle-related parameter.
    ️· Comparators: It uses comparators to compare the sensor input to pre-set thresholds. The comparison results trigger actions, likely the state of the relay.
    ️· D/A Converter (Digital-to-Analog): A digital-to-analog converter is used, likely to translate comparator outputs into voltage levels that control the relay. This suggests digital processing is involved.
    ️· Low Drift Amplifier: The presence of a "Low Drift Amplifier" indicates a focus on signal accuracy and stability.
    ️· Spark Quenching: Circuit to mitigate sparks caused by inductive load switching.
    ️· Power Input: Accepts both AC and DC power.
    ️· Terminal Assignments: Provides detailed terminal numbering and designations (1-11) and a diagram showing their placement.
    ️· Mounting: Can be mounted adjacent to other ALNR units without needing extra space.

    3. Schematic & Connection Diagram

    ️· Relay Protection: Shows the core functionality: the ALNR monitors an angle sensor, compares the signal to thresholds, and controls a relay (Ry) which drives an inductive load. A "varistor or spark quenching circuit" is included to protect against voltage spikes caused by switching the load.
    ️· Inputs/Outputs: Visually depicts the flow of information and power, showing connections for the angle sensor, power inputs (U+ and V-), and the output to the relay.
    ️· Terminal Descriptions: Provides a list of terminals with descriptions, which helps with wiring and understanding the device's function.

    4. Operational Notes & Relay Status

    ️· Power-Off Relay Status: It explicitly notes the relay status (on or off) when the device is de-energized. This is important for safety and process initialization.

    Key Takeaways and Potential Applications

    ️· Motor Control: A likely application is controlling motors (especially in applications where precise positioning is needed), as the angle sensor could be an encoder.
    ️· Solenoid Valves: Controlling solenoid valves in pneumatic or hydraulic systems where precise timing is critical.
    ️· Industrial Automation: It’s a component that could fit into a wider industrial automation system for position, speed, or other parameter control.
    ️· Protection: It is primarily concerned with protecting circuits from inductive load switching spikes.

    Part No.ALNR-142-S/Q
    ManufacturerMSYSTEM
    Size126 Kbytes
    Pages4 pages
    DescriptionLimit Alarms (rotary switch adj.) AL-UNIT