Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

09120123104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 09120123104 Datasheet

  • # Example questions: ➢ What is the rated impulse voltage for this han q12-f-ql 1,5mm² insert?
    ➢ What flammability class does the insert material meet?
    ➢ What is the minimum and maximum conductor cross-section this insert can accommodate?

  • Part No.09120123104
    ManufacturerHARTING
    Size457 Kbytes
    Pages2 pages
    DescriptionHan Q12-F-QL 1,5mm짼 Inserts
    Datasheet Summary with AI

    # Han Q12-F-QL 1,5mm²

    ## Identification

    · Category: Inserts
    · Series: Han® Q
    · Identification: 12/0
    · Part Number: 09 12 012 3104
    · Specification: With Han-Quick Lock® PE contact
    · Termination Method: Crimp termination
    · Gender: Female
    · Size: 3 A
    · Number of Contacts: 12
    · PE Contact: Yes
    · Slide: Black

    ## Technical Characteristics

    · Conductor Cross-Section: 0.14 - 2.5 mm²
    · Rated Current: 10 A
    · Rated Voltage: 400 V
    · Rated Impulse Voltage: 6 kV
    · Pollution Degree: 3
    · Insulation Resistance: >10<sup>10</sup> Ω
    · Limiting Temperature: -40 °C to +125 °C
    · Mating Cycles: ≥500

    ## Material Properties

    · Insert Material: Polycarbonate (PC)
    · Insert Color: RAL 7032 (pebble grey)
    · Flammability Class: UL 94 V-0
    · RoHS Compliant: Yes (with exemption)
    · RoHS Exemption: 6(c) - Copper alloy (up to 4% lead)
    · China RoHS: 50
    · REACH SVHC Substances: Yes (Lead)
    · eCHA SCIP Number: 5dbb3851-b94e-4e88-97a1-571845975242

    ## Approvals & Commercial Data

    · Approvals: DNV GL, UL / CSA, CSA-C22.2
    · Packaging Size: 10
    · Net Weight: 11.88 g
    · Country of Origin: Germany
    · Customs Tariff Number: 85366990
    · eCl@ss: 27440205

    # Han Q12-F-QL 1,5mm²

    ## Identification

    · Category: Inserts
    · Series: Han® Q
    · Identification: 12/0
    · Part Number: 09 12 012 3104
    · Specification: With Han-Quick Lock® PE contact
    · Termination Method: Crimp termination
    · Gender: Female
    · Size: 3 A
    · Number of Contacts: 12
    · PE Contact: Yes
    · Slide: Black

    ## Technical Characteristics

    · Conductor Cross-Section: 0.14 - 2.5 mm²
    · Rated Current: 10 A
    · Rated Voltage: 400 V
    · Rated Impulse Voltage: 6 kV
    · Pollution Degree: 3
    · Insulation Resistance: >10<sup>10</sup> Ω
    · Limiting Temperature: -40 °C to +125 °C
    · Mating Cycles: ≥500

    ## Material Properties

    · Insert Material: Polycarbonate (PC)
    · Insert Color: RAL 7032 (pebble grey)
    · Flammability Class: UL 94 V-0
    · RoHS Compliant: Yes (with exemption)
    · RoHS Exemption: 6(c) - Copper alloy (up to 4% lead)
    · China RoHS: 50
    · REACH SVHC Substances: Yes (Lead)
    · eCHA SCIP Number: 5dbb3851-b94e-4e88-97a1-571845975242

    ## Approvals & Commercial Data

    · Approvals: DNV GL, UL / CSA, CSA-C22.2
    · Packaging Size: 10
    · Net Weight: 11.88 g
    · Country of Origin: Germany
    · Customs Tariff Number: 85366990
    · eCl@ss: 27440205

    Part No.09120123104
    ManufacturerHARTING
    Size457 Kbytes
    Pages2 pages
    DescriptionHan Q12-F-QL 1,5mm짼 Inserts