Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AAC-AZ144-S/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AAC-AZ144-S/Q Datasheet

  • # Example questions: ➢ Describe the components used in each method and explain why they are necessary.
    ➢ What is the purpose of the 'hysteresis' adjustment in relation to the comparator circuit, and how does it affect the switching behavior?
    ➢ ' what type of input signal (ac or dc) is this device designed to primarily process, and what evidence supports your conclusion?

  • Part No.AAC-AZ144-S/Q
    ManufacturerMSYSTEM
    Size125 Kbytes
    Pages4 pages
    DescriptionLimit Alarms (potentiometer adj.) A-UNIT
    Datasheet Summary with AI

    1. Overview and Function

    ️· Type: Relay (likely a solid-state relay, though not explicitly stated)
    ️· Manufacturer: M-System
    ️· Model: ES-2136
    ️· Purpose: To switch a load (typically an electrical device) on or off based on an input signal. It appears to be a versatile relay capable of handling AC or DC inputs.
    ️· Versatility: This relay appears designed for a variety of applications, offering adjustable settings to tailor its performance.

    2. Technical Specifications (Inferred and from Figures)

    ️· Input Types:
    - AC Input: Implied (no specific values given, but circuitry suggests this capability)
    - DC Input: Likely, based on schematic.
    ️· Input Resistor: Incorporated for current inputs (specific resistance value not stated)
    ️· Output Codes: Relay status for output codes "1" and "4" is OFF when power is OFF.
    ️· Dimensions: Not explicitly given, but the mounting diagram suggests compact size.
    ️· Mounting: Allows for close unit spacing.

    3. Input Signal Processing (Based on Schematic)

    The schematic reveals the following about the input signal:

    ️· R.M.S. Operation: The input signal is processed using Root Mean Square (R.M.S.) measurement. This provides a more accurate representation of the signal's effective value compared to peak voltage.
    ️· Comparator: A comparator is used to compare the input signal to a setpoint. The relay switches states based on this comparison.
    ️· Hysteresis (Deadband): A hysteresis function (also known as a deadband) is implemented. This prevents rapid switching (chattering) when the input signal is close to the setpoint. It creates a range where the relay doesn’t change state. The schematic labels it "HYSTERESIS SETPOINT (DEADBAND)."
    ️· Amplifier: This appears to amplify the input signal to enhance sensitivity.

    4. Output and Load Considerations

    ️· Relay Protection: Crucial for protection against inductive loads. It recommends using diodes, varistors, or CR circuits across inductive loads to suppress voltage spikes that can damage the relay. The schematic visually represents this.
    ️· Load Compatibility: Suitable for both AC and DC loads.
    ️· No Explicit Load Ratings: The document doesn't specify the maximum voltage or current the relay can handle. This is a critical piece of information that would be found in a full datasheet.

    5. Mounting and Installation

    ️· Compact Design: The relay is designed to allow for close unit spacing during mounting.
    ️· No Extra Space Needed: The mounting diagram indicates that no extra space is required between units.

    6. Limitations and Assumptions (Due to Text-Only Interaction)

    ️· Missing Datasheet Information: A full datasheet would provide critical details like:
    - Maximum voltage and current ratings for both input and output.
    - Input signal range.
    - Specific details of the adjustable setpoints (e.g., range, resolution).
    - Response time.
    - Environmental operating conditions (temperature range, humidity).
    - Detailed wiring diagrams.
    ️· Image Interpretation: My interpretation of the diagrams is limited. Some details might be missed without the ability to zoom in and examine them closely.
    ️· Solid-State vs. Mechanical: I haven't definitively determined if this is a solid-state relay or a mechanical relay. The circuitry suggests solid-state, but a definitive statement requires more information.



    To fully understand and safely use this relay, you *MUST* obtain the complete datasheet from M-System.

    1. Overview and Function

    ️· Type: Relay (likely a solid-state relay, though not explicitly stated)
    ️· Manufacturer: M-System
    ️· Model: ES-2136
    ️· Purpose: To switch a load (typically an electrical device) on or off based on an input signal. It appears to be a versatile relay capable of handling AC or DC inputs.
    ️· Versatility: This relay appears designed for a variety of applications, offering adjustable settings to tailor its performance.

    2. Technical Specifications (Inferred and from Figures)

    ️· Input Types:
    - AC Input: Implied (no specific values given, but circuitry suggests this capability)
    - DC Input: Likely, based on schematic.
    ️· Input Resistor: Incorporated for current inputs (specific resistance value not stated)
    ️· Output Codes: Relay status for output codes "1" and "4" is OFF when power is OFF.
    ️· Dimensions: Not explicitly given, but the mounting diagram suggests compact size.
    ️· Mounting: Allows for close unit spacing.

    3. Input Signal Processing (Based on Schematic)

    The schematic reveals the following about the input signal:

    ️· R.M.S. Operation: The input signal is processed using Root Mean Square (R.M.S.) measurement. This provides a more accurate representation of the signal's effective value compared to peak voltage.
    ️· Comparator: A comparator is used to compare the input signal to a setpoint. The relay switches states based on this comparison.
    ️· Hysteresis (Deadband): A hysteresis function (also known as a deadband) is implemented. This prevents rapid switching (chattering) when the input signal is close to the setpoint. It creates a range where the relay doesn’t change state. The schematic labels it "HYSTERESIS SETPOINT (DEADBAND)."
    ️· Amplifier: This appears to amplify the input signal to enhance sensitivity.

    4. Output and Load Considerations

    ️· Relay Protection: Crucial for protection against inductive loads. It recommends using diodes, varistors, or CR circuits across inductive loads to suppress voltage spikes that can damage the relay. The schematic visually represents this.
    ️· Load Compatibility: Suitable for both AC and DC loads.
    ️· No Explicit Load Ratings: The document doesn't specify the maximum voltage or current the relay can handle. This is a critical piece of information that would be found in a full datasheet.

    5. Mounting and Installation

    ️· Compact Design: The relay is designed to allow for close unit spacing during mounting.
    ️· No Extra Space Needed: The mounting diagram indicates that no extra space is required between units.

    6. Limitations and Assumptions (Due to Text-Only Interaction)

    ️· Missing Datasheet Information: A full datasheet would provide critical details like:
    - Maximum voltage and current ratings for both input and output.
    - Input signal range.
    - Specific details of the adjustable setpoints (e.g., range, resolution).
    - Response time.
    - Environmental operating conditions (temperature range, humidity).
    - Detailed wiring diagrams.
    ️· Image Interpretation: My interpretation of the diagrams is limited. Some details might be missed without the ability to zoom in and examine them closely.
    ️· Solid-State vs. Mechanical: I haven't definitively determined if this is a solid-state relay or a mechanical relay. The circuitry suggests solid-state, but a definitive statement requires more information.



    To fully understand and safely use this relay, you *MUST* obtain the complete datasheet from M-System.

    Part No.AAC-AZ144-S/Q
    ManufacturerMSYSTEM
    Size125 Kbytes
    Pages4 pages
    DescriptionLimit Alarms (potentiometer adj.) A-UNIT
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com