Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCS2-32-F/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LCS2-32-F/Q Datasheet

  • # Example questions: ➢ What is the minimum span for the dc current output?
    ➢ What is the acceptable leadwire resistance relative to the total strain gauge resistance?
    ➢ What is the operating temperature range for this device?

  • Part No.LCS2-32-F/Q
    ManufacturerMSYSTEM
    Size110 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners M-UNIT
    Datasheet Summary with AI

    1. Product Identification & Overview

    ️· Product: LCS2 Signal Conditioner/Transmitter (likely for load cells or bridge-based sensors)
    ️· Manufacturer: M-System (www.m-system.co.jp)
    ️· Function: It takes input from load cells (or similar bridge-based sensors) and converts it into a standard output signal. This often involves amplification, filtering, and signal conditioning.

    2. Technical Specifications & Features

    ️· Input:
    - Bridge voltage input from load cells.
    - Rated output from strain gauge: 1 – 20 mV/V
    - Input must be over 3 mV.
    - Allowable leadwire resistance: ≤ Total Strain Gauge Resistance × 0.25
    ️· Excitation: Adjustable, 2 – 5V DC (5V default). Provides power to the load cell.
    ️· Span Adjustment: 100 – 20% (front panel adjustment)
    ️· Zero Adjustment: 0 – 80% (front panel adjustment)
    ️· Display: LCD digital display, showing input as a percentage (0.0 - 100.0%, minimum digit 0.1%).
    ️· Output:
    - DC Current: 0 – 20 mA (minimum span: 1 mA)
    - DC Voltage: -10 – +12 V DC (minimum span: 5 mV)
    ■ Output drive capability for voltage output: 10mA maximum; 5mA for negative voltage output; at >= 0.5 V
    ️· Power Requirements:
    - AC: Rating ±10%, 50/60 Hz, approx. 5 VA
    - DC: 24 V ±10%, approx. 150 mA, ripple ≤ 10%
    ️· Operating Environment:
    - Temperature: -5 to +60°C (23 to 140°F)
    - Humidity: 30 to 90% RH (non-condensing)
    ️· Mounting: Surface or DIN rail
    ️· Weight: 430 g (0.95 lb)

    3. Performance Characteristics

    ️· Accuracy: ±0.1% of full scale (input ≥ 3 mV).
    ️· Temperature Coefficient: ±0.015%/°C (±0.008%/°F) (input ≥ 3 mV). This indicates how much the output changes with temperature variations.
    ️· Line Voltage Effect: ±0.1% over the specified voltage range.
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC.
    ️· Dielectric Strength: 2000 V AC (AC power input to output); 1000 V AC (DC power input to output); 2000 V AC (input to output)

    4. External View & Dimensions (from the diagram)

    ️· The diagram illustrates the physical layout of the unit and key components (terminals, display, adjustments). It shows standard mounting features and dimensions.

    5. Important Notes/Cautions:

    ️· When using remote sensing, close the terminals 3-4 and 5-9.
    ️· Option `/E` relates to a specific feature, but it is not described further in the documentation.
    ️· Mounting: LCS2 units can be mounted closely to each other.
    6. Ordering Information
    ️· The model number is LCS2, but additional characters might be appended to indicate options/variations (not explicitly shown, but common in industrial products).

    1. Product Identification & Overview

    ️· Product: LCS2 Signal Conditioner/Transmitter (likely for load cells or bridge-based sensors)
    ️· Manufacturer: M-System (www.m-system.co.jp)
    ️· Function: It takes input from load cells (or similar bridge-based sensors) and converts it into a standard output signal. This often involves amplification, filtering, and signal conditioning.

    2. Technical Specifications & Features

    ️· Input:
    - Bridge voltage input from load cells.
    - Rated output from strain gauge: 1 – 20 mV/V
    - Input must be over 3 mV.
    - Allowable leadwire resistance: ≤ Total Strain Gauge Resistance × 0.25
    ️· Excitation: Adjustable, 2 – 5V DC (5V default). Provides power to the load cell.
    ️· Span Adjustment: 100 – 20% (front panel adjustment)
    ️· Zero Adjustment: 0 – 80% (front panel adjustment)
    ️· Display: LCD digital display, showing input as a percentage (0.0 - 100.0%, minimum digit 0.1%).
    ️· Output:
    - DC Current: 0 – 20 mA (minimum span: 1 mA)
    - DC Voltage: -10 – +12 V DC (minimum span: 5 mV)
    ■ Output drive capability for voltage output: 10mA maximum; 5mA for negative voltage output; at >= 0.5 V
    ️· Power Requirements:
    - AC: Rating ±10%, 50/60 Hz, approx. 5 VA
    - DC: 24 V ±10%, approx. 150 mA, ripple ≤ 10%
    ️· Operating Environment:
    - Temperature: -5 to +60°C (23 to 140°F)
    - Humidity: 30 to 90% RH (non-condensing)
    ️· Mounting: Surface or DIN rail
    ️· Weight: 430 g (0.95 lb)

    3. Performance Characteristics

    ️· Accuracy: ±0.1% of full scale (input ≥ 3 mV).
    ️· Temperature Coefficient: ±0.015%/°C (±0.008%/°F) (input ≥ 3 mV). This indicates how much the output changes with temperature variations.
    ️· Line Voltage Effect: ±0.1% over the specified voltage range.
    ️· Insulation Resistance: ≥ 100 MΩ with 500 V DC.
    ️· Dielectric Strength: 2000 V AC (AC power input to output); 1000 V AC (DC power input to output); 2000 V AC (input to output)

    4. External View & Dimensions (from the diagram)

    ️· The diagram illustrates the physical layout of the unit and key components (terminals, display, adjustments). It shows standard mounting features and dimensions.

    5. Important Notes/Cautions:

    ️· When using remote sensing, close the terminals 3-4 and 5-9.
    ️· Option `/E` relates to a specific feature, but it is not described further in the documentation.
    ️· Mounting: LCS2 units can be mounted closely to each other.
    6. Ordering Information
    ️· The model number is LCS2, but additional characters might be appended to indicate options/variations (not explicitly shown, but common in industrial products).

    Part No.LCS2-32-F/Q
    ManufacturerMSYSTEM
    Size110 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners M-UNIT