Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

48NDVA-2BBZ-M/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 48NDVA-2BBZ-M/Q Datasheet

  • # Example questions: ➢ Describe the alarm output options for the 48ndva, specifically detailing the differences between code 0 and code
    ➢ What are the different bezel options available for the 48ndva model, and what panel cutouts are they compatible with?
    ➢ What is the recommended minimum spacing to ensure adequate heat dissipation when mounting multiple 48ndva units?

  • Part No.48NDVA-2BBZ-M/Q
    ManufacturerMSYSTEM
    Size231 Kbytes
    Pages9 pages
    DescriptionBargraph Indicators 48N Series
    Datasheet Summary with AI

    1. General Information / Model Overview

    ️· Model: 48NDVA
    ️· Purpose: It appears to be a digital meter/indicator, likely for industrial applications.
    ️· Alarm Outputs: Available in two configurations:
    - Code 0: No alarm outputs.
    - Code 2: Two alarm outputs.
    ️· Website: http://www.m-system.co.jp/

    2. Physical Dimensions & Mounting

    ️· Bezel Options:
    - /F Bezel: Standard size, for compatibility with existing M-System 48 Series cutouts.
    - /D Bezel: Option with rounded corners, also for specific existing cutouts.
    - Panel Cutout Dimensions: Different dimensions are provided for single and clustered mounting, and compatibility with different panel types (Fuji Electric PAJ/PAK/PBA, M-System, etc.). The tolerances are critical to note.
    ️· Mounting:
    - Single Mounting: Conforms to IP65 (dust and water protection). Panel thickness allowed: 1.6 - 8.0 mm.
    - Clustered Mounting: Not IP65 compliant. Requires spacing for heat dissipation (minimum 3cm above and below units). The clustered mounting uses a formula to calculate total width based on the number of units (N).
    ️· Important Notes: No bezel required for clustered mounting.

    3. Electrical Connections / Circuitry

    ️· Power Supply: 5V DC output. Clearly labeled positive (+) and negative (-).
    ️· Inputs/Outputs: Indicated as Hc, Ha, Hb, La, Lb, Lc (likely referring to high and low signals for alarm outputs, and possibly input signals).
    ️· Circuitry Diagram: A block diagram of the internal circuitry is provided. It highlights key components (amplifier driver, digital computation, display/setting). The diagram labels components 1 through 11 (or higher) and refers to connections/signals. The block diagram is complex and would require significant expertise to interpret fully.

    4. Summary of Terms/Abbreviations

    ️· IP65: Ingress Protection rating – Dust and water resistance.
    ️· /F, /D: Bezel options (as described above).
    ️· Hc, Ha, Hb, La, Lb, Lc: Internal signal labels (likely related to alarms and inputs).
    ️· N: Number of units for clustered mounting.

    Key Takeaways/Observations:

    ️· Detailed Specifications: These excerpts provide very detailed technical specifications, targeted at engineers and technicians involved in industrial automation.
    ️· Compatibility: Emphasis is placed on compatibility with existing panel cutouts, and providing different bezel options.
    ️· Alarm Functionality: The inclusion of alarm outputs (Code 2) indicates this meter is used in applications requiring alerts based on certain conditions.
    ️· Complex Internal Structure: The block diagram suggests a fairly sophisticated internal design.

    1. General Information / Model Overview

    ️· Model: 48NDVA
    ️· Purpose: It appears to be a digital meter/indicator, likely for industrial applications.
    ️· Alarm Outputs: Available in two configurations:
    - Code 0: No alarm outputs.
    - Code 2: Two alarm outputs.
    ️· Website: http://www.m-system.co.jp/

    2. Physical Dimensions & Mounting

    ️· Bezel Options:
    - /F Bezel: Standard size, for compatibility with existing M-System 48 Series cutouts.
    - /D Bezel: Option with rounded corners, also for specific existing cutouts.
    - Panel Cutout Dimensions: Different dimensions are provided for single and clustered mounting, and compatibility with different panel types (Fuji Electric PAJ/PAK/PBA, M-System, etc.). The tolerances are critical to note.
    ️· Mounting:
    - Single Mounting: Conforms to IP65 (dust and water protection). Panel thickness allowed: 1.6 - 8.0 mm.
    - Clustered Mounting: Not IP65 compliant. Requires spacing for heat dissipation (minimum 3cm above and below units). The clustered mounting uses a formula to calculate total width based on the number of units (N).
    ️· Important Notes: No bezel required for clustered mounting.

    3. Electrical Connections / Circuitry

    ️· Power Supply: 5V DC output. Clearly labeled positive (+) and negative (-).
    ️· Inputs/Outputs: Indicated as Hc, Ha, Hb, La, Lb, Lc (likely referring to high and low signals for alarm outputs, and possibly input signals).
    ️· Circuitry Diagram: A block diagram of the internal circuitry is provided. It highlights key components (amplifier driver, digital computation, display/setting). The diagram labels components 1 through 11 (or higher) and refers to connections/signals. The block diagram is complex and would require significant expertise to interpret fully.

    4. Summary of Terms/Abbreviations

    ️· IP65: Ingress Protection rating – Dust and water resistance.
    ️· /F, /D: Bezel options (as described above).
    ️· Hc, Ha, Hb, La, Lb, Lc: Internal signal labels (likely related to alarms and inputs).
    ️· N: Number of units for clustered mounting.

    Key Takeaways/Observations:

    ️· Detailed Specifications: These excerpts provide very detailed technical specifications, targeted at engineers and technicians involved in industrial automation.
    ️· Compatibility: Emphasis is placed on compatibility with existing panel cutouts, and providing different bezel options.
    ️· Alarm Functionality: The inclusion of alarm outputs (Code 2) indicates this meter is used in applications requiring alerts based on certain conditions.
    ️· Complex Internal Structure: The block diagram suggests a fairly sophisticated internal design.

    Part No.48NDVA-2BBZ-M/Q
    ManufacturerMSYSTEM
    Size231 Kbytes
    Pages9 pages
    DescriptionBargraph Indicators 48N Series
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com