| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about R3-SS8W/CE Datasheet
# Example questions:
➢ What are the selectable conversion rates for the dc current input, and how does each rate affect the conversion accuracy?
➢ How is the r3-ss8 module powered, and what is the required torque for the screw terminals used for input connections?
➢ When utilizing the unused input channels, what are the recommended current settings and the potential consequence of not adhering to these settings?
# Remote I/O R3 Series: DC Current Input Module (R3-SS8)
## Ordering Information
· Model Code: R3-SS8[1][2] (specify codes for [1] and [2])
· Communication Mode: S (Single), W (Dual)
· Options:
- /CE: CE marking
- /Q: Specifies additional options (e.g., coating, factory setting)
· Coating Options: /C01 (Silicone), /C02 (Polyurethane), /C03 (Rubber)
· Factory Setting: /SET: Preset according to Ordering Information Sheet
## Input Specifications
· DC Current Range: -20 to +20 mA, 0 to 20 mA, 4 to 20 mA
· Input Resistance: 66.5 Ω
· Channels: 8 (isolated)
· Conversion Rate: Selectable (160/80/40/20 ms)
· Data Range: 0 to 10000
## General Specifications
· Connection: Via Installation Base (model: R3-BSx)
· Isolation: Input 1-8 to internal bus or power
· Indicators:
- RUN: Red (Bus A), Green (Bus B), Amber (Both)
- ERR: Red (AD converter failure)
## Installation
· Operating Temperature: -10 to +55°C
· Operating Humidity: 30 to 90% RH
· Weight: 250 g
## Performance
· Accuracy: Varies by range (see table in specification sheet).
- -20 to +20 mA: ±0.05%
- 0 to 20 mA: ±0.1%
- 4 to 20 mA: ±0.1%
· Dielectric Strength: 1000V AC @ 1 minute
## Key Features
· Caution: Unused input channels require proper configuration to prevent errors.
· Standards & Approvals: Complies with EMC and RoHS directives.
· Dual Redundant Configuration: Support for Internal Bus A and B.
# Remote I/O R3 Series: DC Current Input Module (R3-SS8)
## Ordering Information
· Model Code: R3-SS8[1][2] (specify codes for [1] and [2])
· Communication Mode: S (Single), W (Dual)
· Options:
- /CE: CE marking
- /Q: Specifies additional options (e.g., coating, factory setting)
· Coating Options: /C01 (Silicone), /C02 (Polyurethane), /C03 (Rubber)
· Factory Setting: /SET: Preset according to Ordering Information Sheet
## Input Specifications
· DC Current Range: -20 to +20 mA, 0 to 20 mA, 4 to 20 mA
· Input Resistance: 66.5 Ω
· Channels: 8 (isolated)
· Conversion Rate: Selectable (160/80/40/20 ms)
· Data Range: 0 to 10000
## General Specifications
· Connection: Via Installation Base (model: R3-BSx)
· Isolation: Input 1-8 to internal bus or power
· Indicators:
- RUN: Red (Bus A), Green (Bus B), Amber (Both)
- ERR: Red (AD converter failure)
## Installation
· Operating Temperature: -10 to +55°C
· Operating Humidity: 30 to 90% RH
· Weight: 250 g
## Performance
· Accuracy: Varies by range (see table in specification sheet).
- -20 to +20 mA: ±0.05%
- 0 to 20 mA: ±0.1%
- 4 to 20 mA: ±0.1%
· Dielectric Strength: 1000V AC @ 1 minute
## Key Features
· Caution: Unused input channels require proper configuration to prevent errors.
· Standards & Approvals: Complies with EMC and RoHS directives.
· Dual Redundant Configuration: Support for Internal Bus A and B.
| Part No. | R3-SS8W/CE |
| Manufacturer | MSYSTEM |
| Size | 128 Kbytes |
| Pages | 4 pages |
| Description | Remote I/O R3 Series DC CURRENT INPUT MODULE |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |