| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ELM440 Datasheet
# Example questions:
➢ The datasheet mentions the elm440 can switch between crystal and ac line synchronization. what happens to the 60hz output if the ac line power is lost while the circuit is synchronized to it?
➢ What is the maximum permissible voltage on any pin with respect to vss?
➢ What are the typical loading capacitor values recommended for use with the 579545mhz crystal connected to pins 2 and 3?
1. Overview
️· What it is: The ELM440 is an integrated circuit (IC) designed to generate precise 60Hz and 1Hz output signals. It can operate either as a standalone crystal oscillator or synchronize to an external 60Hz/120Hz signal (e.g., from an AC power line).
️· Key Features:
- Dual Output: Provides both 60Hz and 1Hz signals.
- Synchronization: Can synchronize to an external 60Hz/120Hz signal, or run independently using a crystal oscillator.
- Easy Integration: Simple to use, with a few external components needed (primarily crystal loading capacitors).
- Microcontroller Core: Uses a Microchip PIC12C5XX microcontroller for its internal logic.
2. Pin Descriptions (with Key Functions)
️· Vdd (Pin 1): Positive supply voltage. Crucial for power and the power-on reset sequence.
️· XT1 & XT2 (Pins 2 & 3): Connections for the crystal oscillator. Requires external capacitors (typically 27pF) for proper operation.
️· Reset (Pin 4): Can be used to manually reset the IC. Pulled up internally.
️· Sync (Pin 5): External synchronization input. Connect to a 60Hz or 120Hz signal to synchronize the 60Hz output.
️· 1Hz (Pin 6): Output signal at 1Hz.
️· 60Hz (Pin 7): Output signal at 60Hz.
️· Vss (Pin 8): Ground connection.
3. Electrical Characteristics & Ratings
️· Supply Voltage (Vdd): 3.0V to 5.5V
️· Crystal Frequency: Designed for a 3.579545 MHz crystal (typical for NTSC colorburst signals).
️· Input Current: Relatively low, but important for power consumption calculations.
️· Output Voltage Levels: Defined by the supply voltage.
4. Operating Modes
️· Standalone Mode (Crystal Oscillator):
- Connect a crystal between XT1 and XT2.
- Add 27pF capacitors between each crystal pin and ground.
- The IC will generate a stable 60Hz output.
️· Synchronized Mode:
- Connect the Sync (Pin 5) to a 60Hz or 120Hz signal source.
- The 60Hz output will follow the frequency of the Sync signal.
5. Example Applications and Considerations
️· Timekeeping/Clock Generation: The 1Hz output is ideal for driving clock displays or generating timing signals.
️· AC Line Synchronization: The ability to synchronize to the AC power line can be useful for timing applications related to grid frequency.
️· Rectifier Circuits: When using AC line synchronization, ensure that the rectifier circuit has a large resistor (470KΩ) connected to the Sync input to prevent voltage floating.
️· Frequency Trimming: For increased accuracy, replace fixed capacitors with variable capacitors, and fine-tune.
6. Ordering Information
️· ELM440P: 300-mil Plastic DIP package
️· ELM440SM: 200-mil SOIC surface mount package
1. Overview
️· What it is: The ELM440 is an integrated circuit (IC) designed to generate precise 60Hz and 1Hz output signals. It can operate either as a standalone crystal oscillator or synchronize to an external 60Hz/120Hz signal (e.g., from an AC power line).
️· Key Features:
- Dual Output: Provides both 60Hz and 1Hz signals.
- Synchronization: Can synchronize to an external 60Hz/120Hz signal, or run independently using a crystal oscillator.
- Easy Integration: Simple to use, with a few external components needed (primarily crystal loading capacitors).
- Microcontroller Core: Uses a Microchip PIC12C5XX microcontroller for its internal logic.
2. Pin Descriptions (with Key Functions)
️· Vdd (Pin 1): Positive supply voltage. Crucial for power and the power-on reset sequence.
️· XT1 & XT2 (Pins 2 & 3): Connections for the crystal oscillator. Requires external capacitors (typically 27pF) for proper operation.
️· Reset (Pin 4): Can be used to manually reset the IC. Pulled up internally.
️· Sync (Pin 5): External synchronization input. Connect to a 60Hz or 120Hz signal to synchronize the 60Hz output.
️· 1Hz (Pin 6): Output signal at 1Hz.
️· 60Hz (Pin 7): Output signal at 60Hz.
️· Vss (Pin 8): Ground connection.
3. Electrical Characteristics & Ratings
️· Supply Voltage (Vdd): 3.0V to 5.5V
️· Crystal Frequency: Designed for a 3.579545 MHz crystal (typical for NTSC colorburst signals).
️· Input Current: Relatively low, but important for power consumption calculations.
️· Output Voltage Levels: Defined by the supply voltage.
4. Operating Modes
️· Standalone Mode (Crystal Oscillator):
- Connect a crystal between XT1 and XT2.
- Add 27pF capacitors between each crystal pin and ground.
- The IC will generate a stable 60Hz output.
️· Synchronized Mode:
- Connect the Sync (Pin 5) to a 60Hz or 120Hz signal source.
- The 60Hz output will follow the frequency of the Sync signal.
5. Example Applications and Considerations
️· Timekeeping/Clock Generation: The 1Hz output is ideal for driving clock displays or generating timing signals.
️· AC Line Synchronization: The ability to synchronize to the AC power line can be useful for timing applications related to grid frequency.
️· Rectifier Circuits: When using AC line synchronization, ensure that the rectifier circuit has a large resistor (470KΩ) connected to the Sync input to prevent voltage floating.
️· Frequency Trimming: For increased accuracy, replace fixed capacitors with variable capacitors, and fine-tune.
6. Ordering Information
️· ELM440P: 300-mil Plastic DIP package
️· ELM440SM: 200-mil SOIC surface mount package
| Part No. | ELM440 |
| Manufacturer | ELM |
| Size | 31 Kbytes |
| Pages | 4 pages |
| Description | 60Hz Generator |