Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HA13721RP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HA13721RP Datasheet

  • # Example questions: ➢ What are the two package options available for the ha13721rp, and what are their approximate masses?
    ➢ What is the maximum delay (in microseconds) for the 'wakeup 1' signal (twake)?
    ➢ What protection features are built into the ha13721rp chip regarding electrical faults, specifically related to the gnd and vcc pins?

  • Part No.HA13721RP
    ManufacturerRENESAS
    Size114 Kbytes
    Pages9 pages
    DescriptionCAN Transceiver
    Datasheet Summary with AI

    This document is a datasheet for the Renesas HEF14051B CAN transceiver. Here's a breakdown of the key information:

    Key Features & Functionality:

    ️· CAN Transceiver: Designed for CAN (Controller Area Network) communication, enabling data exchange in automotive, industrial, and other applications.
    ️· High-Speed: Supports data rates up to 1 Mbit/s (Mega bits per second).
    ️· Standby Mode: Includes a standby mode to reduce power consumption when not actively transmitting/receiving.
    ️· Fault Tolerance: Features protection against short circuits and overvoltage conditions (GND short/Vcc short). It also has thermal shutdown (TSD).
    ️· Differential Transmission: Uses differential signaling to improve noise immunity.
    ️· Dominant/Recessive Output: The chip drives the CAN bus lines to implement the dominant/recessive signaling necessary for CAN communication.
    ️· Wake-Up Capability: Can be awakened from standby mode by a dominant CAN signal.

    Key Specifications (from the datasheet):

    ️· Supply Voltage: (Not explicitly stated, but typically 5V)
    ️· Data Rate: Up to 1 Mbit/s.
    ️· Operating Temperature: (Not explicitly stated, typical industrial range -40°C to +85°C)
    ️· Package: Available in FP-8DC and FP-8D packages.

    Important Sections of the Datasheet:


    ️· Function Table: Clearly shows the chip's behavior based on the input signals (Txd - transmit data, Mode - active/standby) and resulting outputs.
    ️· Timing Charts: Illustrates the critical timing parameters for reliable CAN communication.
    ️· Test Circuit: Provides schematics for testing the chip's performance.
    ️· Emission Noise Characteristics: Reference data for emitted noise levels to aid in EMC compliance.
    ️· Package Dimensions: Physical dimensions of the available packages.
    ️· Application Example: Illustrates a typical application circuit for using the transceiver.

    Overall:

    This datasheet provides a detailed technical specification for the Renesas HEF14051B CAN transceiver. It's a valuable resource for engineers designing CAN-based communication systems.

    Key Features & Functionality:

    ️· CAN Transceiver: Designed for CAN (Controller Area Network) communication, enabling data exchange in automotive, industrial, and other applications.
    ️· High-Speed: Supports data rates up to 1 Mbit/s (Mega bits per second).
    ️· Standby Mode: Includes a standby mode to reduce power consumption when not actively transmitting/receiving.
    ️· Fault Tolerance: Features protection against short circuits and overvoltage conditions (GND short/Vcc short). It also has thermal shutdown (TSD).
    ️· Differential Transmission: Uses differential signaling to improve noise immunity.
    ️· Dominant/Recessive Output: The chip drives the CAN bus lines to implement the dominant/recessive signaling necessary for CAN communication.
    ️· Wake-Up Capability: Can be awakened from standby mode by a dominant CAN signal.

    Key Specifications (from the datasheet):

    ️· Supply Voltage: (Not explicitly stated, but typically 5V)
    ️· Data Rate: Up to 1 Mbit/s.
    ️· Operating Temperature: (Not explicitly stated, typical industrial range -40°C to +85°C)
    ️· Package: Available in FP-8DC and FP-8D packages.

    Important Sections of the Datasheet:

    ️· Function Table: Clearly shows the chip's behavior based on the input signals (Txd - transmit data, Mode - active/standby) and resulting outputs.
    ️· Timing Charts: Illustrates the critical timing parameters for reliable CAN communication.
    ️· Test Circuit: Provides schematics for testing the chip's performance.
    ️· Emission Noise Characteristics: Reference data for emitted noise levels to aid in EMC compliance.
    ️· Package Dimensions: Physical dimensions of the available packages.
    ️· Application Example: Illustrates a typical application circuit for using the transceiver.

    Overall:

    This datasheet provides a detailed technical specification for the Renesas HEF14051B CAN transceiver. It's a valuable resource for engineers designing CAN-based communication systems.

    Part No.HA13721RP
    ManufacturerRENESAS
    Size114 Kbytes
    Pages9 pages
    DescriptionCAN Transceiver
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com