| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TXLN060 Datasheet
# Example questions:
➢ What safety standards does this power supply meet, and where can you find the certification documents?
➢ What is the maximum leakage current specified for this power supply at 264 vac?
➢ What is the calculated mtbf of this power supply and under what conditions is it calculated?
# TXLN 060 Series AC/DC Power Supply
## Overview
Encased power supplies for cost-critical applications with a low profile metal case and screw terminal connection. Universal input and compliant with European EMC standards & LVD.
## Specifications
️· Input Voltage: 88-264 VAC (Full Range), 125-375 VDC (Designed for, no certification)
️· Output Power: 40W, 50W, 60W, 62W models available.
️· Output Voltage: 3.3VDC, 5VDC, 12VDC, 15VDC, 24VDC, 48VDC (adjustable)
️· Efficiency: Up to 86%
️· Cooling: Convection cooled (no fan)
️· Protection: Short circuit, overvoltage, overload. Internal fuse (2A/250VAC), recommend external slow blow fuse (2A).
️· Safety: IEC/EN/UL 62368-1, Class I protection, Pollution Degree 2, OVC II
️· EMC: Compliant with EN 55024, EN 55032, EN 61000-3-2, and EN 61000-3-3.
## Features
️· Compact metal case
️· Screw terminal block connection
️· Universal input voltage
️· High efficiency
️· No fan (convection cooled)
️· Comprehensive protection features
️· Safety certified
## Supporting Documents
️· Overview & additional documents: [www.tracopower.com/overview/txln060](http://www.tracopower.com/overview/txln060)
## Mechanical Details
️· Dimensions: See datasheet for detailed drawings and mounting information.
️· Mounting: Chassis mount
️· Weight: 340g
️· MTBF: 335,000h (MIL-HDBK-217F)
# TXLN 060 Series AC/DC Power Supply
## Overview
Encased power supplies for cost-critical applications with a low profile metal case and screw terminal connection. Universal input and compliant with European EMC standards & LVD.
## Specifications
️· Input Voltage: 88-264 VAC (Full Range), 125-375 VDC (Designed for, no certification)
️· Output Power: 40W, 50W, 60W, 62W models available.
️· Output Voltage: 3.3VDC, 5VDC, 12VDC, 15VDC, 24VDC, 48VDC (adjustable)
️· Efficiency: Up to 86%
️· Cooling: Convection cooled (no fan)
️· Protection: Short circuit, overvoltage, overload. Internal fuse (2A/250VAC), recommend external slow blow fuse (2A).
️· Safety: IEC/EN/UL 62368-1, Class I protection, Pollution Degree 2, OVC II
️· EMC: Compliant with EN 55024, EN 55032, EN 61000-3-2, and EN 61000-3-3.
## Features
️· Compact metal case
️· Screw terminal block connection
️· Universal input voltage
️· High efficiency
️· No fan (convection cooled)
️· Comprehensive protection features
️· Safety certified
## Supporting Documents
️· Overview & additional documents: [www.tracopower.com/overview/txln060](http://www.tracopower.com/overview/txln060)
## Mechanical Details
️· Dimensions: See datasheet for detailed drawings and mounting information.
️· Mounting: Chassis mount
️· Weight: 340g
️· MTBF: 335,000h (MIL-HDBK-217F)
| Part No. | TXLN060 |
| Manufacturer | TRACOPOWER |
| Size | 904 Kbytes |
| Pages | 4 pages |
| Description | AC/DC Power Supply TXLN 060 Series, 60 Watt |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |