Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP60 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TOP60 Datasheet

  • # Example questions: ➢ What type of connector is used for both input and output?
    ➢ What isolation voltage is specified between the input and output?
    ➢ What is the maximum operating temperature for this power supply?

  • Part No.TOP60
    ManufacturerTRACOPOWER
    Size291 Kbytes
    Pages3 pages
    DescriptionAC/DC Power Supplies TOP 60 Series, 60 Watt
    Datasheet Summary with AI

    # TOP 60 Series AC/DC Power Supplies

    ## Features
    ️· 60W power supply in 2.0”x 4.0” footprint
    ️· Single-, dual-, and triple output models
    ️· Up to 88% efficiency
    ️· Operating temperature: -10°C to +70°C
    ️· EMI filter meets EN 55022, Level B
    ️· 3-year warranty

    ## Models (Examples)
    ️· TOP 60105: 55W, 5.0VDC / 11.0A
    ️· TOP 60112: 60W, 12VDC / 5.0A
    ️· TOP 60252: 55W, +5.0 VDC / 6.0 A, +12 VDC / 3.0 A

    ## Input Specifications
    ️· Input Voltage: 100-240VAC (universal)
    ️· Input Frequency: 47-63 Hz

    ## Output Specifications

    ️· Voltage Regulation: ±2% (single output), ±3% (output 1, multi-output), ±5% (other outputs)
    ️· Overvoltage protection (output 1): 110-135% of Vout
    ️· Short circuit protection: Foldback

    ## General Specifications
    ️· Efficiency: 80-88%
    ️· Switching Frequency: 62 kHz
    ️· Altitude: up to 3000m
    ️· Safety: IEC/EN 60950-1

    ## Connection
    ️· Pin connector (Molex)
    ️· Dimensions: 2.0”x 4.0” (50.8 x 101.6 mm)

    ## Safety Approvals
    ️· CB certificate (IEC 60950-1)
    ️· TÜV certificate (UL 60950-1)

    # TOP 60 Series AC/DC Power Supplies

    ## Features
    ️· 60W power supply in 2.0”x 4.0” footprint
    ️· Single-, dual-, and triple output models
    ️· Up to 88% efficiency
    ️· Operating temperature: -10°C to +70°C
    ️· EMI filter meets EN 55022, Level B
    ️· 3-year warranty

    ## Models (Examples)
    ️· TOP 60105: 55W, 5.0VDC / 11.0A
    ️· TOP 60112: 60W, 12VDC / 5.0A
    ️· TOP 60252: 55W, +5.0 VDC / 6.0 A, +12 VDC / 3.0 A

    ## Input Specifications
    ️· Input Voltage: 100-240VAC (universal)
    ️· Input Frequency: 47-63 Hz

    ## Output Specifications
    ️· Voltage Regulation: ±2% (single output), ±3% (output 1, multi-output), ±5% (other outputs)
    ️· Overvoltage protection (output 1): 110-135% of Vout
    ️· Short circuit protection: Foldback

    ## General Specifications
    ️· Efficiency: 80-88%
    ️· Switching Frequency: 62 kHz
    ️· Altitude: up to 3000m
    ️· Safety: IEC/EN 60950-1

    ## Connection
    ️· Pin connector (Molex)
    ️· Dimensions: 2.0”x 4.0” (50.8 x 101.6 mm)

    ## Safety Approvals
    ️· CB certificate (IEC 60950-1)
    ️· TÜV certificate (UL 60950-1)

    Part No.TOP60
    ManufacturerTRACOPOWER
    Size291 Kbytes
    Pages3 pages
    DescriptionAC/DC Power Supplies TOP 60 Series, 60 Watt