Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM4108 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SM4108 Datasheet

  • # Example questions: ➢ What type of protection is built-in to prevent damage from excessive current or voltage?
    ➢ How many operational amplifiers are integrated within the sm4108 device?
    ➢ What is the input supply voltage range supported by the sm4108?

  • Part No.SM4108
    ManufacturerSILICONMITUS
    Size156 Kbytes
    Pages1 page
    DescriptionTV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter
    Datasheet Summary with AI

    # SM4108 TV LCD Panel PMIC

    ## Features
    ️· Input Voltage: 8.7V to 14.5V
    ️· Switching Frequency: 750kHz
    ️· Regulators:
    - Boost Converter (with built-in 20V, 3.3A MOSFET)
    - Buck Converter (with built-in 20V, 1.5A MOSFET)
    - Buck-Boost Converter (with built-in 60V, 1.2A MOSFET, temperature-compensated output)
    - Synchronous Buck Converter (with built-in 20V, 1.0A MOSFET)
    ️· Linear Regulators: Positive/Negative Controllers (external transistors required, positive controller is temperature-compensated)
    ️· Analog Switches: Dual SPST
    ️· Operational Amplifiers: Three, with:
    - 15MHz -3dB Bandwidth
    - 35V/s Slew Rate
    - 100mA Output Current
    ️· Scan Drivers: Dual High-Voltage (-25V ~ 35V), charge sharing capability
    ️· Protections:
    - Thermal Shutdown
    - Boost Converter True Shutdown (external pMOS)

    - Over-Load/Short Circuit/Over-Voltage Protection

    ## Applications
    ️· LCD TV and Monitor Panels

    ## Device Information
    ️· Part Number: SM4108
    ️· Package: 88 QFN
    ️· Size: 10mm x 10mm

    ## Description
    The SM4108 integrates multiple regulators, linear controllers, switches, op-amps, and scan drivers for LCD panel power management. It provides regulated voltage for source drivers, digital logic, and scan drivers, with features for temperature compensation and power efficiency.

    # SM4108 TV LCD Panel PMIC

    ## Features
    ️· Input Voltage: 8.7V to 14.5V
    ️· Switching Frequency: 750kHz
    ️· Regulators:
    - Boost Converter (with built-in 20V, 3.3A MOSFET)
    - Buck Converter (with built-in 20V, 1.5A MOSFET)
    - Buck-Boost Converter (with built-in 60V, 1.2A MOSFET, temperature-compensated output)
    - Synchronous Buck Converter (with built-in 20V, 1.0A MOSFET)
    ️· Linear Regulators: Positive/Negative Controllers (external transistors required, positive controller is temperature-compensated)
    ️· Analog Switches: Dual SPST
    ️· Operational Amplifiers: Three, with:
    - 15MHz -3dB Bandwidth
    - 35V/s Slew Rate
    - 100mA Output Current
    ️· Scan Drivers: Dual High-Voltage (-25V ~ 35V), charge sharing capability
    ️· Protections:
    - Thermal Shutdown
    - Boost Converter True Shutdown (external pMOS)
    - Over-Load/Short Circuit/Over-Voltage Protection

    ## Applications
    ️· LCD TV and Monitor Panels

    ## Device Information
    ️· Part Number: SM4108
    ️· Package: 88 QFN
    ️· Size: 10mm x 10mm

    ## Description
    The SM4108 integrates multiple regulators, linear controllers, switches, op-amps, and scan drivers for LCD panel power management. It provides regulated voltage for source drivers, digital logic, and scan drivers, with features for temperature compensation and power efficiency.

    Part No.SM4108
    ManufacturerSILICONMITUS
    Size156 Kbytes
    Pages1 page
    DescriptionTV LCD Panel PMIC with AVDD Boost, HAVDD Buck, Buck, VGH regulator, VGL Buck-Boost, Positive/Negative Linear Regulator Controller, Dual Analog Switches, Three OP-Amps and Level-shifter
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com