| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HA-A1440 Datasheet
# Example questions:
➢ What is the typical power dissipation of this oscillator with no load connected, and what is the maximum acceptable operating temperature?
➢ What is the maximum allowable frequency stability, considering all specified conditions such as voltage, temperature, and aging?
➢ How does enabling or disabling pin 1 affect the output signal on pin 5, and what is the resulting impedance in the disabled state?
# HA-A1440 Series Crystal Clock Oscillators
## Description
️· Quartz crystal oscillators providing enable/disable 3-state CMOS compatible signals.
️· Pin 1 enables output on Pin 5; disabling presents a high impedance.
## Features
️· Frequency Range: 70.1MHz to 125.0MHz
️· Tolerance: User-specified options available
️· Temperature Resistance: Withstands vapor phase temperatures up to 253°C for 4 minutes
️· Space-Saving: Alternative to discrete component oscillators
️· Shock Resistance: Up to 1000g
️· Package: All metal, resistance weld, hermetically sealed
️· Voltage: 3.3 Volt operation
️· Jitter: Low Jitter
️· Circuit: High Q Crystal actively tuned oscillator circuit, no internal PLL.
️· Power: Internal power supply decoupling, low power consumption.
️· Compliance: RoHS Compliant (unless solder dipped leads are supplied).
️· Certification: COTS/Dual use
## Electrical Connection
️· Pin 1: Enable Input
️· Pin 4: Ground & Case
️· Pin 5: Output
️· Pin 8: V DD
## Electrical Characteristics
️· Frequency: 70.1MHz - 125.0MHz
️· Duty Cycle: 45/55% - 55/45% @ V DD/2
️· Logic 0 V OL: 0.1V - 0.2V @ 600µA
️· Logic 1 V OH: V DD-0.2V / V CD-0.1V
️· Rise/Fall Time: 1ns - 2ns
️· Jitter:
- RMS: 0.1ps (12kHz to 20MHz)
- Wavecrest Random Period: 2.3ps
️· Frequency Stability: -100ppm to +100ppm overall
## General Characteristics
️· Supply Voltage: 3.135V - 3.465V
️· Supply Current: 0.0 mA - 60mA (no load)
️· Output Current: ±25.0 mA
️· Operating Temperature: 0°C - 70°C
️· Storage Temperature: -55°C - 125°C
️· Power Dissipation: 208 mW
️· Start-up Time: 2ms - 10ms
## Environmental & Mechanical Characteristics
️· Hermetically sealed (Leak rate < 1 x 10^-8 atm.cc/sec)
️· Compliance with MIL-STD-202 (Shock) and MIL-STD-883 (Thermal Shock).
# HA-A1440 Series Crystal Clock Oscillators
## Description
️· Quartz crystal oscillators providing enable/disable 3-state CMOS compatible signals.
️· Pin 1 enables output on Pin 5; disabling presents a high impedance.
## Features
️· Frequency Range: 70.1MHz to 125.0MHz
️· Tolerance: User-specified options available
️· Temperature Resistance: Withstands vapor phase temperatures up to 253°C for 4 minutes
️· Space-Saving: Alternative to discrete component oscillators
️· Shock Resistance: Up to 1000g
️· Package: All metal, resistance weld, hermetically sealed
️· Voltage: 3.3 Volt operation
️· Jitter: Low Jitter
️· Circuit: High Q Crystal actively tuned oscillator circuit, no internal PLL.
️· Power: Internal power supply decoupling, low power consumption.
️· Compliance: RoHS Compliant (unless solder dipped leads are supplied).
️· Certification: COTS/Dual use
## Electrical Connection
️· Pin 1: Enable Input
️· Pin 4: Ground & Case
️· Pin 5: Output
️· Pin 8: V DD
## Electrical Characteristics
️· Frequency: 70.1MHz - 125.0MHz
️· Duty Cycle: 45/55% - 55/45% @ V DD/2
️· Logic 0 V OL: 0.1V - 0.2V @ 600µA
️· Logic 1 V OH: V DD-0.2V / V CD-0.1V
️· Rise/Fall Time: 1ns - 2ns
️· Jitter:
- RMS: 0.1ps (12kHz to 20MHz)
- Wavecrest Random Period: 2.3ps
️· Frequency Stability: -100ppm to +100ppm overall
## General Characteristics
️· Supply Voltage: 3.135V - 3.465V
️· Supply Current: 0.0 mA - 60mA (no load)
️· Output Current: ±25.0 mA
️· Operating Temperature: 0°C - 70°C
️· Storage Temperature: -55°C - 125°C
️· Power Dissipation: 208 mW
️· Start-up Time: 2ms - 10ms
## Environmental & Mechanical Characteristics
️· Hermetically sealed (Leak rate < 1 x 10^-8 atm.cc/sec)
️· Compliance with MIL-STD-202 (Shock) and MIL-STD-883 (Thermal Shock).
| Part No. | HA-A1440 |
| Manufacturer | NEL |
| Size | 402 Kbytes |
| Pages | 2 pages |
| Description | CRYSTAL CLOCK OSCILLATORS |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |