| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HS-A390 Datasheet
# Example questions:
➢ What is the maximum power dissipation (p d ) of this oscillator, and what factors contribute to it?
➢ How does the supply voltage (v dd ) affect the logic high (v oh ) and logic low (v ol ) output voltages?
➢ What is the maximum allowable frequency stability, considering all specified conditions?
# HS-A390 Series Crystal Clock Oscillators
## Description
Quartz crystal oscillators providing CMOS compatible signals for general-purpose timing applications.
## Features
· Frequency Range: 70.1MHz to 125.0MHz
· User-specified tolerance available
· Withstands vapor phase temperatures up to 253°C for 4 minutes
· Space-saving alternative to discrete oscillators
· High shock resistance (3000g)
· 3.3V operation
· Low jitter
· High Q crystal, actively tuned oscillator circuit
· Internal power supply decoupling
· No internal PLL
· High frequencies via proprietary design
· All-metal, resistance-welded, hermetically sealed package
· Gold-plated leads (solder-dipped leads available)
## Electrical Connection
Pin Connection
1 N.C.
7 Grd & Case
8 Output
14 V DD
## Electrical Characteristics
· Frequency: 70.1 MHz - 125.0 MHz
· Duty Cycle: 45/55% to 55/45% @ V DD/2
· Logic 0 (VOL): 0.1V - 0.2V @ 600µA
· Logic 1 (VOH): V DD - 0.2V to V DD - 0.1V @ 600µA
· Rise & Fall Time: 1 ns - 2 ns
· Jitter (RMS): 5 psec
· Frequency Stability: -100 ppm to +100 ppm (overall conditions)
## General Characteristics
· Supply Voltage (V DD): 3.135V - 3.465V
· Supply Current (I DD): 0.0 mA - 60 mA (no load)
· Output Current (I O): 0.0 mA to ±25.0 mA
· Operating Temperature (T A): 0°C - 70°C
· Storage Temperature (T S): -55°C - 125°C
· Power Dissipation (P D): 208 mW
· Lead Temperature (T L): 300°C (for 10 seconds)
· Load: 15pf
· Start-up Time: 10 ms
## Environmental & Mechanical Characteristics
· Compliant with MIL-STD-202 (Shock) & MIL-STD-833 (Thermal Shock)
· Vibration resistance: 0.060" double amplitude (10-2000 Hz)
· Soldering Condition: 300°C for 10 seconds
· Hermetic Seal Leak Rate: Less than 1 x 10-8 atm.cc/sec
# HS-A390 Series Crystal Clock Oscillators
## Description
Quartz crystal oscillators providing CMOS compatible signals for general-purpose timing applications.
## Features
· Frequency Range: 70.1MHz to 125.0MHz
· User-specified tolerance available
· Withstands vapor phase temperatures up to 253°C for 4 minutes
· Space-saving alternative to discrete oscillators
· High shock resistance (3000g)
· 3.3V operation
· Low jitter
· High Q crystal, actively tuned oscillator circuit
· Internal power supply decoupling
· No internal PLL
· High frequencies via proprietary design
· All-metal, resistance-welded, hermetically sealed package
· Gold-plated leads (solder-dipped leads available)
## Electrical Connection
Pin Connection
1 N.C.
7 Grd & Case
8 Output
14 V DD
## Electrical Characteristics
· Frequency: 70.1 MHz - 125.0 MHz
· Duty Cycle: 45/55% to 55/45% @ V DD/2
· Logic 0 (VOL): 0.1V - 0.2V @ 600µA
· Logic 1 (VOH): V DD - 0.2V to V DD - 0.1V @ 600µA
· Rise & Fall Time: 1 ns - 2 ns
· Jitter (RMS): 5 psec
· Frequency Stability: -100 ppm to +100 ppm (overall conditions)
## General Characteristics
· Supply Voltage (V DD): 3.135V - 3.465V
· Supply Current (I DD): 0.0 mA - 60 mA (no load)
· Output Current (I O): 0.0 mA to ±25.0 mA
· Operating Temperature (T A): 0°C - 70°C
· Storage Temperature (T S): -55°C - 125°C
· Power Dissipation (P D): 208 mW
· Lead Temperature (T L): 300°C (for 10 seconds)
· Load: 15pf
· Start-up Time: 10 ms
## Environmental & Mechanical Characteristics
· Compliant with MIL-STD-202 (Shock) & MIL-STD-833 (Thermal Shock)
· Vibration resistance: 0.060" double amplitude (10-2000 Hz)
· Soldering Condition: 300°C for 10 seconds
· Hermetic Seal Leak Rate: Less than 1 x 10-8 atm.cc/sec
| Part No. | HS-A390 |
| Manufacturer | NEL |
| Size | 365 Kbytes |
| Pages | 2 pages |
| Description | CRYSTAL CLOCK OSCILLATORS |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |