Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

75N75L-TN3-T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 75N75L-TN3-T Datasheet

  • # Example questions: ➢ Approximately how long does it take for the junction temperature to reach its maximum after a pulse is applied?
    ➢ What is the typical maximum safe operating area junction temperature (tj) when the drain current (id) is at its maximum value?
    ➢ What is the value of ciss (input capacitance) and under what conditions is it measured?

  • Part No.75N75L-TN3-T
    ManufacturerUTC
    Size155 Kbytes
    Pages8 pages
    Description75Amps, 75Volts N-CHANNEL POWER MOSTFET
    Datasheet Summary with AI

    # 75N75 Power MOSFET

    ## Features
    ️· N-Channel Enhancement Mode
    ️· RDS(ON) = 12.5mΩ @VGS = 10V
    ️· Ultra low gate charge (typical 90nC)
    ️· Fast switching capability
    ️· Avalanche energy specified
    ️· Improved dv/dt capability, high ruggedness

    ## Ordering Information
    ️· Packages: TO-220, TO-220F, TO-251, TO-252
    ️· Lead Plating: Available with lead-free plating (suffix 'L') or standard plating.
    ️· Packing: Tube or Tape Reel

    ## Absolute Maximum Ratings
    ️· Drain to Source Voltage (VDSS): 75V
    ️· Continuous Drain Current (ID): 75A (TC=25°C), 56A (TC=100°C)
    ️· Pulsed Drain Current (IDM): 300A
    ️· Gate to Source Voltage (VGS): ±20V
    ️· Avalanche Energy (EAS): 900mJ
    ️· Peak Diode Recovery dv/dt: 15 V/ns
    ️· Total Power Dissipation (PD): 220W (TC=25°C), 1.4W/°C (derating)
    ️· Junction Temperature (TJ): +150°C
    ️· Storage Temperature (TSTG): -55°C to +150°C

    ## Thermal Data
    ️· Thermal Resistance Junction-Ambient (θJA): 62.5 °C/W
    ️· Thermal Resistance Junction-Case (θJC): 0.8 °C/W
    ️· Thermal Resistance Case-Sink (θCS): 0.5 °C/W

    ## Electrical Characteristics (TC=25°C)
    ️· Off Characteristics:
    - Drain-Source Breakdown Voltage (BVDSS): 75V
    - Drain-Source Leakage Current (IDSS): 20µA, 250µA (TJ=150°C)
    ️· On Characteristics:
    - Gate Threshold Voltage (VGS(TH)): 2.0 - 4.0V
    - Static Drain-Source On-State Resistance (RDS(ON)): 12.5 - 15 mΩ @ VGS = 10V
    ️· Dynamic Characteristics:
    - Input Capacitance (CISS): 3300 pF
    - Output Capacitance (COSS): 530 pF
    - Reverse Transfer Capacitance (CRSS): 80 pF
    ️· Switching Characteristics:
    - Turn-On Delay Time (tD(ON)): 12ns
    - Rise Time (tR): 79ns
    - Turn-Off Delay Time (tD(OFF)): 80ns
    - Fall Time (tF): 52ns
    - Total Gate Charge (QG): 90-140nC
    ️· Source-Drain Diode:
    - Continuous Source Current (IS): 75A
    - Pulsed Source Current (ISM): 300A
    - Diode Forward Voltage (VSD): 1.4V

    ## Pin Assignments
    ️· 1: Gate
    ️· 2: Drain
    ️· 3: Source

    # 75N75 Power MOSFET

    ## Features
    ️· N-Channel Enhancement Mode
    ️· RDS(ON) = 12.5mΩ @VGS = 10V
    ️· Ultra low gate charge (typical 90nC)
    ️· Fast switching capability
    ️· Avalanche energy specified
    ️· Improved dv/dt capability, high ruggedness

    ## Ordering Information
    ️· Packages: TO-220, TO-220F, TO-251, TO-252
    ️· Lead Plating: Available with lead-free plating (suffix 'L') or standard plating.
    ️· Packing: Tube or Tape Reel

    ## Absolute Maximum Ratings
    ️· Drain to Source Voltage (VDSS): 75V
    ️· Continuous Drain Current (ID): 75A (TC=25°C), 56A (TC=100°C)
    ️· Pulsed Drain Current (IDM): 300A
    ️· Gate to Source Voltage (VGS): ±20V
    ️· Avalanche Energy (EAS): 900mJ
    ️· Peak Diode Recovery dv/dt: 15 V/ns
    ️· Total Power Dissipation (PD): 220W (TC=25°C), 1.4W/°C (derating)
    ️· Junction Temperature (TJ): +150°C
    ️· Storage Temperature (TSTG): -55°C to +150°C

    ## Thermal Data
    ️· Thermal Resistance Junction-Ambient (θJA): 62.5 °C/W
    ️· Thermal Resistance Junction-Case (θJC): 0.8 °C/W
    ️· Thermal Resistance Case-Sink (θCS): 0.5 °C/W

    ## Electrical Characteristics (TC=25°C)
    ️· Off Characteristics:
    - Drain-Source Breakdown Voltage (BVDSS): 75V
    - Drain-Source Leakage Current (IDSS): 20µA, 250µA (TJ=150°C)
    ️· On Characteristics:
    - Gate Threshold Voltage (VGS(TH)): 2.0 - 4.0V
    - Static Drain-Source On-State Resistance (RDS(ON)): 12.5 - 15 mΩ @ VGS = 10V
    ️· Dynamic Characteristics:
    - Input Capacitance (CISS): 3300 pF
    - Output Capacitance (COSS): 530 pF
    - Reverse Transfer Capacitance (CRSS): 80 pF
    ️· Switching Characteristics:
    - Turn-On Delay Time (tD(ON)): 12ns
    - Rise Time (tR): 79ns
    - Turn-Off Delay Time (tD(OFF)): 80ns
    - Fall Time (tF): 52ns
    - Total Gate Charge (QG): 90-140nC
    ️· Source-Drain Diode:
    - Continuous Source Current (IS): 75A
    - Pulsed Source Current (ISM): 300A
    - Diode Forward Voltage (VSD): 1.4V

    ## Pin Assignments
    ️· 1: Gate
    ️· 2: Drain
    ️· 3: Source

    Part No.75N75L-TN3-T
    ManufacturerUTC
    Size155 Kbytes
    Pages8 pages
    Description75Amps, 75Volts N-CHANNEL POWER MOSTFET