Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

81N28-H-AB3-I-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 81N28-H-AB3-I-R Datasheet

  • # Example questions: ➢ What is the typical range of transient delay time, as indicated in the 'typical performance characteristics' section?
    ➢ Input voltage'. what are the different temperature conditions tested in these graphs?
    ➢ What is the difference in supply current between the completion of release operation and during the power-start to output being stable?

  • Part No.81N28-H-AB3-I-R
    ManufacturerUTC
    Size204 Kbytes
    Pages15 pages
    DescriptionVOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
    Datasheet Summary with AI

    # UNISONIC TECHNOLOGIES 81CXXX/81NXXX CMOS IC

    ## Voltage Detectors with Built-In Delay Time

    Description
    · CMOS technology voltage detector with high accuracy and low power consumption.
    · Includes built-in delay circuit for simplified peripheral design and high-density mounting.
    · Available in CMOS and N-channel open drain output configurations.

    Features
    · Accuracy: Detect voltage ± 2%
    · Delay Time: 1ms ~ 50ms, 50ms ~ 200ms, 200ms ~ 400ms
    · Temperature Characteristics: Detect Voltage Temperature: TYP ± 100ppm/°C
    · Operating Voltage: 0.7V ~ 10.0V
    · Current Consumption: TYP 1.0 µA (VIN = 2.0V)
    · Package Options: TO-92, SOT-89, SOT-23

    Ordering Information
    · Series: 81CXXX (CMOS) / 81NXXX (N-Channel)
    · Delay Time Codes: P (1 ~ 50ms), Q (50 ~ 200ms), R (200 ~ 400ms), H, J, K
    · Lead Plating: Lead-free (L) or Pb/Sn (blank)
    · Packing: Tape Reel (R), Tape Box (B), Bulk (K)
    · Package Codes: AB3 (SOT-89), AE3 (SOT-23), T92 (TO-92)

    Electrical Characteristics
    · Detect Voltage: Varies with series/model (1.0V - 5.0V). See Marking Information for specific codes.
    · Hysteresis Range: 0.02 ~ 0.08V
    · Supply Current: 0.9 ~ 4.2 µA (depending on VIN)
    · Output Current: Up to 13mA (depending on output type and VIN)

    Marking Information
    · Voltage Code: 10-50 corresponding to 1.0V - 5.0V in 0.1V increments.
    · Package Codes: Refer to datasheet for specific markings.
    · CMOS/N-Channel indicator

    Thermal Characteristics
    · Thermal Resistance (θJC): 45 °C/W (TO-92), 100 °C/W (SOT-89), 200 °C/W (SOT-23)

    Absolute Maximum Ratings
    · Input Voltage (VIN): 12V
    · Output Current (IOUT): 50mA
    · Operating Temperature (TOPR): -30 ~ +80°C
    · Storage Temperature (TSTG): -40 ~ +125°C

    # UNISONIC TECHNOLOGIES 81CXXX/81NXXX CMOS IC

    ## Voltage Detectors with Built-In Delay Time

    Description
    · CMOS technology voltage detector with high accuracy and low power consumption.
    · Includes built-in delay circuit for simplified peripheral design and high-density mounting.
    · Available in CMOS and N-channel open drain output configurations.

    Features
    · Accuracy: Detect voltage ± 2%
    · Delay Time: 1ms ~ 50ms, 50ms ~ 200ms, 200ms ~ 400ms
    · Temperature Characteristics: Detect Voltage Temperature: TYP ± 100ppm/°C
    · Operating Voltage: 0.7V ~ 10.0V
    · Current Consumption: TYP 1.0 µA (VIN = 2.0V)
    · Package Options: TO-92, SOT-89, SOT-23

    Ordering Information
    · Series: 81CXXX (CMOS) / 81NXXX (N-Channel)
    · Delay Time Codes: P (1 ~ 50ms), Q (50 ~ 200ms), R (200 ~ 400ms), H, J, K
    · Lead Plating: Lead-free (L) or Pb/Sn (blank)
    · Packing: Tape Reel (R), Tape Box (B), Bulk (K)
    · Package Codes: AB3 (SOT-89), AE3 (SOT-23), T92 (TO-92)

    Electrical Characteristics
    · Detect Voltage: Varies with series/model (1.0V - 5.0V). See Marking Information for specific codes.
    · Hysteresis Range: 0.02 ~ 0.08V
    · Supply Current: 0.9 ~ 4.2 µA (depending on VIN)
    · Output Current: Up to 13mA (depending on output type and VIN)

    Marking Information
    · Voltage Code: 10-50 corresponding to 1.0V - 5.0V in 0.1V increments.
    · Package Codes: Refer to datasheet for specific markings.
    · CMOS/N-Channel indicator

    Thermal Characteristics
    · Thermal Resistance (θJC): 45 °C/W (TO-92), 100 °C/W (SOT-89), 200 °C/W (SOT-23)

    Absolute Maximum Ratings
    · Input Voltage (VIN): 12V
    · Output Current (IOUT): 50mA
    · Operating Temperature (TOPR): -30 ~ +80°C
    · Storage Temperature (TSTG): -40 ~ +125°C

    Part No.81N28-H-AB3-I-R
    ManufacturerUTC
    Size204 Kbytes
    Pages15 pages
    DescriptionVOLTAGE DETECTORS WITH BUILT-IN DELAY TIME