| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 81N39L-H-AB3-I-R Datasheet
# Example questions:
➢ What is the typical range of transient delay time, as indicated in the 'typical performance characteristics' section?
➢ Input voltage'. what are the different temperature conditions tested in these graphs?
➢ What is the difference in supply current between the completion of release operation and during the power-start to output being stable?
# UNISONIC TECHNOLOGIES 81CXXX/81NXXX CMOS IC
## Voltage Detectors with Built-In Delay Time
Description
· CMOS technology voltage detector with high accuracy and low power consumption.
· Includes built-in delay circuit for simplified peripheral design and high-density mounting.
· Available in CMOS and N-channel open drain output configurations.
Features
· Accuracy: Detect voltage ± 2%
· Delay Time: 1ms ~ 50ms, 50ms ~ 200ms, 200ms ~ 400ms
· Temperature Characteristics: Detect Voltage Temperature: TYP ± 100ppm/°C
· Operating Voltage: 0.7V ~ 10.0V
· Current Consumption: TYP 1.0 µA (VIN = 2.0V)
· Package Options: TO-92, SOT-89, SOT-23
Ordering Information
· Series: 81CXXX (CMOS) / 81NXXX (N-Channel)
· Delay Time Codes: P (1 ~ 50ms), Q (50 ~ 200ms), R (200 ~ 400ms), H, J, K
· Lead Plating: Lead-free (L) or Pb/Sn (blank)
· Packing: Tape Reel (R), Tape Box (B), Bulk (K)
· Package Codes: AB3 (SOT-89), AE3 (SOT-23), T92 (TO-92)
Electrical Characteristics
· Detect Voltage: Varies with series/model (1.0V - 5.0V). See Marking Information for specific codes.
· Hysteresis Range: 0.02 ~ 0.08V
· Supply Current: 0.9 ~ 4.2 µA (depending on VIN)
· Output Current: Up to 13mA (depending on output type and VIN)
Marking Information
· Voltage Code: 10-50 corresponding to 1.0V - 5.0V in 0.1V increments.
· Package Codes: Refer to datasheet for specific markings.
· CMOS/N-Channel indicator
Thermal Characteristics
· Thermal Resistance (θJC): 45 °C/W (TO-92), 100 °C/W (SOT-89), 200 °C/W (SOT-23)
Absolute Maximum Ratings
· Input Voltage (VIN): 12V
· Output Current (IOUT): 50mA
· Operating Temperature (TOPR): -30 ~ +80°C
· Storage Temperature (TSTG): -40 ~ +125°C
# UNISONIC TECHNOLOGIES 81CXXX/81NXXX CMOS IC
## Voltage Detectors with Built-In Delay Time
Description
· CMOS technology voltage detector with high accuracy and low power consumption.
· Includes built-in delay circuit for simplified peripheral design and high-density mounting.
· Available in CMOS and N-channel open drain output configurations.
Features
· Accuracy: Detect voltage ± 2%
· Delay Time: 1ms ~ 50ms, 50ms ~ 200ms, 200ms ~ 400ms
· Temperature Characteristics: Detect Voltage Temperature: TYP ± 100ppm/°C
· Operating Voltage: 0.7V ~ 10.0V
· Current Consumption: TYP 1.0 µA (VIN = 2.0V)
· Package Options: TO-92, SOT-89, SOT-23
Ordering Information
· Series: 81CXXX (CMOS) / 81NXXX (N-Channel)
· Delay Time Codes: P (1 ~ 50ms), Q (50 ~ 200ms), R (200 ~ 400ms), H, J, K
· Lead Plating: Lead-free (L) or Pb/Sn (blank)
· Packing: Tape Reel (R), Tape Box (B), Bulk (K)
· Package Codes: AB3 (SOT-89), AE3 (SOT-23), T92 (TO-92)
Electrical Characteristics
· Detect Voltage: Varies with series/model (1.0V - 5.0V). See Marking Information for specific codes.
· Hysteresis Range: 0.02 ~ 0.08V
· Supply Current: 0.9 ~ 4.2 µA (depending on VIN)
· Output Current: Up to 13mA (depending on output type and VIN)
Marking Information
· Voltage Code: 10-50 corresponding to 1.0V - 5.0V in 0.1V increments.
· Package Codes: Refer to datasheet for specific markings.
· CMOS/N-Channel indicator
Thermal Characteristics
· Thermal Resistance (θJC): 45 °C/W (TO-92), 100 °C/W (SOT-89), 200 °C/W (SOT-23)
Absolute Maximum Ratings
· Input Voltage (VIN): 12V
· Output Current (IOUT): 50mA
· Operating Temperature (TOPR): -30 ~ +80°C
· Storage Temperature (TSTG): -40 ~ +125°C
| Part No. | 81N39L-H-AB3-I-R |
| Manufacturer | UTC |
| Size | 204 Kbytes |
| Pages | 15 pages |
| Description | VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |