| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 4STD37SAM99A10X Datasheet
# Example questions:
➢ What cable american wire gauge (awg) size does the solder cup of this connector accept?
➢ What is the recommended maximum wattage for the soldering iron when using this d-sub female connector?
➢ What materials are the metal shells of this connector constructed from?
# D-SUB FEMALE CONNECTOR - 37 POSITIONS
## General Description
️· Connector type: D-SUB Female
️· Part number: 4STD37S M99A10X
️· Position count: 37
️· Intended Use: For installation into water resistant hood
️· Connector is part marked: 4STD37S M99A10X CONEC ABC (see note 3)
️· RoHS Compliant (Directive 2002/95/EC)
## Materials and Plating
️· Metalshells: Copper Alloy, Tin plating (min. 315µin) over Nickel (40-80µin)
️· Insulators: PBT GF UL 94 V-0; Black
️· Contacts: Copper Alloy, Plating options:
- Add "C" for 30µin Hard Gold over min. 50µin Nickel
- Add "B" for 20µin Hard Gold over min. 50µin Nickel
- Add "A" for Gold Flash over Nickel (Preferred Type)
️· Solder Cup accepts cable AWG 20
## Dimensions & Tolerances
️· Dimensions are in mm
️· Tolerance information provided in the drawing (specific values omitted for brevity)
️· Ratio: 2:1 (5:1)
## Solder Instruction
1. Prepare cable by pretinning.
2. Insert cable/wire into solder cup.
3. Use soldering iron at 350°C, 50 Watt max, pencil tip.
4. Put tip to wire in solder cup.
5. Apply solder after 1 second.
6. Heat for 3 seconds, total heating time no more than 4 seconds.
7. Remove soldering iron.
8. Wait for solder to solidify.
9. Alternate positions when soldering to prevent heat build-up.
# D-SUB FEMALE CONNECTOR - 37 POSITIONS
## General Description
️· Connector type: D-SUB Female
️· Part number: 4STD37S M99A10X
️· Position count: 37
️· Intended Use: For installation into water resistant hood
️· Connector is part marked: 4STD37S M99A10X CONEC ABC (see note 3)
️· RoHS Compliant (Directive 2002/95/EC)
## Materials and Plating
️· Metalshells: Copper Alloy, Tin plating (min. 315µin) over Nickel (40-80µin)
️· Insulators: PBT GF UL 94 V-0; Black
️· Contacts: Copper Alloy, Plating options:
- Add "C" for 30µin Hard Gold over min. 50µin Nickel
- Add "B" for 20µin Hard Gold over min. 50µin Nickel
- Add "A" for Gold Flash over Nickel (Preferred Type)
️· Solder Cup accepts cable AWG 20
## Dimensions & Tolerances
️· Dimensions are in mm
️· Tolerance information provided in the drawing (specific values omitted for brevity)
️· Ratio: 2:1 (5:1)
## Solder Instruction
1. Prepare cable by pretinning.
2. Insert cable/wire into solder cup.
3. Use soldering iron at 350°C, 50 Watt max, pencil tip.
4. Put tip to wire in solder cup.
5. Apply solder after 1 second.
6. Heat for 3 seconds, total heating time no more than 4 seconds.
7. Remove soldering iron.
8. Wait for solder to solidify.
9. Alternate positions when soldering to prevent heat build-up.
| Part No. | 4STD37SAM99A10X |
| Manufacturer | CONEC |
| Size | 339 Kbytes |
| Pages | 1 page |
| Description | D-SUB FEMALE 37pos. SOLDER CUP for installation into water resistant hood |