| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GF2001 Datasheet
# Example questions:
➢ What is the maximum operating temperature specified for this speaker?
➢ How does the warranty period for this speaker compare to other cui devices products?
➢ What is the typical impedance of the speaker at 0.2 khz?
# MODEL: GF2001 | DESCRIPTION: SPEAKER
## FEATURES
· 205 mm diameter
· Round frame
· 10.0 W power
· 8 Ω impedance
· Ferrite magnet
· Paper cone
## SPECIFICATIONS
· Input Power: 10-20 W
· Impedance: 6.8-9.2 Ω at 0.2 kHz, 1.0 V
· Resonant Frequency (Fo): 75-105 Hz at 1.0 V
· Frequency Response: 11,000 Hz
· Sound Pressure Level: 96-100 dB at 1.0 W, 50 cm (avg at 0.2-0.5 kHz)
· Dimensions: Ø205.5 x 70 mm
· Magnet: Ferrite
· Cone Material: Paper
· Terminal: Solder eyelets
· Operating Temperature: -25 to 70 °C
· Hand Soldering Temperature: 400-440 °C (max 5 seconds)
· RoHS Compliant: Yes
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.8 mm
## FREQUENCY RESPONSE CURVE
· Potentiometer Range: 50 dB
· Lower Limit Frequency: 20 Hz
· Zero Level: 60 dB
## REVISION HISTORY
· 1.0 (01/20/2003): Initial Release
· 1.01 (03/09/2021): Brand Update
· 1.02 (08/05/2022): Logo and Datasheet Style Update
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty (details on website)
· Product specifications subject to change without notice
· Not authorized for use as critical components in life support devices.
# MODEL: GF2001 | DESCRIPTION: SPEAKER
## FEATURES
· 205 mm diameter
· Round frame
· 10.0 W power
· 8 Ω impedance
· Ferrite magnet
· Paper cone
## SPECIFICATIONS
· Input Power: 10-20 W
· Impedance: 6.8-9.2 Ω at 0.2 kHz, 1.0 V
· Resonant Frequency (Fo): 75-105 Hz at 1.0 V
· Frequency Response: 11,000 Hz
· Sound Pressure Level: 96-100 dB at 1.0 W, 50 cm (avg at 0.2-0.5 kHz)
· Dimensions: Ø205.5 x 70 mm
· Magnet: Ferrite
· Cone Material: Paper
· Terminal: Solder eyelets
· Operating Temperature: -25 to 70 °C
· Hand Soldering Temperature: 400-440 °C (max 5 seconds)
· RoHS Compliant: Yes
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.8 mm
## FREQUENCY RESPONSE CURVE
· Potentiometer Range: 50 dB
· Lower Limit Frequency: 20 Hz
· Zero Level: 60 dB
## REVISION HISTORY
· 1.0 (01/20/2003): Initial Release
· 1.01 (03/09/2021): Brand Update
· 1.02 (08/05/2022): Logo and Datasheet Style Update
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty (details on website)
· Product specifications subject to change without notice
· Not authorized for use as critical components in life support devices.
| Part No. | GF2001 |
| Manufacturer | CUID |
| Size | 1Mb |
| Pages | 3 pages |
| Description | SPEAKER |