| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GF2002 Datasheet
# Example questions:
➢ What is the maximum permissible hand soldering time and temperature range for the solder eyelets?
➢ What is the typical resonant frequency (fo) of this speaker?
➢ How does the warranty period for the gf2002 speaker compare to other cui devices products?
# MODEL: GF2002 | DESCRIPTION: SPEAKER
## FEATURES
· 210 mm diameter, round frame speaker
· 20.0 W power
· 8 Ω impedance
· Ferrite magnet
· Paper cone
## SPECIFICATIONS
· Input Power: 10-30 W
· Impedance (at 0.8 kHz, 1.0 V): 6.8-9.2 Ω
· Resonant Frequency (Fo, at 1.0 V): 52-78 Hz
· Frequency Response: 10,000 Hz
· Sound Pressure Level (at 1.0 W, 50 cm): 87-93 dB
· Dimensions: Ø210 x 86 mm
· Magnet: Ferrite
· Cone Material: Paper
· Terminals: Solder eyelets
· Operating Temperature: -25 to 70 °C
· RoHS Compliant
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.8 mm
## FREQUENCY RESPONSE CURVE
· Potentiometer Range: 50 dB
· Lower Limit Frequency: 20 Hz
· Zero Level: 60 dB
## REVISION HISTORY
· 1.0 (01/20/2003): Initial release
· 1.01 (02/10/2021): Brand update
· 1.02 (08/05/2022): Logo and datasheet style update
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty
· Subject to change without notice
· Not authorized for use as critical components in life support devices
# MODEL: GF2002 | DESCRIPTION: SPEAKER
## FEATURES
· 210 mm diameter, round frame speaker
· 20.0 W power
· 8 Ω impedance
· Ferrite magnet
· Paper cone
## SPECIFICATIONS
· Input Power: 10-30 W
· Impedance (at 0.8 kHz, 1.0 V): 6.8-9.2 Ω
· Resonant Frequency (Fo, at 1.0 V): 52-78 Hz
· Frequency Response: 10,000 Hz
· Sound Pressure Level (at 1.0 W, 50 cm): 87-93 dB
· Dimensions: Ø210 x 86 mm
· Magnet: Ferrite
· Cone Material: Paper
· Terminals: Solder eyelets
· Operating Temperature: -25 to 70 °C
· RoHS Compliant
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.8 mm
## FREQUENCY RESPONSE CURVE
· Potentiometer Range: 50 dB
· Lower Limit Frequency: 20 Hz
· Zero Level: 60 dB
## REVISION HISTORY
· 1.0 (01/20/2003): Initial release
· 1.01 (02/10/2021): Brand update
· 1.02 (08/05/2022): Logo and datasheet style update
## WARRANTY & DISCLAIMERS
· One (1) year limited warranty
· Subject to change without notice
· Not authorized for use as critical components in life support devices
| Part No. | GF2002 |
| Manufacturer | CUID |
| Size | 1Mb |
| Pages | 3 pages |
| Description | SPEAKER |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |