| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSTCV40M0X51Q-R0 Datasheet
# Example questions:
➢ What dimensions are specified for the length and width of this smd resonator?
➢ How many units of cstcv40m0x51q-r0 are included in a standard packing quantity?
➢ What is the maximum frequency tolerance for this ceramic resonator?
# CSTCV40M0X51Q-R0
## General Information
️· Datasheet may be outdated; check Murata's website for the latest version: [http://www.murata.com/en/products/productdetail?partno=CSTCV40M0X51Q-R0](http://www.murata.com/en/products/productdetail?partno=CSTCV40M0X51Q-R0)
️· Specifications are subject to change or discontinuation without notice. Consult Murata representatives before ordering.
️· Datasheet contains typical specifications only. Refer to product specifications or approval sheets for detailed information.
️· Last updated: 03/04/2024
## Applications
️· Suitable for: Automotive powertrain/safety equipment.
️· Unsuitable for: Specific applications require reading and complying with "Precautions for use."
## Packaging
️· Standard Packing Quantity: 2000 pieces per 180mm Embossed Tape (R0)
## Features
️· Chip CERALOCK with frequency adjustment and package technology.
️· High reliability and wide temperature range.
️· No external load capacitors required for oscillation circuits.
️· Wide frequency range availability.
️· Small size and low profile.
️· No adjustment necessary for oscillation circuits.
## Specifications
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCV\_X\_Q
️· Frequency: 40.000MHz
️· Frequency Tolerance: +/-0.50% max.
️· Operating Temperature Range: -40℃~125℃
️· Frequency Shift by Temperature: +/-0.30% max.
️· Frequency Aging: +/-0.10% max.
️· Resonant Impedance (R1): 40ohm max.
️· Built-in Load Capacitance (CL1/CL2): 5pF
️· Shape: SMD
️· Wash: Available
️· Dimensions (L x W): 3.7x3.1mm
️· Mass: 97mg
# CSTCV40M0X51Q-R0
## General Information
️· Datasheet may be outdated; check Murata's website for the latest version: [http://www.murata.com/en/products/productdetail?partno=CSTCV40M0X51Q-R0](http://www.murata.com/en/products/productdetail?partno=CSTCV40M0X51Q-R0)
️· Specifications are subject to change or discontinuation without notice. Consult Murata representatives before ordering.
️· Datasheet contains typical specifications only. Refer to product specifications or approval sheets for detailed information.
️· Last updated: 03/04/2024
## Applications
️· Suitable for: Automotive powertrain/safety equipment.
️· Unsuitable for: Specific applications require reading and complying with "Precautions for use."
## Packaging
️· Standard Packing Quantity: 2000 pieces per 180mm Embossed Tape (R0)
## Features
️· Chip CERALOCK with frequency adjustment and package technology.
️· High reliability and wide temperature range.
️· No external load capacitors required for oscillation circuits.
️· Wide frequency range availability.
️· Small size and low profile.
️· No adjustment necessary for oscillation circuits.
## Specifications
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCV\_X\_Q
️· Frequency: 40.000MHz
️· Frequency Tolerance: +/-0.50% max.
️· Operating Temperature Range: -40℃~125℃
️· Frequency Shift by Temperature: +/-0.30% max.
️· Frequency Aging: +/-0.10% max.
️· Resonant Impedance (R1): 40ohm max.
️· Built-in Load Capacitance (CL1/CL2): 5pF
️· Shape: SMD
️· Wash: Available
️· Dimensions (L x W): 3.7x3.1mm
️· Mass: 97mg
| Part No. | CSTCV40M0X51Q-R0 |
| Manufacturer | MURATA1 |
| Size | 327 Kbytes |
| Pages | 2 pages |
| Description | Crystal Units/MEMS Resonators |