| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STD10P10F6 Datasheet
# Example questions:
➢ What is the range of acceptable storage temperatures for the isf1148 mosfet?
➢ How does the thermal resistance from junction to case impact heat dissipation in this mosfet?
➢ What is the maximum allowable drain current under continuous operating conditions?
# ISF1148 / STD10P10F6 P-Channel MOSFET Transistor
## Features
· Drain Current: ID = -10A @ TC = 25°C
· Drain-Source Voltage: VDSS = -100V (Min)
· Static Drain-Source On-Resistance: RDS(on) = 0.18Ω (Max) @ VGS = -10V
· Fast-recovery body diode
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | -100 | V |
| VGS | Gate-Source Voltage-Continuous | ±20 | V |
| ID | Drain Current-Continuous | -10 | A |
| IDM | Drain Current-Single Pulse (tp ≤ 10µs) | -40 | A |
| PD | Total Dissipation @ TC=25℃ | 40 | W |
| TJ | Max. Operating Junction Temperature | 175 | °C |
| Tstg | Storage Temperature | -55~175 | °C |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rthj-c | Thermal Resistance, Junction to Case | 3.75 | °C/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYP | MAX | UNIT |
|---|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS=0V, ID=-0.25mA | -100 | - | - | V |
| IDSS | Zero Gate Voltage Drain Current | VDS=-100V, VGS=0V | - | - | -1 | uA |
| IGSS | Gate-Body Leakage Current | VGS= ±20V, VDS=0V | - | - | ±100 | nA |
| VGS(th) | Gate Threshold Voltage | VDS=VGS, ID=-0.25mA | -2.0 | - | -4.0 | V |
| RDS(on) | Drain-Source On-Resistance | VGS=-10V, ID=-5A | - | - | 0.18 | Ω |
| VSD | Diode Forward Voltage | ISD=-5A, VGS=0V | - | - | -1.1 | V |
# ISF1148 / STD10P10F6 P-Channel MOSFET Transistor
## Features
· Drain Current: ID = -10A @ TC = 25°C
· Drain-Source Voltage: VDSS = -100V (Min)
· Static Drain-Source On-Resistance: RDS(on) = 0.18Ω (Max) @ VGS = -10V
· Fast-recovery body diode
## Absolute Maximum Ratings
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | -100 | V |
| VGS | Gate-Source Voltage-Continuous | ±20 | V |
| ID | Drain Current-Continuous | -10 | A |
| IDM | Drain Current-Single Pulse (tp ≤ 10µs) | -40 | A |
| PD | Total Dissipation @ TC=25℃ | 40 | W |
| TJ | Max. Operating Junction Temperature | 175 | °C |
| Tstg | Storage Temperature | -55~175 | °C |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rthj-c | Thermal Resistance, Junction to Case | 3.75 | °C/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYP | MAX | UNIT |
|---|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS=0V, ID=-0.25mA | -100 | - | - | V |
| IDSS | Zero Gate Voltage Drain Current | VDS=-100V, VGS=0V | - | - | -1 | uA |
| IGSS | Gate-Body Leakage Current | VGS= ±20V, VDS=0V | - | - | ±100 | nA |
| VGS(th) | Gate Threshold Voltage | VDS=VGS, ID=-0.25mA | -2.0 | - | -4.0 | V |
| RDS(on) | Drain-Source On-Resistance | VGS=-10V, ID=-5A | - | - | 0.18 | Ω |
| VSD | Diode Forward Voltage | ISD=-5A, VGS=0V | - | - | -1.1 | V |
| Part No. | STD10P10F6 |
| Manufacturer | ISC |
| Size | 341 Kbytes |
| Pages | 2 pages |
| Description | P-Channel MOSFET Transistor |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |