Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

101-TS7311T1601-EV Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 101-TS7311T1601-EV Datasheet

  • # Example questions: ➢ What is the electrical life expectancy, in cycles, for this tactile switch?
    ➢ What is the maximum vertical static load this tactile switch can withstand continuously?
    ➢ What materials are used for the cover and base of this tactile switch?

  • Part No.101-TS7311T1601-EV
    ManufacturerETC2
    Size147 Kbytes
    Pages1 page
    DescriptionTactile Switches
    Datasheet Summary with AI

    # Tactile Switches (101-TS7311T160x-EV Series)

    ## General Information

    ️· Part Numbers: 101-TS7311T1601-EV, 101-TS7311T1602-EV, 101-TS7311T1603-EV, 101-TS7311T1606-EV, 101-TS7311T1607-EV
    ️· Availability: Available from Mouser Electronics
    ️· Compliance: RoHS Compliant
    ️· Solder Compatibility: Compatible with 260° solder
    ️· Last Update: December 7, 5035
    ️· Website: www.mouser.com
    ️· Contact: 1-800-346-6873

    ## Mechanical Specifications

    ️· Type: SPST
    ️· Operation Force: 160 ±50gf
    ️· Stop Strength: Max. 3kgf vertical static load continuously for 15 seconds
    ️· Stroke: 0.25+0.2mm/-0.1mm (6x6)
    ️· Operating Temperature: -25°C to +70°C
    ️· Storage Temperature: -30°C to +80°C

    ## Electrical Specifications

    ️· Electrical Life: 1,000,000 cycles
    ️· Rating: 50mA/12VDC
    ️· Contact Resistance: 100M Ohm max.
    ️· Insulation Resistance: 100M Ohm min. at 500VDC
    ️· Dielectric Strength: 250VAC/ minute

    ## Materials

    ️· Cover: Steel
    ️· Base: UL94V-O Nylon Thermoplastic (black)
    ️· Stem: UL94V-O Nylon Thermoplastic (brown)
    ️· Contact Disc: Phosphor Bronze with Silver Cladding
    ️· Terminal: Brass with Silver Cladding

    ## Dimensions (mm/Inches) - Height (H) and (I)

    Mouser Stock No. (H) Height mm (In.) (I) mm (In.)
    101-TS7311T1607-EV 13.0 (.512) .6 (.0236) Max.
    101-TS7311T1606-EV 9.5 (.374) .6 (.0236) Max.
    101-TS7311T1603-EV 7.0 (.275) .6 (.0236) Max.
    101-TS7311T1602-EV 5.0 (.197) .6 (.0236) Max.
    101-TS7311T1601-EV 4.3 (.169) .5 (.0197) Max.

    Note: Specifications are subject to change without notice.

    # Tactile Switches (101-TS7311T160x-EV Series)

    ## General Information

    ️· Part Numbers: 101-TS7311T1601-EV, 101-TS7311T1602-EV, 101-TS7311T1603-EV, 101-TS7311T1606-EV, 101-TS7311T1607-EV
    ️· Availability: Available from Mouser Electronics
    ️· Compliance: RoHS Compliant
    ️· Solder Compatibility: Compatible with 260° solder
    ️· Last Update: December 7, 5035
    ️· Website: www.mouser.com
    ️· Contact: 1-800-346-6873

    ## Mechanical Specifications

    ️· Type: SPST
    ️· Operation Force: 160 ±50gf
    ️· Stop Strength: Max. 3kgf vertical static load continuously for 15 seconds
    ️· Stroke: 0.25+0.2mm/-0.1mm (6x6)
    ️· Operating Temperature: -25°C to +70°C
    ️· Storage Temperature: -30°C to +80°C

    ## Electrical Specifications

    ️· Electrical Life: 1,000,000 cycles
    ️· Rating: 50mA/12VDC
    ️· Contact Resistance: 100M Ohm max.
    ️· Insulation Resistance: 100M Ohm min. at 500VDC
    ️· Dielectric Strength: 250VAC/ minute

    ## Materials

    ️· Cover: Steel
    ️· Base: UL94V-O Nylon Thermoplastic (black)
    ️· Stem: UL94V-O Nylon Thermoplastic (brown)
    ️· Contact Disc: Phosphor Bronze with Silver Cladding
    ️· Terminal: Brass with Silver Cladding

    ## Dimensions (mm/Inches) - Height (H) and (I)

    Mouser Stock No. (H) Height mm (In.) (I) mm (In.)
    101-TS7311T1607-EV 13.0 (.512) .6 (.0236) Max.
    101-TS7311T1606-EV 9.5 (.374) .6 (.0236) Max.
    101-TS7311T1603-EV 7.0 (.275) .6 (.0236) Max.
    101-TS7311T1602-EV 5.0 (.197) .6 (.0236) Max.
    101-TS7311T1601-EV 4.3 (.169) .5 (.0197) Max.

    Note: Specifications are subject to change without notice.

    Part No.101-TS7311T1601-EV
    ManufacturerETC2
    Size147 Kbytes
    Pages1 page
    DescriptionTactile Switches