Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHS.1F.303.CLC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PHS.1F.303.CLC Datasheet

  • # Example questions: ➢ What is the maximum current this connector is rated to handle?
    ➢ What is the specified ip rating for environmental sealing, and what does this indicate about its protection against dust and water?
    ➢ What cable jacket diameters are compatible with this connector, according to the specifications?

  • Part No.PHS.1F.303.CLC
    ManufacturerLEMO
    Size115 Kbytes
    Pages4 pages
    DescriptionF - Rugged Push-Pull
    Datasheet Summary with AI

    # PHS.1F.303.CLC - Rugged Push-Pull Connector

    ## Summary

    ️· Part Number: PHS.1F.303.CLC
    ️· Series: F - Rugged Push-Pull
    ️· Size: 1F
    ️· Locking System: Push-pull
    ️· Gender: Reverse Gender
    ️· Socket/Receptacle: Socket/Receptacle - Free
    ️· Suggested Matching Part: FGS.1F.303.CLM
    ️· Cable Jacket Diameter: 3.80 - 10.70 mm
    ️· Weight: 7.07 g

    ## Technical Details

    Electrical Configuration

    ️· Contact Termination: Low voltage Crimp
    ️· Rated Current: 12 A
    ️· Voltage Testing:
    - Contact-Contact: 1600 V (AC), 2250 V (DC)
    - Contact-Shell: 1850 V (AC), 2600 V (DC)
    ️· Contact Retention: 40 N
    ️· Conductor Size: 0.5 - 1 mm² (AWG 20-18)
    ️· Number of Contacts: 3 (Low Voltage)
    ️· Contact Diameter: 1.3 mm
    ️· Bucket Diameter: 1.4 mm

    Form & Material

    ️· Shell Style: Straight receptacle
    ️· Material: Brass (chrome plated)
    ️· Keying: 3 keys (beta=155, gamma=50)

    Environmental

    ️· Technical Domains: Motorsport, Security and Defence
    ️· IP Rating: IP67
    ️· Mating Cycles: 5000
    ️· Temperature Range: -55°C / +200°C
    ️· Shock Resistance: 100 g (6 ms)
    ️· Vibration Resistance: 15 g (10 Hz - 2000 Hz)
    ️· Salt Spray Corrosion: >1000 hr

    ## Dimensions

    ️· B: 10.7 mm / 0.42 in
    ️· L: 26.7 mm / 1.05 in
    ️· A: 14 mm / 0.55 in
    ️· X: 8 mm / 0.31 in

    ## Accessories & Tools

    ️· Replacement Contact: FGN.1F.565.ZZC
    ️· Compatible Cap: BRF.1F.200.XAV
    ️· Positioner: DCE.91.131.FVC
    ️· Extraction Tool: DCF.93.131.4LT
    ️· Crimp Tool: DPC.91.701.V

    ## Cables

    ️· A variety of cables are available with materials including PVC and TPR (medical grade). See the full list on the LEMO website for specific part numbers and colors.

    # PHS.1F.303.CLC - Rugged Push-Pull Connector

    ## Summary

    ️· Part Number: PHS.1F.303.CLC
    ️· Series: F - Rugged Push-Pull
    ️· Size: 1F
    ️· Locking System: Push-pull
    ️· Gender: Reverse Gender
    ️· Socket/Receptacle: Socket/Receptacle - Free
    ️· Suggested Matching Part: FGS.1F.303.CLM
    ️· Cable Jacket Diameter: 3.80 - 10.70 mm
    ️· Weight: 7.07 g

    ## Technical Details

    Electrical Configuration

    ️· Contact Termination: Low voltage Crimp
    ️· Rated Current: 12 A
    ️· Voltage Testing:
    - Contact-Contact: 1600 V (AC), 2250 V (DC)
    - Contact-Shell: 1850 V (AC), 2600 V (DC)
    ️· Contact Retention: 40 N
    ️· Conductor Size: 0.5 - 1 mm² (AWG 20-18)
    ️· Number of Contacts: 3 (Low Voltage)
    ️· Contact Diameter: 1.3 mm
    ️· Bucket Diameter: 1.4 mm

    Form & Material

    ️· Shell Style: Straight receptacle
    ️· Material: Brass (chrome plated)
    ️· Keying: 3 keys (beta=155, gamma=50)

    Environmental

    ️· Technical Domains: Motorsport, Security and Defence
    ️· IP Rating: IP67
    ️· Mating Cycles: 5000
    ️· Temperature Range: -55°C / +200°C
    ️· Shock Resistance: 100 g (6 ms)
    ️· Vibration Resistance: 15 g (10 Hz - 2000 Hz)
    ️· Salt Spray Corrosion: >1000 hr

    ## Dimensions

    ️· B: 10.7 mm / 0.42 in
    ️· L: 26.7 mm / 1.05 in
    ️· A: 14 mm / 0.55 in
    ️· X: 8 mm / 0.31 in

    ## Accessories & Tools

    ️· Replacement Contact: FGN.1F.565.ZZC
    ️· Compatible Cap: BRF.1F.200.XAV
    ️· Positioner: DCE.91.131.FVC
    ️· Extraction Tool: DCF.93.131.4LT
    ️· Crimp Tool: DPC.91.701.V

    ## Cables

    ️· A variety of cables are available with materials including PVC and TPR (medical grade). See the full list on the LEMO website for specific part numbers and colors.

    Part No.PHS.1F.303.CLC
    ManufacturerLEMO
    Size115 Kbytes
    Pages4 pages
    DescriptionF - Rugged Push-Pull
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com