| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PHS.1F.307.XLC Datasheet
# Example questions:
➢ What is the maximum current that can be safely passed through this connector?
➢ What is the ip rating of this connector, and what level of environmental protection does it provide?
➢ What wire gauge range is compatible with this connector, according to the specification?
# PHS.1F.307.XLC
## Summary
️· Part Number: PHS.1F.307.XLC
️· Series: F - Rugged Push-Pull
️· Contacts: 7 Low Voltage
️· Wire Size/AWG: 26 - 22
️· Gender: Reverse Gender
️· Locking System: Push-pull
️· Socket/Receptacle: Free
️· Jacket Cable Outside Diameter: 3.80 - 10.70 mm
️· Size: 1F
️· Suggested Matching Part: FGS.1F.307.XLM
## Technical Details
️· Electrical Configuration:
- Contact Termination: Low voltage Crimp
- Rated Current: 7 A
- Vtest (Contact-Contact): 1450 V (AC), 2050 V (DC)
- Vtest (Contact-Shell): 1450 V (AC), 2050 V (DC)
- Contact Retention: 22 N
️· Material:
- Aluminum (nickel plated) shell and nut, bronze/brass other pieces
️· Keying: 3 keys
️· Colour: Grey
️· Weight: 7.01 g
## Environment
️· Technical Domain: Motorsport, Security and Defence
️· Environmental Sealing (IP Rating): IP67
️· Endurance: 1000 mating cycles
️· Temperature Range: -15°C / +200°C
️· Shock Resistance: 100 g
️· Vibration: 30 g [10 Hz - 2000 Hz]
## Cable Fixation
️· Fixation Type: Cable collet
️· Cable Termination Protection: Heatshrink
## Dimensions
️· B: 10.7 mm (0.42 in)
️· L: 26.7 mm (1.05 in)
️· A: 14 mm (0.55 in)
️· X: 8 mm (0.31 in)
## Recommended Accessories & Tools
️· Replacement Contact: FGG.0B.555.ZZC
️· Compatible Cap: BRF.1F.200.XAV
️· Positionner: DCE.91.070.BVC
️· Extraction Tool: DCF.93.070.4LT
️· Crimp Tool: DPC.91.701.V
## Compatible Cables
️· CMN.07.T28.044PGZE (Grey)
️· CMN.07.T28.044PNZE
️· 270250 PVC Grey
️· 70140 PVC Grey
️· 717920 PVC Grey
️· CTR.75.030.121875G PVC Grey
# PHS.1F.307.XLC
## Summary
️· Part Number: PHS.1F.307.XLC
️· Series: F - Rugged Push-Pull
️· Contacts: 7 Low Voltage
️· Wire Size/AWG: 26 - 22
️· Gender: Reverse Gender
️· Locking System: Push-pull
️· Socket/Receptacle: Free
️· Jacket Cable Outside Diameter: 3.80 - 10.70 mm
️· Size: 1F
️· Suggested Matching Part: FGS.1F.307.XLM
## Technical Details
️· Electrical Configuration:
- Contact Termination: Low voltage Crimp
- Rated Current: 7 A
- Vtest (Contact-Contact): 1450 V (AC), 2050 V (DC)
- Vtest (Contact-Shell): 1450 V (AC), 2050 V (DC)
- Contact Retention: 22 N
️· Material:
- Aluminum (nickel plated) shell and nut, bronze/brass other pieces
️· Keying: 3 keys
️· Colour: Grey
️· Weight: 7.01 g
## Environment
️· Technical Domain: Motorsport, Security and Defence
️· Environmental Sealing (IP Rating): IP67
️· Endurance: 1000 mating cycles
️· Temperature Range: -15°C / +200°C
️· Shock Resistance: 100 g
️· Vibration: 30 g [10 Hz - 2000 Hz]
## Cable Fixation
️· Fixation Type: Cable collet
️· Cable Termination Protection: Heatshrink
## Dimensions
️· B: 10.7 mm (0.42 in)
️· L: 26.7 mm (1.05 in)
️· A: 14 mm (0.55 in)
️· X: 8 mm (0.31 in)
## Recommended Accessories & Tools
️· Replacement Contact: FGG.0B.555.ZZC
️· Compatible Cap: BRF.1F.200.XAV
️· Positionner: DCE.91.070.BVC
️· Extraction Tool: DCF.93.070.4LT
️· Crimp Tool: DPC.91.701.V
## Compatible Cables
️· CMN.07.T28.044PGZE (Grey)
️· CMN.07.T28.044PNZE
️· 270250 PVC Grey
️· 70140 PVC Grey
️· 717920 PVC Grey
️· CTR.75.030.121875G PVC Grey
| Part No. | PHS.1F.307.XLC |
| Manufacturer | LEMO |
| Size | 142 Kbytes |
| Pages | 4 pages |
| Description | F - Rugged Push-Pull |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |