| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TC74ACT280P Datasheet
# Example questions:
➢ What is the maximum propagation delay time (tphl) under typical conditions (ta = 25°c)?
➢ Is the package with a weight of 0.12g available in japan according to the datasheet?
➢ What is the typical operating supply voltage range for the tc74act280p chip?
# TC74ACT280P/F/FN 9-Bit Parity Generator/Checker
## Overview
This document details the TC74ACT280P/F/FN, a high-speed CMOS 9-bit parity generator/checker, fabricated using silicon gate and double-layer metal wiring technology. It’s compatible with TTL, NMOS and CMOS logic levels, and can be used as a level converter.
## Features
· High Speed: tpd = 9.2 ns (typ.) at VCC = 5V
· Low Power Dissipation: ICC = 8 μA (max) at Ta = 25°C
· TTL Compatible: VIL = 0.8V (max), VIH = 2.0V (min)
· Symmetrical Output Impedance: |IOH| = IOL = 24mA (min), drives 50Ω lines
· Balanced Propagation Delays
· Pin and Function Compatible with 74F280
## Pin Assignment
· Standard DIP, SOP, and SOL packages available.
## Truth Table
· Σ EVEN is high when an even number of inputs (A-I) are high.
· Σ ODD is high when an odd number of inputs (A-I) are high.
## Electrical Characteristics
· Supply Voltage (VCC): 4.5 to 5.5V
· Operating Temperature (Topr): −40 to 85°C
· High-Level Input Voltage (VIH): 2.0V (typ.)
· Low-Level Input Voltage (VIL): 0.8V (max)
· Quiescent Supply Current (ICC): 8 μA (max)
## Package Dimensions & Weight
· DIP: 0.96g (typ.)
· SOP: 0.18g (typ.)
· SOL: 0.12g (typ.)
## Restrictions
· Information subject to change.
· Not for use in applications where malfunction could cause loss of life or bodily injury.
· Compliance with all applicable laws and regulations is required.
# TC74ACT280P/F/FN 9-Bit Parity Generator/Checker
## Overview
This document details the TC74ACT280P/F/FN, a high-speed CMOS 9-bit parity generator/checker, fabricated using silicon gate and double-layer metal wiring technology. It’s compatible with TTL, NMOS and CMOS logic levels, and can be used as a level converter.
## Features
· High Speed: tpd = 9.2 ns (typ.) at VCC = 5V
· Low Power Dissipation: ICC = 8 μA (max) at Ta = 25°C
· TTL Compatible: VIL = 0.8V (max), VIH = 2.0V (min)
· Symmetrical Output Impedance: |IOH| = IOL = 24mA (min), drives 50Ω lines
· Balanced Propagation Delays
· Pin and Function Compatible with 74F280
## Pin Assignment
· Standard DIP, SOP, and SOL packages available.
## Truth Table
· Σ EVEN is high when an even number of inputs (A-I) are high.
· Σ ODD is high when an odd number of inputs (A-I) are high.
## Electrical Characteristics
· Supply Voltage (VCC): 4.5 to 5.5V
· Operating Temperature (Topr): −40 to 85°C
· High-Level Input Voltage (VIH): 2.0V (typ.)
· Low-Level Input Voltage (VIL): 0.8V (max)
· Quiescent Supply Current (ICC): 8 μA (max)
## Package Dimensions & Weight
· DIP: 0.96g (typ.)
· SOP: 0.18g (typ.)
· SOL: 0.12g (typ.)
## Restrictions
· Information subject to change.
· Not for use in applications where malfunction could cause loss of life or bodily injury.
· Compliance with all applicable laws and regulations is required.
| Part No. | TC74ACT280P |
| Manufacturer | TOSHIBA |
| Size | 365 Kbytes |
| Pages | 9 pages |
| Description | CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker |