Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDCS502 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CDCS502 Datasheet

  • # Example questions: ➢ What is the maximum height of the cdcs502pwr tssop package, according to the provided documentation?
    ➢ What is the recommended reel diameter for the cdcs502pwr when shipped in tape and reel format?
    ➢ What jedec registration number applies to the pw0008a tssop package?

  • Part No.CDCS502
    ManufacturerTI2
    Size574 Kbytes
    Pages14 pages
    DescriptionCrystal Oscillator / Clock Generator with optional SSC
    Datasheet Summary with AI

    # CDCS502 Crystal Oscillator / Clock Generator

    ## Features

    ️· Consumer and Industrial Applications
    ️· Selectable Output Frequency & SSC
    ️· Frequency Multiplication (x1 or x4)
    ️· 3.3V Operation
    ️· Wide Temperature Range (-40°C to 85°C)
    ️· Low Power Consumption
    ️· 8-Pin TSSOP Package

    ## Description

    The CDCS502 is a spread spectrum capable, fundamental mode crystal oscillator with selectable frequency multiplication. It accepts crystals from 8MHz to 32MHz. It features an advanced gain controlled fundamental mode crystal oscillator stage with built-in load capacitance (10pF). It operates in 3.3V and has a wide temperature range.

    ## Function Table

    FS SSC_SEL 0 SSC_SEL 1 SSC Amount fOUT/fIN fOUT at fIN=27 MHz
    0 0 0 ±0.00% 1 27 MHz
    0 0 1 ±0.50% 1 27 MHz
    0 1 0 ±1.00% 1 27 MHz
    0 1 1 ±2.00% 1 27 MHz
    1 0 0 ±0.00% 4 108 MHz
    1 0 1 ±0.50% 4 108 MHz
    1 1 0 ±1.00% 4 108 MHz
    1 1 1 ±2.00% 4 108 MHz

    ## Pin Functions

    ️· XIN: Crystal Input
    ️· XOUT: Crystal Output
    ️· OUT: LVCMOS Clock Output
    ️· SSC_SEL 0, 1: Spread Selection Pins
    ️· FS: Frequency Multiplication Selection
    ️· VDD: 3.3V Power Supply
    ️· GND: Ground

    ## Absolute Maximum Ratings

    ️· VDD: -0.5 to 4.6V
    ️· Operating Temperature: -40°C to 85°C

    ## Package Information

    ️· 8-Pin TSSOP
    ️· Detailed dimensions and layout examples are available in the datasheet.

    # CDCS502 Crystal Oscillator / Clock Generator

    ## Features

    ️· Consumer and Industrial Applications
    ️· Selectable Output Frequency & SSC
    ️· Frequency Multiplication (x1 or x4)
    ️· 3.3V Operation
    ️· Wide Temperature Range (-40°C to 85°C)
    ️· Low Power Consumption
    ️· 8-Pin TSSOP Package

    ## Description

    The CDCS502 is a spread spectrum capable, fundamental mode crystal oscillator with selectable frequency multiplication. It accepts crystals from 8MHz to 32MHz. It features an advanced gain controlled fundamental mode crystal oscillator stage with built-in load capacitance (10pF). It operates in 3.3V and has a wide temperature range.

    ## Function Table

    FS SSC_SEL 0 SSC_SEL 1 SSC Amount fOUT/fIN fOUT at fIN=27 MHz
    0 0 0 ±0.00% 1 27 MHz
    0 0 1 ±0.50% 1 27 MHz
    0 1 0 ±1.00% 1 27 MHz
    0 1 1 ±2.00% 1 27 MHz
    1 0 0 ±0.00% 4 108 MHz
    1 0 1 ±0.50% 4 108 MHz
    1 1 0 ±1.00% 4 108 MHz
    1 1 1 ±2.00% 4 108 MHz

    ## Pin Functions

    ️· XIN: Crystal Input
    ️· XOUT: Crystal Output
    ️· OUT: LVCMOS Clock Output
    ️· SSC_SEL 0, 1: Spread Selection Pins
    ️· FS: Frequency Multiplication Selection
    ️· VDD: 3.3V Power Supply
    ️· GND: Ground

    ## Absolute Maximum Ratings

    ️· VDD: -0.5 to 4.6V
    ️· Operating Temperature: -40°C to 85°C

    ## Package Information

    ️· 8-Pin TSSOP
    ️· Detailed dimensions and layout examples are available in the datasheet.

    Part No.CDCS502
    ManufacturerTI2
    Size574 Kbytes
    Pages14 pages
    DescriptionCrystal Oscillator / Clock Generator with optional SSC