Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2102 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STE2102 Datasheet

  • # Example questions: ➢ How does the on-chip otp (smart otp) contribute to the calibration and tuning process for this display controller?
    ➢ What are the voltage ranges required for the logic supply, interface/control signals, and high voltage generator to operate the ste2102?
    ➢ What display resolutions does the ste2102 support, and what color depths are available?

  • Part No.STE2102
    ManufacturerSTMICROELECTRONICS
    Size41 Kbytes
    Pages4 pages
    Description240x320RGB single-chip true 262K colors ramless LCD controller/driver
    Datasheet Summary with AI

    # STE2102 LCD Controller/Driver

    ## Features
    · Display matrix: 240 x 320RGB
    · Color modes: 8 colors & 262K colors
    · Interfaces:
    - I2C, 3-line SPI, 9-bit Serial, 4-line SPI
    - 16/18Bit RGB, 8Bit YCrCb 4:2:2
    · Supply Voltages:
    - Logic: 1.5 - 1.95V
    - Interface/Control: 1.5 - 3.6V
    - High Voltage Generator: 2.2 - 3.6V
    · TFT Structures: Cap-on-common, Cap-on-Gate
    · On-chip calibration with OTP cells

    ## Description
    The STE2102 is a low-power, single-chip TFT controller/driver designed for 240x320 RGB displays. It integrates gate/source drivers, voltage generators, and supports both Cap-on-CE and Cap-On-Gate panels. Features include a high-speed RGB interface, a digital video interface, and various serial interfaces for configuration.

    ## Key Benefits
    · Drives panel sizes up to 4"

    · Low power consumption (~6mA at 3.5” panel)
    · Reduced external component count
    · Integrated OTP for calibration & tuning
    · Supports various application types (portable multimedia, digital still camera, printers, etc.)

    ## Ordering Information
    · STE2102D3: Bumped Dice on Waffle Pack

    ## Revision History
    · Rev 1: Initial Release (December 2006)

    # STE2102 LCD Controller/Driver

    ## Features
    · Display matrix: 240 x 320RGB
    · Color modes: 8 colors & 262K colors
    · Interfaces:
    - I2C, 3-line SPI, 9-bit Serial, 4-line SPI
    - 16/18Bit RGB, 8Bit YCrCb 4:2:2
    · Supply Voltages:
    - Logic: 1.5 - 1.95V
    - Interface/Control: 1.5 - 3.6V
    - High Voltage Generator: 2.2 - 3.6V
    · TFT Structures: Cap-on-common, Cap-on-Gate
    · On-chip calibration with OTP cells

    ## Description
    The STE2102 is a low-power, single-chip TFT controller/driver designed for 240x320 RGB displays. It integrates gate/source drivers, voltage generators, and supports both Cap-on-CE and Cap-On-Gate panels. Features include a high-speed RGB interface, a digital video interface, and various serial interfaces for configuration.

    ## Key Benefits
    · Drives panel sizes up to 4"
    · Low power consumption (~6mA at 3.5” panel)
    · Reduced external component count
    · Integrated OTP for calibration & tuning
    · Supports various application types (portable multimedia, digital still camera, printers, etc.)

    ## Ordering Information
    · STE2102D3: Bumped Dice on Waffle Pack

    ## Revision History
    · Rev 1: Initial Release (December 2006)

    Part No.STE2102
    ManufacturerSTMICROELECTRONICS
    Size41 Kbytes
    Pages4 pages
    Description240x320RGB single-chip true 262K colors ramless LCD controller/driver